Part Number Hot Search : 
BZX82B36 C3117 PSDPRO PVT212S LV800 UC384 PVT212S HAT1025R
Product Description
Full Text Search
 

To Download BAS21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
High Voltage Switching. FEATURES
High Reliability. Small surface mounting type (SOT-23).
2 L E B
BAS21
SILICON EPITAXIAL PLANAR DIODE
L
DIM A
D
B C D E G H J
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
3
A
G H
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Continuous Forward Current Surge Current (10mS) Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VRM VR IF IFSM PD Tj Tstg RATING 300 250 250 2 250* mW 300** 150 -55150 E E UNIT V
C N
P P
K L M N P
V mA A
1. NC 2. ANODE 3. CATHODE
M
K
J
3
2
1
SOT-23
* Note1 : Package Mounted On FR-5 Board (25.4 19.05 1.57mm) ** Note2 : Package Mounted On 99.5% Alumina (10 8 0.6mm)
Marking
Type Name
Lot No.
H9
ELECTRICAL CHARACTERISTICS (Ta=25E
CHARACTERISTIC Forward Voltage Reverse Current Total Capacitance Reverse Recovery Time
)
TEST CONDITION IF=150mA VR=250V VR=300V VR=0V, f=1MHz IR=30mA, IF=30mA MIN. TYP. MAX. 1.25 0.2 100 3 100 UNIT V i A pF nS
SYMBOL VF IR(1) IR(2) CT trr
2009. 1. 23
Revision No : 1
1/2
BAS21
I F - VF
10 5 10
4
IR - VR
100 REVERSE CURRENT I R (nA)
Ta=25 C
Ta=25 C
FORWARD CURRENT I F (A)
10 3 10 2 10 1 0.1 0.01 0.001 0.0001 0 200 400 600 800 1000 1200
10
1
0.1
0
50
100
150
200
250
300
FORWARD VOLTAGE VF (mV)
REVERSE VOLTAGE VR (V)
C T - VR
TERMINAL CAPACITANCE C T (pF) 1.5 1.4 1.3 1.2 1.1 1.0
f=1MHz Ta=25 C
0
10
20
30
REVERSE VOLTAGE VR (V)
2009. 1. 23
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of BAS21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X