Part Number Hot Search : 
MA2C774 RFR3806 SSD20 MD1123 VA25X BDR2G 0EP16 MC529
Product Description
Full Text Search
 

To Download BAR65-03W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon RF Switching Diode BAR65-03W
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
Low loss, low capacitance PIN-diode
+0.1 2.6-0.1
1.0max
Band switch for TV-tuners Series diode for mobile communications transmit-receive switch
0.475 0.375
Absolute M axim um Ratings Ta = 25
Param eter Diode reverse voltage Forward current Operating tem perature range Storage tem perature range Sym bol VR IF Top Tstg Value 30 100 -55 to +125 -55 to +150 Unit V mA
Electrical Characteristics Ta = 25
Parameter Reverse current Forward voltage Diode capacitance Symbol IR VF CT Conditions VR = 20 V, TA = 25 IF = 100 mA VR = 1 V, f = 1 MHz VR = 3 V, f = 1 MHz Forward resistance Series inductance rf Ls IF = 5 mA, f = 100 MHz IF = 10 mA, f = 100 MHz 0.93 0.6 0.57 0.65 0.56 1.8 Min Typ Max 20 1 0.9 0.8 0.95 0.9 nH Unit nA V pF
Marking
Marking blue M
+0.05 0.1-0.02
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAR65-03W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X