Part Number Hot Search : 
C3216X HD66002 RM809024 KS1453 80N04 43N10 24N40 21M10
Product Description
Full Text Search
 

To Download B048T096T24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B048F096T24 B048F096M24
V*I
BCMTM
Bus Converter
* 48 V to 9.6 V V*I ChipTM Converter * 240 Watt (360 Watt for 1 ms) * High density - 813 W/in3 * Small footprint - 210 W/in2 * Low weight - 0.5 oz (15 g) * ZVS / ZCS isolated Sine Amplitude Converter * Typical efficiency 96% * 125C operation (TJ) * <1 s transient response * 3.5 million hours MTBF * No output filtering required
(c)
Vin = 38 - 55 V Vout = 7.60 - 11.0 V Iout = 25 A K = 1/5 Rout = 12.0 m max
Product Description
The V*I Chip Bus Converter Module is a high efficiency (>96%), narrow input range Sine Amplitude Converter (SAC) operating from a 38 to 55 Vdc primary bus to deliver an isolated 7.60 V to 11.0 V secondary. The BCM may be used to power non-isolated POL converters or as an independent 7.60 - 11.0 V source. Due to the fast response time and low noise of the BCM, the need for limited life aluminum electrolytic or tantalum capacitors at the load is reduced--or eliminated--resulting in savings of board area, materials and total system cost. The BCM achieves a power density of 813 W/in3 in a V*I Chip package compatible with standard pick-andplace and surface mount assembly process. The V*I Chip package provides flexible thermal management through its low junction-to-board and junction-to-case thermal resistance. Owing to its high conversion efficiency and safe operating temperature range, the BCM does not require a discrete heat sink in typical applications. Low junction-to-case and junction-to-lead thermal impedances assure low junction temperatures and long life in the harshest environments.
Absolute Maximum Ratings
Parameter
+In to -In +In to -In PC to -In +Out to -Out Isolation voltage Output current Peak output current Output power Peak output power Case temperature Operating junction temperature Storage temperature Note:
(1) The referenced junction is defined as the semiconductor having the highest temperature. This temperature is monitored by a shutdown comparator.
(1)
Values
-1.0 to 60 100 -0.3 to 7.0 -0.5 to 16 2,250 31.5 37.5 240 360 225 -40 to 125 -55 to 125 -40 to 125 -65 to 125
Unit
Vdc Vdc Vdc Vdc Vdc A A W W C C C C C
Notes
For 100 ms
Input to output Continuous For 1 ms Continuous For 1 ms During reflow MSL 5 T-Grade M-Grade T-Grade M-Grade
Part Numbering
B
Bus Converter Module
048
Input Voltage Designator
F
096
Output Voltage Designator (=VOUT x10)
T
24
Output Power Designator (=POUT /10)
Configuration F = J-lead T = Through hole
Product Grade Temperatures (C) Grade Storage Operating (TJ) T -40 to125 -40 to125 M -65 to 125 -55 to 125
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 1 of 12
Specifications
Input (Conditions are at 48 Vin, full load, and 25C ambient unless otherwise specified)
Parameter
Input voltage range Input dV/dt Input undervoltage turn-on Input undervoltage turn-off Input overvoltage turn-on Input overvoltage turn-off Input quiescent current Inrush current overshoot Input current Input reflected ripple current No load power dissipation Internal input capacitance Internal input inductance Recommended external input capacitance
V*I Chip Bus Converter Module
Min
38
Typ
48
Max
55 1 38.0
Unit
Vdc V/s Vdc Vdc Vdc Vdc mA A Adc mA p-p W F nH F
Note
32.0 55.0 59.5 2.5 5.3 5.4 140 3.1 4.0 5 47 4.1
PC low Using test circuit in Figure 20; See Figure 1 Using test circuit in Figure 20; See Figure 4
200 nH maximum source inductance; See Figure 20
Input Waveforms
Figure 1 -- Inrush transient current at full load and 48 Vin with PC enabled
Figure 2 -- Output voltage turn-on waveform with PC enabled at full load and 48 Vin
Figure 3 -- Output voltage turn-on waveform with input turn-on at full load and 48 Vin
Figure 4 -- Input reflected ripple current at full load and 48 Vin
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 2 of 12
Specifications
(continued)
V*I Chip Bus Converter Module
Output (Conditions are at 48 Vin, full load, and 25C ambient unless otherwise specified)
Parameter
Output voltage Output power Rated DC current Peak repetitive power Current share accuracy Efficiency Half load Full load Internal output inductance Internal output capacitance Load capacitance Output overvoltage setpoint Output ripple voltage No external bypass 10 F bypass capacitor Short circuit protection set point Average short circuit current Effective switching frequency Line regulation K Load regulation ROUT Transient response Voltage overshoot Response time Recovery time Output overshoot Input turn-on PC enable Output turn-on delay From application of power From release of PC pin 5 95.5 95.5 96.2 96.2 1.6 55 1,600 11.0 176 17 33 3.0 0.1980 0.43 3.1 1/5 8.9 92 200 1 0 0 288 70 3.4 0.2020 12.0 m mV ns s mV mV ms ms 100% load step; See Figures 10 and 11 See Figures 10 and 11 See Figures 10 and 11 No output filter; See Figure 3 No output filter; See Figure 2 No output filter; See Figure 3 No output filter 200
Min
7.60 7.30 0 0 0
Typ
Max
11.0 10.7 240 227 31.5 360 10
Unit
Vdc Vdc W W Adc W % % % nH F F Vdc mVp-p mVp-p Adc A MHz
Note
No load Full load 40 - 55 VIN 38 - 55 VIN POUT 240 W Max pulse width 1ms, max duty cycle 10%, baseline power 50% See Parallel Operation on Page 10 See Figure 5 See Figure 5 Effective value Module will shut down See Figures 7 and 9 See Figure 8 Module will shut down Fixed, 1.6 MHz per phase VOUT = K*VIN at no load
Output Waveforms
98 96
Efficiency vs. Output Power
10 9
Power Dissipation
Power Dissipation (W)
0 24 48 72 96 120 144 168 192 216 240
Efficiency (%)
94 92 90 88 86 84
8 7 6 5 4 3 2 0 24 48 72 96 120 144 168 192 216 240
Output Power (W) Figure 5 -- Efficiency vs. output power
Output Power (W)
Figure 6 -- Power dissipation as a function of output power
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 3 of 12
Specifications
(continued)
V*I Chip Bus Converter Module
Figure 7 -- Output voltage ripple at full load and 48 Vin without any external bypass capacitor.
Figure 8 -- Output voltage ripple at full load and 48 Vin with 10 F ceramic external bypass capacitor and 20 nH of distribution inductance.
Ripple vs. Output Power
180
Output Ripple (mVpk-pk)
160 140 120 100 80 60 40 0 24 48 72 96 120 144 168 192 216 240
Output Power (W) Figure 9 -- Output voltage ripple vs. output power at 48 Vin without any external bypass capacitor. Figure 10 -- 0 -25 A load step with 100 F input capacitor and no output capacitor.
Figure 11 -- 25- 0 A load step with 100 F input capacitor and no output capacitor.
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 4 of 12
Specifications
General
Parameter
MTBF MIL-HDBK-217F Isolation specifications Voltage Capacitance Resistance Agency approvals
(continued)
V*I Chip Bus Converter Module
Min
Typ
3.5
Max
Unit
Mhrs Vdc pF M
Note
25C, GB Input to output Input to output Input to output UL /CSA 60950-1, EN 60950-1 Low voltage directive See Mechanical Drawings, Figures 15 - 18
2,250 3,000 10 cTUVus CE Mark RoHS 0.53/15 1.28/ 32,5 0.87 / 22 0.265 / 6,73 125 130 9.3 1.1 2.1 135
Mechanical Weight Dimensions Length Width Height Thermal Over temperature shutdown Thermal capacity Junction-to-case thermal impedance (RJC) Junction-to-board thermal impedance (RJB)
oz /g in / mm in / mm in / mm C Ws /C C / W C / W Junction temperature
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25C ambient unless otherwise specified)
Parameter
Primary control (PC) DC voltage Module disable voltage Module enable voltage Current limit Enable delay time Disable delay time 2.4 4.8 2.4 5.0 2.5 2.5 2.5 70 20 2.6 2.9 5.2 Vdc Vdc Vdc mA ms s See Figure 12, time from PC low to output low Source only
Min
Typ
Max
Unit
Note
Figure 12 -- VOUT at full load vs. PC disable
Figure 13 -- PC signal during fault
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 5 of 12
Pin / Control Functions
+In / -In - DC Voltage Input Ports The V*I Chip input voltage range should not be exceeded. An internal under / over voltage lockout function prevents operation outside of the normal operating input range. The BCM turns on within an input voltage window bounded by the "Input under-voltage turn-on" and "Input over-voltage turn-off" levels, as specified. The V*I Chip may be protected against accidental application of a reverse input voltage by the addition of a rectifier in series with the positive input, or a reverse rectifier in shunt with the positive input located on the load side of the input fuse. The connection of the V*I Chip to its power source should be implemented with minimal distribution inductance. If the interconnect inductance exceeds 100 nH, the input should be bypassed with a RC damper to retain low source impedance and stable operation. With an interconnect inductance of 200 nH, the RC damper may be 47 F in series with 0.3. A single electrolytic or equivalent low-Q capacitor may be used in place of the series RC bypass. PC - Primary Control The Primary Control port is a multifunction node that provides the following functions: Enable / Disable - If the PC port is left floating, the BCM output is enabled. Once this port is pulled lower than 2.4 Vdc with respect to -In, the output is disabled. This action can be realized by employing a relay, opto-coupler, or open collector transistor. Refer to Figures 1-3, 12 and 13 for the typical enable / disable characteristics. This port should not be toggled at a rate higher than 1 Hz. The PC port should also not be driven by or pulled up to an external voltage source. Primary Auxiliary Supply - The PC port can source up to 2.4 mA at 5.0 Vdc. The PC port should never be used to sink current. Alarm - The BCM contains circuitry that monitors output overload, input over voltage or under voltage, and internal junction temperatures. In response to an abnormal condition in any of the monitored parameters, the PC port will toggle. Refer to Figure 13 for PC alarm characteristics. TM and RSV - Reserved for factory use. +Out / -Out - DC Voltage Output Ports Two sets of contacts are provided for the +Out port. They must be connected in parallel with low interconnect resistance. Similarly, two sets of contacts are provided for the -Out port. They must be connected in parallel with low interconnect resistance. Within the specified operating range, the average output voltage is defined by the Level 1 DC behavioral model of Figure 21. The current source capability of the BCM is rated in the specifications section of this document. The low output impedance of the BCM reduces or eliminates the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters. Total load capacitance at the output of the BCM should not exceed the specified maximum. Owing to the wide bandwidth and low output impedance of the BCM, low frequency bypass capacitance and significant energy storage may be more densely and efficiently provided by adding capacitance at the input of the BCM.
Figure 14 -- BCM pin configuration
4 A 3
V*I Chip Bus Converter Module
2
1 A B C D E
+Out
B C D E
+In
-Out
F G H H J J K K
TM RSV PC
+Out
L M N P
L M N P R T
-In
-Out
R T
Bottom View
Signal Name +In -In TM RSV PC +Out -Out
Designation A1-E1, A2-E2 L1-T1, L2-T2 H1, H2 J1, J2 K1, K2 A3-D3, A4-D4, J3-M3, J4-M4 E3-H3, E4-H4, N3-T3, N4-T4
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 6 of 12
Mechanical Drawings
V*I Chip Bus Converter Module
BOTTOM VIEW
TOP VIEW ( COMPONENT SIDE )
NOTES: mm 1. DIMENSIONS ARE inch . 2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X / [.XX] = +/-0.25 / [.01]; .XX / [.XXX] = +/-0.13 / [.005] 3. PRODUCT MARKING ON TOP SURFACE DXF and PDF files are available on vicorpower.com
Figure 15 -- BCM J-Lead mechanical outline; Onboard mounting
RECOMMENDED LAND PATTERN
( COMPONENT SIDE SH OWN ) NOTES: mm 1. DIMENSIONS ARE inch . 2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X / [.XX] = +/-0.25 / [.01]; .XX / [.XXX] = +/-0.13 / [.005] 3. PRODUCT MARKING ON TOP SURFACE DXF and PDF files are available on vicorpower.com
Figure 16 -- BCM PCB land layout information
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 7 of 12
Mechanical Drawings (continued)
V*I Chip Bus Converter Module
TOP VIEW ( COMPONENT SIDE )
NOTES: (mm) 1. DIMENSIONS ARE inch . 2. UNLESS OTHERWISE SPECIFIED TOLERANCES ARE: X.X [X.XX] = 0.25 [0.01]; X.XX [X.XXX] = 0.13 [0.005] 3. RoHS COMPLIANT PER CST-0001 LATEST REVISION DXF and PDF files are available on vicorpower.com
BOTTOM VIEW
Figure 17 -- BCM through-hole mechanical outline
NOTES: (mm) 1. DIMENSIONS ARE inch . 2. UNLESS OTHERWISE SPECIFIED TOLERANCES ARE: X.X [X.XX] = 0.25 [0.01]; X.XX [X.XXX] = 0.13 [0.005] 3. RoHS COMPLIANT PER CST-0001 LATEST REVISION DXF and PDF files are available on vicorpower.com
RECOMMENDED HOLE PATTERN ( COMPONENT SIDE SHOWN )
Figure 18 -- BCM through-hole PCB layout information
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 8 of 12
Configuration Options
V*I Chip Bus Converter Module
NOTES: 1. MAINTAIN 3.5/[0.138] DIA. KEEP OUT ZONE FREE OF COPPER. ALL PCB LAYERS. 2. MINIMUM RECOMMENDED PITCH IS 39.50/[1.555]. THIS PROVIDES 7.00/[0.276] COMPONENT EDGE-TO-EDGE SPACING. AND 0.50/[0.020] CLEARANCE BETWEEN VICOR HEAT SINKS. 3. V*I CHIP LAND PATTERN SHOWN FOR REFERENCE ONLY; ACTUAL LAND PATTERN MAY DIFFER. DIMENSIONS FROM EDGES OF LAND PATTERN TO PUSH-PIN HOLES WILL BE THE SAME FOR ALL FULL SIZE V*I CHIPS. (mm) 4. DIMENSION ARE inch .
2.950.07 o (2) PL [0.1160.003] NON-PLATED THROUGH HOLE SEE NOTE 1.
(36.50) 1.437 (18.25) 0.719 DOTTED LINE INDICATES VIC POSITION SEE NOTE 3
(4.37) 0.172 (11.37) 0.448
(7.00) 0.276
(2.510) 0.099
(31.48) 1.240
(39.50) 1.555 SEE NOTE 2.
HEAT SINK PUSH-PIN HOLE PATTERN ( TOP SIDE SHOWN )
SEE NOTE 3
Figure 19 -- Hole location for push pin heat sink relative to V*I Chip
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 9 of 12
Application Note
Parallel Operation The BCM will inherently current share when operated in an array. Arrays may be used for higher power or redundancy in an application. Current sharing accuracy is maximized when the source and load impedance presented to each BCM within an array are equal. The recommended method to achieve matched impedances is to dedicate common copper planes within the PCB to deliver and return the current to the array, rather than rely upon traces of varying lengths. In typical applications the current being delivered to the load is larger than that sourced from the input, allowing traces to be utilized on the input side if necessary. The use of dedicated power planes is, however, preferable. The BCM power train and control architecture allow bi-directional power transfer, including reverse power processing from the BCM output to its input. Reverse power transfer is enabled if the BCM input is within its operating range and the BCM is otherwise enabled. The BCM's ability to process power in reverse improves the BCM transient response to an output load dump. Input Impedance Recommendations To take full advantage of the BCM capabilities, the impedance presented to its input terminals must be low from DC to approximately 5 MHz. The source should exhibit low inductance (less than 100 nH) and should have a critically damped response. If the interconnect
V*I Chip Bus Converter Module
inductance exceeds 100 nH, the BCM input pins should be bypassed with an RC damper (e.g., 47 F in series with 0.3 ohm) to retain low source impedance and stable operations. Given the wide bandwidth of the BCM, the source response is generally the limiting factor in the overall system response. Anomalies in the response of the source will appear at the output of the BCM multiplied by its K factor. The DC resistance of the source should be kept as low as possible to minimize voltage deviations. This is especially important if the BCM is operated near low or high line as the over/under voltage detection circuitry could be activated. Input Fuse Recommendations V*I Chips are not internally fused in order to provide flexibility in configuring power systems. However, input line fusing of V*I Chips must always be incorporated within the power system. A fast acting fuse should be placed in series with the +In port. Application Notes For BCM and V*I Chip application notes on soldering, thermal management, board layout, and system design click on the link below: http://www.vicorpower.com/technical_library/application_information/chips/
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 10 of 12
Application Note (continued)
V*I Chip Bus Converter Module
Input reflected ripple measurement point
F1 7A Fuse
+In Enable/Disable Switch +Out
+
R3 10 m C3 10 F
Notes: Source inductance should be no more than 200 nH. If source inductance is greater than 200 nH, additional bypass capacitance may be required.
C1 47 F
electrolytic SW1
R2
2 k
TM RSV PC
BCM K Ro
-Out
Load
C3 should be placed close to the load. R3 may be ESR of C3 or a separate damping resistor.
D1
-In
+Out
-Out
-
D1 power good indicator will dim when a module fault is detected.
Figure 20 -- BCM test circuit
V*I Chip Bus Converter Level 1 DC Behavioral Model for 48 V to 9.6 V, 240 W
IOUT ROUT
8.9 m 1/5 * Iout
+
V*I
1/5 * Vin
+
VIN
IQ
64 mA
+ -
K
+
VOUT
-
-
(c)
-
Figure 21 -- This model characterizes the DC operation of the V*I Chip bus converter, including the converter transfer function and its losses. The model enables estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
V*I Chip Bus Converter Level 2 Transient Behavioral Model for 48 V to 9.6 V, 240 W
5.5 nH
LIN = 5 nH
IOUT
ROUT
8.9 m
Lout
1.6 nH
+
RCIN
1.3 m 1/5 * Iout
V*I
25 m
RCOUT
0.2 m
+
CIN VIN
4.0 F
IQ
64 mA
+ -
K
+ -
1/5 * Vin
COUT
55 F
VOUT
-
-
(c)
Figure 22 -- This model characterizes the AC operation of the V*I Chip bus converter including response to output load or input voltage transients or steady state modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load with or without external filtering elements.
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
Page 11 of 12
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. The products described on this data sheet are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,911,848; 6,930,893; 6,934,166; 6,940,013; 6,969,909; 7,038,917; 7,166,898; 7,187,263; 7,361,844; D496,906; D505,114; D506,438; D509,472 and for use under 6,975,098 and 6,984,965
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com
vicorpower.com
800-735-6200
V*I Chip Bus Converter Module
B048F096T24
Rev. 4.5
9/09


▲Up To Search▲   

 
Price & Availability of B048T096T24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X