Part Number Hot Search : 
2E334 2SD2011 UPD70 35M189 6TRPB 2SD1563A C8051F3 7C144
Product Description
Full Text Search
 

To Download ASP11TES20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASP
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Insulation Resistance Operating Temperature Storage Temperature 3A @ 120 VAC, 28VDC; 1A @ 250VAC 50,000 cycles typical < 20 m max initial @ 2-4VDC, 100mA 1500Vrms min > 100M min -40C to 85C -40C to 85C
MATERIALS RoHS COMPLIANT
Actuator Housing Support Bracket Contacts Terminals 4/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0 4/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0 Steel, Tin Plated Copper Alloy, Silver or Gold Plated Copper Alloy, Silver or Gold Plated Process Sealed
ORDERING INFORMATION
Series: ASP 1 1 T N ASP Number of Poles: 1 = SPDT 2 = DPDT Switch Function: 1 = ON-NONE-(ON) Actuator: T = 7.11mm, Std Bushing: E = 8.80mm, 1/4-40 UNS-2A Threaded N = 6.35mm, Non-Threaded Terminals: B = Solder Lug C = PC Pin D = Quick Connect H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in V = Vertical Mount, Right Angle PC Pin; VS = Snap-in S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket Contacts: Q = Silver Plated R = Gold Plated G = Gold over Silver Plated Actuator Caps: Actuator Cap Colors: Blank = None C73 ** See Cap Options for color availability C74 C75 C76 C77
H
Q
www.citswitch.com
page 178 phone - 763.535.2339 fax - 763.535.2194
ASP
SWITCH FUNCTION
Toggle Position
Function
SPDT
1
Terminals
ON
1-3
(ON)
1-2
Toggle Position
Function
DPDT
1
Terminals
ON
1-3 4-6
(ON)
1-2 4-5
ACTUATOR OPTIONS
T
BUSHING OPTIONS
PANEL MOUNTING
E
N
www.citswitch.com
page 179 phone - 763.535.2339 fax - 763.535.2194
ASP
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
B (3 Pole)
C (Single Pole)
C (Double Pole)
C (3 Pole)
D (Single Pole)
D (Double Pole)
D (3 Pole)
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Single Pole)
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Double Pole)
www.citswitch.com
page 180 phone - 763.535.2339 fax - 763.535.2194
ASP
TERMINAL OPTIONS
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Single Pole)
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Double Pole)
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Three Pole)
www.citswitch.com
page 181 phone - 763.535.2339 fax - 763.535.2194
ASP
TERMINAL OPTIONS
Terminal Option S20-V20 S25-V25 "A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Single Pole)
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Double Pole)
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Three Pole)
www.citswitch.com
page 182 phone - 763.535.2339 fax - 763.535.2194
ASP
CONTACT OPTIONS
Designator Contact Material
Q R G Silver Plating Gold over Nickel Plating Gold over Silver Plating
Terminal Material
Silver Plating Gold over Nickel Plating Gold over Silver Plating
Electrical Ratings
3A @ 120 VAC, 28VDC; 1A @ 250VAC .4 VA max @ 20VAC or VDC max .4 VA max @ 20VAC or VDC max or 3A @ 120 VAC, 28VDC; 1A @ 250VAC
CAP OPTIONS
C73_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C74_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C75_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C76_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C77_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
HARDWARE **Two hex nuts, one lock washer, & one locking ring supplied standard with threaded bushings
Hex Nut
Lock Washer
Locking Ring
Dress Nut
Knurled Nut
Knurled Nut
**For use with E Bushing
www.citswitch.com
page 183 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of ASP11TES20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X