Part Number Hot Search : 
BAR6404W EA09310 UPA507TE FX202QAK 55GN01FA R1EX24 15400 ST92F120
Product Description
Full Text Search
 

To Download AS5C4008F-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 512K x 8 SRAM
SRAM MEMORY ARRAY
AVAILABLE AS MILITARY SPECIFICATION
* SMD 5962-95600 * SMD 5962-95613 * MIL STD-883
AS5C4008
PIN ASSIGNMENT (Top View)
32-Pin DIP (CW), 32-Pin LCC (EC) 32-Pin SOJ (ECJ)
A18 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 Vcc A15 A17 WE\ A13 A8 A9 A11 OE\ A10 CE\ I/O7 I/O6 I/O5 I/O4 I/O3
FEATURES
* * * * * * High Speed: 12, 15, 17, 20, 25, 35 and 45ns High-performance, low power military grade device Single +5V 10% power supply Easy memory expansion with CE\ and OE\ options All inputs and outputs are TTL-compatible Ease of upgradability from 1 Meg using the 32 pin evolutionary version.
OPTIONS
* Timing 12ns access 15ns access 17ns access 20ns access 25ns access 35ns access 45ns access * Operating Temperature Range Military: -55oC to +125oC Industrial: -40oC to +85oC * Packages Ceramic Dip (600 mil) Ceramic Flatpack Ceramic LCC Ceramic SOJ Ceramic LCC (contact factory) * Options 2V data retention/ low power
MARKING
-12 -15 -17 -20 -25 -35 -45 XT IT CW F EC ECJ ECA L No. 112 No. 304 No. 209 No. 502 No. 208
32-Pin Flat Pack (F)
A18 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 Vcc A15 A17 WE\ A13 A8 A9 A11 OE\ A10 CE\ I/O7 I/O6 I/O5 I/O4 I/O3
GENERAL DESCRIPTION
The AS5C4008 is a 4 megabit monolithic CMOS SRAM, organized as a 512K x 8. The evolutionary 32 pin device allows for easy upgrades from the 1 meg SRAM. For flexibility in high-speed memory applications, ASI offers chip enable (CE\) and output enable (OE\) capabilities. These enhancements can place the outputs in High-Z for additional flexibility in system design. Writing to these devices is accomplished when write enable (WE\) and CE\ inputs are both LOW. Reading is accomplished when WE\ remains HIGH and CE\ and OE\ go LOW. This allows systems designers to meet low standby power requirements. All devices operate from a single +5V power supply and all inputs are fully TTL-Compatible.
AS5C4008 Rev. 6.2 06/05
A7 A6 A5 A4 A3 A2 A1 A0 I/O0
432 32 31 30 5 29 1 6 28 7 27 8 26 9 25 10 24 11 23 12 22 13 21 14 15 16 17 18 19 20
I/O6 I/O5 I/O4 I/O3 Vss I/O2 I/O1
A12 A14 A16 A18 Vcc A15 A17
NOTE: Not all combinations of operating temperature, speed, data retention and low power are necessarily available. Please contact factory for availability of specific part number combinations.
32-Pin LCC (ECA)
WE\ A13 A8 A9 A11 OE\ A10 CE\ I/O 7
For more products and information please visit our web site at www.austinsemiconductor.com
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc.
AS5C4008
FUNCTIONAL BLOCK DIAGRAM
Vcc GND
Row Decoder
Input Buffer
A0:A18
2,097,152 Bit Memory Array
I/O Control
I/O7
I/O1
CE\ OE\ WE\ Column Decoder
Power Down
TRUTH TABLE
MODE OE\ CE\ WE\ STANDBY X H X READ L L H NOT SELECTED H L H WRITE X L L DQ POWER High-Z STANDBY Q ACTIVE High-Z ACTIVE D ACTIVE
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss...................-.5V to +7.0V Storage Temperature ............................................-65C to +150C Short Circuit Output Current (per I/O)................................20mA Voltage on any Pin Relative to Vss......................-.5V to Vcc+1 V Maximum Junction Temperature**....................................+150C
AS5C4008
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ** Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oCPARAMETER Input High (Logic 1) Voltage Input Low (Logic 0) Voltage Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Supply Voltage CONDITION SYMBOL VIH VIL ILI ILO VOH VOL Vcc MIN 2.2 -0.5 -10 -10 2.4 --4.5
MAX -20 225 180 60 30 25 10
OV < VIN < Vcc Output(s) disabled OV < VOUT < Vcc IOH = -4.0 mA IOL = 8.0 mA
MAX VCC +0.5 0.8 10 10 -0.4 5.5
UNITS V V V V V
NOTES 1 1, 2
1 1 1
PARAMETER Power Supply Current: Operating
CONDITIONS CE\ < VIL; Vcc = MAX f = MAX = 1/tRC Outputs Open L Version Only CE\ > VIH; Vcc = MAX f = 0, Outputs Open
SYM ICCSP ICCLP ISBTSP ISBTLP ISBCSP ISBCLP
-12 225 180 60 30 25 10
-15 225 180 60 30 25 10
-17 225 180 60 30 25 10
-25 225 180 60 30 25 10
-35 225 180 60 30 25 10
-45 225 180 60 30 25 10
UNITS NOTES mA mA mA mA mA mA 3
Power Supply Current: Standby
L Version Only CE\ < VCC -0.2V; Vcc = MAX VIN < Vss +0.2V or VIN > Vcc -0.2V; f = 0 L Version Only
CAPACITANCE
PARAMETER Input Capacitance Output Capactiance CONDITIONS TA = 25 C, f = 1MHz VIN = 0
o
SYMBOL CI Co
MAX 12 14
UNITS pF pF
NOTES 4 4
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
AS5C4008
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS (-55oCDESCRIPTION READ CYCLE Read Cycle Time Address Access Time Chip Enable Access Time Output Hold From Address Change Chip Enable to Output in Low-Z Chip Disable to Output in High-Z Output Enable Acess Time Output Enable to Output in Low-Z Output Disable to Output in High-Z WRITE CYCLE WRITE Cycle Time Chip Enable to End of Write Address Valid to End of Write Address Setup Time Address Hold From End of Write WRITE Pulse Width Data Setup Time Data Hold Time Write Disable to Output in Low-Z Write Enable to Output in High-Z SYM tRC tAA tACE tOH tLZCE tHZCE tAOE tLZOE tHZOE tWC tCW tAW tAS tAH tWP tDS tDH tLZWE tHZWE 0 0 12 12 12 0 1 12 6.5 0 0 0 6.5 6.5 2 2 0 6.5 7 0 0 15 15 15 0 0 15 7 0 0 0 7 7 -12 MIN 12 12 12 2 2 0 7 8 0 0 17 16 16 0 1 16 9 0 0 0 8 8 MAX MIN 15 15 15 2 2 0 8 8 0 0 20 17 17 0 1 17 10 0 0 0 8 8 -15 MAX -17 -20 -25 -35 -45 UNITS NOTES MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 17 17 17 2 2 0 8 10 0 0 25 20 20 0 1 20 12 0 0 0 10 10 20 20 20 2 2 0 10 12 0 0 35 30 30 0 1 30 20 0 0 0 25 15 25 25 25 2 2 0 15 15 0 0 45 35 35 0 1 35 25 0 0 0 30 20 35 35 35 2 2 0 20 25 45 45 45 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 4, 6, 7 4, 6, 7 4, 6, 7 4, 6, 7 4, 6, 7 4, 6, 7
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
AC TEST CONDITIONS
Input pulse levels ................................................... Vss to 3.0V Input rise and fall times ....................................................... 3ns Input timing reference levels ............................................ 1.5V Output reference levels ..................................................... 1.5V Output load ............................................... See Figures 1 and 2
AS5C4008
Q
167 ohms 1.73V C=30pF
Q
167 ohms 1.73V C=5pF
Fig. 1 Output Load Equivalent
Fig. 2 Output Load Equivalent
NOTES
1. 2. 3. 4. 5. 6. All voltages referenced to VSS (GND). -2V for pulse width < 20ns ICC is dependent on output loading and cycle rates. This parameter is guaranteed but not tested. Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted. t LZCE, tLZWE, tLZOE, t HZCE, tHZOE and tHZWE are specified with CL = 5pF as in Fig. 2. Transition is measured 200mV from steady state voltage. At any given temperature and voltage condition, t HZCE is less than tLZCE, and tHZWE is less than t LZWE. WE\ is HIGH for READ cycle.
9. 10. 11. 12. 13. 14. 15.
7.
Device is continuously selected. Chip enables and output enables are held in their active state. Address valid prior to, or coincident with, latest occurring chip enable. t RC = Read Cycle Time. Chip enable and write enable can initiate and terminate a WRITE cycle. Output enable (OE\) is inactive (HIGH). Output enable (OE\) is active (LOW). ASI does not warrant functionality nor reliability of any product in which the junction temperature exceeds 150C. Care should be taken to limit power to acceptable levels.
8.
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
DESCRIPTION VCC for Retention Data Data Retention Current (L Version Only) Chip Deselect to Data Retention Time Operation Recovery Time CONDITIONS CE\ > (Vcc -0.2V) VIN > (Vcc -0.2V) or < 0.2V VCC = 2V SYMBOL VDR ICCDR tCDR tR 0 10 MIN 2 4.5 MAX UNITS V mA ns ms 4 4, 11 NOTES
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
SRAM
Austin Semiconductor, Inc.
LOW VCC DATA RETENTION WAVEFORM
DATA RETENTION MODE VDR >2V Vcc
4.5V 4.5V
AS5C4008
tCDR tCDR
VIH
tR tR
VDR
CE\
VIL
READ CYCLE NO. 1 8, 9 (Write Enabled Controlled)
t
RC tRC
ADDRESS
VALID
t AA tAA t OH tOH
DQ
PREVIOUS DATA VALID DATA VALID
READ CYCLE NO. 2 7, 8, 10 (Write Enabled Controlled)
tRC tRC
CE\
AOE tAOE LZOE tLZOE
t
t
tHZOE tHZOE
OE\
LZCE tLZCE
t
ttACE ACE
DATA VALID
tHZCE tHZCE
DQ
ttPU PU
Icc
ttPD PD
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
SRAM
Austin Semiconductor, Inc.
WRITE CYCLE NO. 1 12 (Chip Enabled Controlled)
tWC tWC
ADDRESS
AS5C4008
tAW tAW ttAS AS
CE\ tCW
tCW
t AH tAH
ttWP WP
WE\
tDS tDS
D Q
DATA VAILD
t DH tDH
HIGH Z
WRITE CYCLE NO. 2 12, 13 (Write Enabled Controlled)
WC tWC
t
Address
ADDRESS VALID
tAW tAW tCW tCW
CE\
t AH
tAH
ttAS AS
WE\
t WP1 tWP1
tDS
D
tDS
ttDH DH
DATA VALID
tHZWE tHZWE
Q
ttLZWE LZWE
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
321 321
3321 42 1 4321 4321 4321 43212109876543210987654321 5432109876543210987654321 43 45412109876543210987654321 3232109876543210987654321 43 43212109876543210987654321 5432109876543210987654321 43
6543432121098765432109876543210987654321 543 543 6545212121098765432109876543210987654321 5212121098765432109876543210987654321 3432121098765432109876543210987654321 6543212121098765432109876543210987654321 3432121098765432109876543210987654321 6545212121098765432109876543210987654321 543 543 7654321 7654321 7654321 7654321 7654321
tHZWE Q High-Z
ADDRESS
Austin Semiconductor, Inc.
WRITE CYCLE NO. 37, 12, 14 (Write Enable Controlled)
tAW
tCW
654 9876543210987654321 9876543210987654321321 654 9876543210987654321 9876543210987654321 9876543210987654321321 654 9876543210987654321321 9876543210987654321321 654 9876543210987654321 9876543210987654321321 654
t AH
65439876543210987654321 321 65109876543210987654321 409876543210987654321 109876543210987654321 021 65109876543210987654321 409876543210987654321 321 021 65109876543210987654321 439876543210987654321 65109876543210987654321 4321
WE\
CE\
tAS
tWC
t WP2
tDS
tDH
00987654343 1 5 1987654322121 0987654321121 0987654323 54 1987654321121 0987654321121 54 4 10987654313 00987654323 52
D
Data Valid tLZWE
54321121 654323 4 654323 54321121 4 54321121 654323 4
AS5C4008 Rev. 6.2 06/05
8
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
Don't Care
Undefined
AS5C4008
SRAM
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #112 (Package Designator CW) SMD 5962-95600, Case Outline X
AS5C4008
D A
L L1
b Pin 1 e b1
E
b2 E1
SMD Specifications SYMBOL A b b1 b2 D E e E1 L1 L MIN --0.014 0.045 0.008 --0.510 0.100 BSC 0.600 BSC 0.125 0.015 0.200 0.070 MAX 0.225 0.026 0.065 0.018 1.680 0.620
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
*All measurements are in inches.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #304 (Package Designator F) SMD 5962-95600, Case Outline 9
L E
AS5C4008
e
b D1
D
Top View
c Q E2
A
SYMBOL A b c D D1 E E2 e L Q
SMD SPECIFICATIONS MIN MAX 0.096 0.114 0.008 0.019 0.003 0.008 0.816 0.838 0.742 0.758 0.419 0.460 0.345 0.427 0.050 BSC 0.290 0.310 0.024 0.038
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
*All measurements are in inches.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #209 (Package Designator EC) SMD 5962-95600, Case Outline Z
AS5C4008
A D1
D
L e R b2
E
A1
SYMBOL A A1 b2 D D1 E e L R
SMD SPECIFICATIONS MIN MAX 0.080 0.100 0.006 0.054 0.022 0.028 0.815 0.835 0.740 0.760 0.440 0.460 0.050 BSC 0.100 REF 0.009 REF
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
*All measurements are in inches.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #502 (Package Designator ECJ)
AS5C4008
A
L2
L TYP
e D D1 A2
E2 b
A1 E
SYMBOL A A1 A2 b D D1 E E2 e L L2
ASI SPECIFICATIONS MIN MAX 0.115 0.160 0.054 0.075 0.025 0.063 0.012 0.028 0.815 0.835 0.740 0.760 0.418 0.460 0.371 0.440 0.050 BSC 0.050 0.070 0.115 0.135
NOTE: This package meets SMD 5962-95600, Case Outline U dimensions in every aspect, except dimension E2.
*All measurements are in inches.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #208 (Package Designator ECA)
D1
AS5C4008
L1
e E1 D
R E B1
L
A1
A
SYMBOL A A1 B1 D D1 E E1 e L L1 R
SMD SPECIFICATIONS MIN MAX 0.060 0.080 0.040 0.050 0.022 0.028 0.540 0.560 0.390 0.410 0.442 0.458 0.290 0.310 0.045 0.055 0.045 0.055 0.075 0.095 0.004 0.014
*All measurements are in inches.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
SRAM
Austin Semiconductor, Inc. ORDERING INFORMATION
EXAMPLE: AS5C4008CW-25L/883C Device Number AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 Package Speed Options** Process Type ns CW -12 L /* CW -15 L /* CW -17 L /* CW -20 L /* CW -25 L /* CW -35 L /* CW -45 L /* EXAMPLE: AS5C4008ECA-45/883C Device Number AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 Package Speed Options** Process Type ns ECA -12 L /* ECA -15 L /* ECA -17 L /* ECA -20 L /* ECA -25 L /* ECA -35 L /* ECA -45 L /*
AS5C4008
EXAMPLE: AS5C4008EC-20/883C Device Number AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 Package Speed Options** Process Type ns EC ECJ EC ECJ EC ECJ EC ECJ EC ECJ EC ECJ EC ECJ -12 -12 -15 -15 -17 -17 -20 -20 -25 -25 -35 -35 -45 -45 L L L L L L L L L L L L L L /* /* /* /* /* /* /* /* /* /* /* /* /* /*
EXAMPLE: AS5C4008F-45L/883C Device Number AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 AS5C4008 Package Speed Options** Process Type ns F F F F F F F -12 -15 -17 -20 -25 -35 -45 L L L L L L L /* /* /* /* /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range 883C = Full Military Processing **DEFINITION OF OPTIONS 2V Data Retention/Low Power
-40oC to +85oC -55oC to +125oC -55oC to +125oC
L
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
SRAM
Austin Semiconductor, Inc.
AS5C4008
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR 5962-95600*
ASI Package Designator CW ASI Part # AS5C4008CW-12L AS5C4008CW-12L AS5C4008CW-15 AS5C4008CW-15L AS5C4008CW-20L AS5C4008CW-25L AS5C4008CW-35L AS5C4008CW-45L AS5C4008CW-20 AS5C4008CW-20L AS5C4008CW-25 AS5C4008CW-25L AS5C4008CW-35 AS5C4008CW-35L AS5C4008CW-45 AS5C4008CW-45L SMD Part # 5962-9560015QXA 5962-9560016QXA 5962-9560014QXA 5962-9560013QXA 5962-9560012QXA 5962-9560011QXA 5962-9560010QXA 5962-9560009QXA 5962-9560004MXA 5962-9560008MXA 5962-9560003MXA 5962-9560007MXA 5962-9560002MXA 5962-9560006MXA 5962-9560001MXA 5962-9560005MXA ASI Package Designator F ASI Part # AS5C4008F-12L AS5C4008F-12L AS5C4008F-15 AS5C4008F-15L AS5C4008F-20L AS5C4008F-25L AS5C4008F-35L AS5C4008F-45L AS5C4008F-20 AS5C4008F-20L AS5C4008F-25 AS5C4008F-25L AS5C4008F-35 AS5C4008F-35L AS5C4008F-45 AS5C4008F-45L SMD Part # 5962-9560015Q9A 5962-9560016Q9A 5962-9560014Q9A 5962-9560013Q9A 5962-9560012Q9A 5962-9560011Q9A 5962-9560010Q9A 5962-9560009Q9A 5962-9560004M9A 5962-9560008M9A 5962-9560003M9A 5962-9560007M9A 5962-9560002M9A 5962-9560006M9A 5962-9560001M9A 5962-9560005M9A
ASI Package Designator EC ASI Part # AS5C4008EC-12L AS5C4008EC-12L AS5C4008EC-15 AS5C4008EC-15L AS5C4008EC-20L AS5C4008EC-25L AS5C4008EC-35L AS5C4008EC-45L AS5C4008EC-20 AS5C4008EC-20L AS5C4008EC-25 AS5C4008EC-25L AS5C4008EC-35 AS5C4008EC-35L AS5C4008EC-45 AS5C4008EC-45L SMD Part # 5962-9560015QZA 5962-9560016QZA 5962-9560014QZA 5962-9560013QZA 5962-9560012QZA 5962-9560011QZA 5962-9560010QZA 5962-9560009QZA 5962-9560004MZA 5962-9560008MZA 5962-9560003MZA 5962-9560007MZA 5962-9560002MZA 5962-9560006MZA 5962-9560001MZA 5962-9560005MZA
ASI Package Designator ECJ ASI Part # AS5C4008ECJ-12L AS5C4008ECJ-12L AS5C4008ECJ-15 AS5C4008ECJ-15L AS5C4008ECJ-20L AS5C4008ECJ-25L AS5C4008ECJ-35L AS5C4008ECJ-45L AS5C4008ECJ-20 AS5C4008ECJ-20L AS5C4008ECJ-25 AS5C4008ECJ-25L AS5C4008ECJ-35 AS5C4008ECJ-35L AS5C4008ECJ-45 AS5C4008ECJ-45L SMD Part # 5962-9560015QUA 5962-9560016QUA 5962-9560014QUA 5962-9560013QUA 5962-9560012QUA 5962-9560011QUA 5962-9560010QUA 5962-9560009QUA 5962-9560004MUA 5962-9560008MUA 5962-9560003MUA 5962-9560007MUA 5962-9560002MUA 5962-9560006MUA 5962-9560001MUA 5962-9560005MUA
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS5C4008 Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
SRAM
Austin Semiconductor, Inc.
AS5C4008
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR 5962-95613*
ASI Package Designator CW ASI Part # AS5C4008CW-12/H AS5C4008CW-12/LH AS5C4008CW-15/H AS5C4008CW-17/H AS5C4008CW-17/LH AS5C4008CW-20/H AS5C4008CW-20/LH AS5C4008CW-25/H AS5C4008CW-25/H AS5C4008CW-25/LH AS5C4008CW-25/LH AS5C4008CW-35/H AS5C4008CW-35/H AS5C4008CW-35/LH AS5C4008CW-35/LH AS5C4008CW-45/H AS5C4008CW-45/H AS5C4008CW-45/LH AS5C4008CW-45/LH AS5C4008CW-55/H AS5C4008CW-55/LH AS5C4008CW-12/H AS5C4008CW-12/LH AS5C4008CW-15/H AS5C4008CW-17/H AS5C4008CW-17/LH AS5C4008CW-20/H AS5C4008CW-20/LH AS5C4008CW-25/H AS5C4008CW-25/H AS5C4008CW-25/LH AS5C4008CW-25/LH AS5C4008CW-35/H AS5C4008CW-35/H AS5C4008CW-35/LH AS5C4008CW-35/LH AS5C4008CW-45/H AS5C4008CW-45/H AS5C4008CW-45/LH AS5C4008CW-45/LH AS5C4008CW-55/H AS5C4008CW-55/LH
AS5C4008 Rev. 6.2 06/05
ASI Package Designator F ASI Part # AS5C4008F-12/H AS5C4008F-12/LH AS5C4008F-15/H AS5C4008F-17/H AS5C4008F-17/LH AS5C4008F-20/H AS5C4008F-20/LH AS5C4008F-25/H AS5C4008F-25/H AS5C4008F-25/LH AS5C4008F-25/LH AS5C4008F-35/H AS5C4008F-35/H AS5C4008F-35/LH AS5C4008F-35/LH AS5C4008F-45/H AS5C4008F-45/H AS5C4008F-45/LH AS5C4008F-45/LH AS5C4008F-55/H AS5C4008F-55/LH AS5C4008F-12/H AS5C4008F-12/LH AS5C4008F-15/H AS5C4008F-17/H AS5C4008F-17/LH AS5C4008F-20/H AS5C4008F-20/LH AS5C4008F-25/H AS5C4008F-25/H AS5C4008F-25/LH AS5C4008F-25/LH AS5C4008F-35/H AS5C4008F-35/H AS5C4008F-35/LH AS5C4008F-35/LH AS5C4008F-45/H AS5C4008F-45/H AS5C4008F-45/LH AS5C4008F-45/LH AS5C4008F-55/H AS5C4008F-55/LH SMD Part # 5962-9561329H9A 5962-9561328H9A 5962-9561314H9A 5962-9561310H9A 5962-9561324H9A 5962-9561309H9A 5962-9561323H9A 5962-9561308H9A 5962-9561313H9A 5962-9561322H9A 5962-9561327H9A 5962-9561307H9A 5962-9561312H9A 5962-9561321H9A 5962-9561326H9A 5962-9561306H9A 5962-9561311H9A 5962-9561320H9A 5962-9561325H9A 5962-9561305H9A 5962-9561319H9A 5962-9561329H9C 5962-9561328H9C 5962-9561314H9C 5962-9561310H9C 5962-9561324H9C 5962-9561309H9C 5962-9561323H9C 5962-9561308H9C 5962-9561313H9C 5962-9561322H9C 5962-9561327H9C 5962-9561307H9C 5962-9561312H9C 5962-9561321H9C 5962-9561326H9C 5962-9561306H9C 5962-9561311H9C 5962-9561320H9C 5962-9561325H9C 5962-9561305H9C 5962-9561319H9C
SMD Part # 5962-9561329HYA 5962-9561328HYA 5962-9561314HYA 5962-9561310HYA 5962-9561324HYA 5962-9561309HYA 5962-9561323HYA 5962-9561308HYA 5962-9561313HYA 5962-9561322HYA 5962-9561327HYA 5962-9561307HYA 5962-9561312HYA 5962-9561321HYA 5962-9561326HYA 5962-9561306HYA 5962-9561311HYA 5962-9561320HYA 5962-9561325HYA 5962-9561305HYA 5962-9561319HYA 5962-9561329HYC 5962-9561328HYC 5962-9561314HYC 5962-9561310HYC 5962-9561324HYC 5962-9561309HYC 5962-9561323HYC 5962-9561308HYC 5962-9561313HYC 5962-9561322HYC 5962-9561327HYC 5962-9561307HYC 5962-9561312HYC 5962-9561321HYC 5962-9561326HYC 5962-9561306HYC 5962-9561311HYC 5962-9561320HYC 5962-9561325HYC 5962-9561305HYC 5962-9561319HYC
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
SRAM
Austin Semiconductor, Inc.
AS5C4008
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR 5962-95613*
ASI Package Designator EC ASI Part # AS5C4008EC-12/H AS5C4008EC-12/LH AS5C4008EC-15/H AS5C4008EC-17/H AS5C4008EC-17/LH AS5C4008EC-20/H AS5C4008EC-20/LH AS5C4008EC-25/H AS5C4008EC-25/H AS5C4008EC-25/LH AS5C4008EC-25/LH AS5C4008EC-35/H AS5C4008EC-35/H AS5C4008EC-35/LH AS5C4008EC-35/LH AS5C4008EC-45/H AS5C4008EC-45/H AS5C4008EC-45/LH AS5C4008EC-45/LH AS5C4008EC-55/H AS5C4008EC-55/LH AS5C4008EC-12/H AS5C4008EC-12/LH AS5C4008EC-15/H AS5C4008EC-17/H AS5C4008EC-17/LH AS5C4008EC-20/H AS5C4008EC-20/LH AS5C4008EC-25/H AS5C4008EC-25/H AS5C4008EC-25/LH AS5C4008EC-25/LH AS5C4008EC-35/H AS5C4008EC-35/H AS5C4008EC-35/LH AS5C4008EC-35/LH AS5C4008EC-45/H AS5C4008EC-45/H AS5C4008EC-45/LH AS5C4008EC-45/LH AS5C4008EC-55/H AS5C4008EC-55/LH
AS5C4008 Rev. 6.2 06/05
ASI Package Designator ECJ ASI Part # AS5C4008ECJ-12/H AS5C4008ECJ-12/LH AS5C4008ECJ-15/H AS5C4008ECJ-17/LH AS5C4008ECJ-20/LH AS5C4008ECJ-25/H AS5C4008ECJ-25/LH AS5C4008ECJ-25/LH AS5C4008ECJ-35/H AS5C4008ECJ-45/H AS5C4008ECJ-17/H AS5C4008ECJ-20/H AS5C4008ECJ-25/H AS5C4008ECJ-35/H AS5C4008ECJ-35/LH AS5C4008ECJ-35/LH AS5C4008ECJ-45/H AS5C4008ECJ-45/LH AS5C4008ECJ-45/LH AS5C4008ECJ-55/H AS5C4008ECJ-55/LH AS5C4008ECJ-12/H AS5C4008ECJ-12/LH AS5C4008ECJ-15/H AS5C4008ECJ-20/LH AS5C4008ECJ-17/LH AS5C4008ECJ-25/H AS5C4008ECJ-25/LH AS5C4008ECJ-25/LH AS5C4008ECJ-35/H AS5C4008ECJ-45/H AS5C4008ECJ-17/H AS5C4008ECJ-20/H AS5C4008ECJ-25/H AS5C4008ECJ-35/H AS5C4008ECJ-35/LH AS5C4008ECJ-35/LH AS5C4008ECJ-45/H AS5C4008ECJ-45/LH AS5C4008ECJ-45/LH AS5C4008ECJ-55/H AS5C4008ECJ-55/LH SMD Part # 5962-9561329HTA 5962-9561328HTA 5962-9561314HTA 5962-9561324HTA 5962-9561323HTA 5962-9561313HTA 5962-9561322HTA 5962-9561327HTA 5962-9561312HTA 5962-9561311HTA 5962-9561310HTA 5962-9561309HTA 5962-9561308HTA 5962-9561307HTA 5962-9561321HTA 5962-9561326HTA 5962-9561306HTA 5962-9561325HTA 5962-9561320HTA 5962-9561305HTA 5962-9561319HTA 5962-9561329HTC 5962-9561328HTC 5962-9561314HTC 5962-9561323HTC 5962-9561324HTC 5962-9561313HTC 5962-9561322HTC 5962-9561327HTC 5962-9561312HTC 5962-9561311HTC 5962-9561310HTC 5962-9561309HTC 5962-9561308HTC 5962-9561307HTC 5962-9561321HTC 5962-9561326HTC 5962-9561306HTC 5962-9561325HTC 5962-9561320HTC 5962-9561305HTC 5962-9561319HTC
SMD Part # 5962-9561329HMA 5962-9561328HMA 5962-9561314HMA 5962-9561310HMA 5962-9561324HMA 5962-9561309HMA 5962-9561323HMA 5962-9561308HMA 5962-9561313HMA 5962-9561327HMA 5962-9561322HMA 5962-9561307HMA 5962-9561312HMA 5962-9561326HMA 5962-9561321HMA 5962-9561306HMA 5962-9561311HMA 5962-9561320HMA 5962-9561325HMA 5962-9561305HMA 5962-9561319HMA 5962-9561329HMC 5962-9561328HMC 5962-9561314HMC 5962-9561310HMC 5962-9561324HMC 5962-9561309HMC 5962-9561323HMC 5962-9561308HMC 5962-9561313HMC 5962-9561327HMC 5962-9561322HMC 5962-9561307HMC 5962-9561312HMC 5962-9561326HMC 5962-9561321HMC 5962-9561306HMC 5962-9561311HMC 5962-9561320HMC 5962-9561325HMC 5962-9561305HMC 5962-9561319HMC
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
17


▲Up To Search▲   

 
Price & Availability of AS5C4008F-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X