Part Number Hot Search : 
V56CH8 SL486 MPXQS22K E004997 4ACT1 LMK316B 1N4762A IRF953
Product Description
Full Text Search
 

To Download AS29F040F-70883C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLASH
Austin Semiconductor, Inc. 512K x 8 FLASH
UNIFORM SECTOR 5.0V FLASH MEMORY
AVAILABLE AS MILITARY SPECIFICATIONS
* MIL-STD-883 * SMD 5962-96692
AS29F040
PIN ASSIGNMENT (Top View)
32-PIN Ceramic DIP (CW) 32-pin Flatpack (F) 32-pin Lead Formed Flatpack (DCG)
A18 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC WE\ A17 A14 A13 A8 A9 A11 OE\ A10 CE\ DQ7 DQ6 DQ5 DQ4 DQ3
FEATURES
* Single 5.0V 10% power supply operation * Fastest access times: 55, 60, 70, 90, 120, & 150ns * Low power consumption: 20 mA typical active read current 30 mA typical program/erase current 1 A typical standby current (standard access time to active mode) * Flexible sector architecture Eight uniform 64 Kbyte each Any combination of sectors can be erased Supports full chip erase * Sector protection * Embedded Algorithms Erase & Program Algorithms * Erase Suspend/Resume * Minimum 1,000,000 Program/Erase Cycles per sector guaranteed * Compatible with JEDEC standards Pinout and software compatible with single-powersupply FLASH * Data\ Polling and Toggle Bits * 20-year data retention at 125C
32-PAD Ceramic LCC (ECA)
A12 A15 A16 A18 VCC WE\ A17
A7 A6 A5 A4 A3 A2 A1 A0 I/O0
432 32 31 30 5 29 1 6 28 7 27 8 26 9 25 10 24 11 23 12 22 13 21 14 15 16 17 18 19 20
I/O6 I/O5 I/O4 I/O3 VSS I/O2 I/O1
A14 A13 A8 A9 A11 OE\ A10 CE\ I/O 7
OPTIONS OPTIONS
* Timing 55ns 60ns 70ns 90ns 120ns 150ns
MARKING
CW F DCG ECA
MARKING
-55 -60 -70 -90 -120 -150
* Package Type Ceramic DIP (600 mil) Flatpack Lead Formed Flatpack Leadless Chip Carrier
For more products and information please visit our web site at www.austinsemiconductor.com
AS29F040 Rev. 2.2 09/07
* Temperature Ranges Industrial Temperature (-40C to +85C) IT Military Temperature (-55C to +125C) XT** 883C Processing (-55C to +125C) 883C QML Processing (-55C to +125C) Q
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FLASH
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The AS29F040 is a 4Mbit, 5.0 Volt-only FLASH memory organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of data are divided into eight sectors of 64 Kbytes each for flexible erase capability. The 8 bits of data appear on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers. This device is manufactured using 0.32 m process technology. In addition, it has a second toggle bit, DQ2, and offers the ability to program in the Erase Suspend mode. It is available with access times of 55, 60, ^+^+6=70, 90, 120, and 150ns, allowing high-speed microprocessors to operate without wait states. To eliminate bus contention the device has separate chip enable (CE\), write enable (WE\), and output enable (OE\) controls. The device requires only a single 5.0 volt power supply for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply FLASH standard. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other FLASH or EPROM devices. Device programming occurs by executing the program command sequence. This invokes the Embedded Program algorithm -- an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. Device erasure occurs by executing the erase command sequence. This invokes the Embedded Erase algorithm -- an internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by reading the DQ7 (Data\Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. The hardware data protection measures include a low VCC detector that automatically inhibits write operations during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of memory. This can be achieved via programming equipment. The erase suspect feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The system can place the device into the standby mode. Power consumption is greatly reduced in this mode. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data is programmed using hot electron injection.
AS29F040
PIN CONFIGURATION
PIN A0 - A18 DQ0 - DQ7 CE\ OE\ WE\ VCC VSS DESCRIPTION Address Inputs Data Inputs/Outputs Chip Enable Output Enable Write Enable +5V Single Power Supply Device Ground
LOGIC SYMBOL
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
FLASH
Austin Semiconductor, Inc. FUNCTIONAL BLOCK DIAGRAM
AS29F040
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
FLASH
Austin Semiconductor, Inc.
DEVICE BUS OPERATIONS
This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory location. The register is composed of latches that store the commands, along with the address and data information needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the function of the device. The appropriate device bus operations table lists the inputs and control levels required, and the resulting output. The following subsections describe each of these operations in further detail.
AS29F040
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE\ and CE\ to VIL, and OE\ to VIH. An erase operation can erase one sector, multiple sectors, or the entire device. The Sector Address Tables indicate the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. See the "Command Definitions" section for details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on DQ7 - DQ0. Standard read cycle timings apply in this mode. Refer to the "Autoselect Mode" and "Autoselect Command Sequence" sections for more information. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification tables and timing diagrams for write operations.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE\ and OE\ pins to VIL. CE\ is the power control and selects the device. OE\ is the output control and gates array data to the output pins. WE\ should remain at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See "Reading Array Data" for more information. Refer to the AC Read Operations table for timing specifications and to the Read Operations Timings diagram for the timing waveforms. ICC1 in the DC Characteristics table represents the active current specification for reading array data.
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by reading the status bits on DQ7 - DQ0. Standard read cycle timings and ICC read specifications apply. Refer to "Write Operation Status" for more information, and to each AC Characteristics section for timing diagrams.
TABLE 1: DEVICE BUS OPERATIONS
OPERATION Read Write CMOS Standby TTL Standby Output Disable
NOTES:
CE\ L L VCC 0.5V H L
OE\ L H X X H
WE\ H L X X H
A0 - A20 AIN AIN X X X
DQ0 - DQ7 DOUT DIN High-Z High-Z High-Z
See the "Sector Protection/Unprotection" section for more information.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
FLASH
Austin Semiconductor, Inc.
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE\ input. The device enters the CMOS standby mode when the CE\ pin is held at VCC 0.5V. (Note that this is a more restricted voltage range than VIH.) The device enters the TTL standby mode when CE\ is held at VIH. The device requires the standard access time (tCE) before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics table represents the standby current specification.
AS29F040
Definitions table shows the remaining address bits that are don't care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ7 - DQ0 To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in the Command Definitions table. This method does not require VID. See "Command Definitions" for details on using the autoselect mode.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector. The hardware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection/unprotection must be implemented using programming equipment. The procedure requires a high voltage (VID) on address pin A9 and the control pins. The device is shipped with all sectors unprotected. It is possible to determine whether a sector is protected or unprotected. See "Autoselect Mode" for details.
Output Disable Mode
When the OE\ input is at VIH, output from the device is disabled. The output pins are placed in the high impedance state.
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on DQ7 - DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires VID (11.5V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in the Autoselect Codes (High Voltage Method) table. In addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits. Refer to the corresponding Sector Address Tables. The Command
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to the Command Definitions table). In addition, the following hardware data protection measures prevent accidental erasure or programming, which might otherwise be caused by spurious system level signals during VCC power-up and power-down transitions, or from system noise. Low VCC Write Inhibit When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC power-up and
TABLE 2: SECTOR ADDRESSES TABLE
SECTOR SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7
NOTE:
AS29F040 Rev. 2.2 09/07
A18 0 0 0 0 1 1 1 1
A17 0 0 1 1 0 0 1 1
A16 0 1 0 1 0 1 0 1
ADDRESS RANGE 00000h - 0FFFFh 10000h - 1FFFFh 20000h - 2FFFFh 30000h - 3FFFFh 40000h - 4FFFFh 50000h - 5FFFFh 60000h - 6FFFFh 70000h - 7FFFFh
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
All sectors are 64 Kbytes in size.
5
FLASH
Austin Semiconductor, Inc.
power-down. The command register and all internal program/ erase circuits are disabled, and the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent unintentional writes when VCC is greater than VLKO. Write Pulse "Glitch" Protection Noise pulses of less than 5ns (typical) on OE\, CE\, or WE\ do not initiate a write cycle. Logical Inhibit Write cycles are inhibited by holding any one of OE\ = VIL, CE\ = VIH or WE\ = VIH. To initiate a write cycle, CE\ and WE\ must be a logical zero while OE\ is a logical one. Power-Up Write Inhibit If WE\ = CE\ = VIL and OE\ = VIH during power up, the device does not accept commands on the rising edge of WE\. The internal state machine is automatically reset to reading array data on power-up.
AS29F040
The device is also ready to read array data after completing an Embedded Program or Embedded Erase algorithm. After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The system can read array data using the standard read timings, except that if it reads at an address within erase-suspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See "Erase Suspend/Erase Resume" for more information. The system must issue the reset command to re-enable the device for reading array data if DQ5 goes high, or while in the autoselect mode. See the "Reset Command" section, next. See also "Requirements for Reading Array Data" in the "Device Bus Operations" section for more information. The Read Operations table provides the read parameters, and the Read Operation Timings diagram shows the timing diagram.
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence before programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend Mode). Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an autoselect command sequence. Once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during Erase Suspend).
COMMAND DEFINITIONS
Writing specific address and data commands or sequences into the command register initiates device operations. The Command Definitions table defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. All addresses are latched on the falling edge of WE\ or CE\, whichever happens later. All data is latched on the rising edge of WE\ or CE\, whichever happens first. Refer to the appropriate timing diagrams in the "AC Characteristics" section.
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data.
TABLE 3: Autoselect Codes (High Voltage Method)
Description Manufacturer ID Device ID Sector Protection Verification
AS29F040 Rev. 2.2 09/07
A18 - A16 A15 - A10 X X Sector Address X X
A9 VID VID
A8 - A7 X X
A6 VIL VIL
A5 - A2 X X
A1 VIL VIL
A0 VIL VIH
Identifier Code On DQ7 to DQ0 01h A4h 01h (protected)
X
VID
X
VIL
X
VIH
VIL
00h (unprotected)
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
FLASH
Austin Semiconductor, Inc.
If DQ5 goes high during a program or erase operation, writing the reset command returns the device to reading array data (also applies during Erase Suspend).
AS29F040
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the Embedded Erase algorithm. The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. The Command Definitions table shows the address and data requirements for the chip erase command sequence. Any commands written to the chip during the Embedded Erase algorithm are ignored. The system can determine the status of the erase operation by using DQ7, DQ6, or DQ2. See "Write Operation Status" for information on these status bits. When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. Figure 2 illustrates the algorithm for the erase operation. See the Erase/Program Operations tables in "AC Characteristics" for parameters, and the Chip /Sector Erase Operation Timings for timing waveforms.
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. The Command Definitions table shows the address and data requirements. This method is an alternative to that shown in the Autoselect Codes (High Voltage Method) table, which is intended for PROM programmers and requires VID on address bit A9. The auto select command sequence is initiated by writing two unlock cycles, followed by the autoselect command. The device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. A read cycle at address XX00h retrieves the manufacturer code. A read cycle at address XX01h returns the device code. A read cycle containing a sector address (SA) and the address 02h in returns 01h if that sector is protected, or 00h if it is unprotected. Refer to the Sector Address tables for valid sector addresses. The system must write the reset command to exit the autoselect mode and return to reading array data.
FIGURE 1: PROGRAM OPERATION
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically provides internally generated program pulses and verify the programmed cell margin. The Command Definitions take shows the address and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can determine the status of the program operation by using DQ7 or DQ6. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may halt the operation and set DQ5 to "1", or cause the Data\ Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1".
AS29F040 Rev. 2.2 09/07
NOTE: 7
See the appropriate Command Definitions table for program command sequence.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
FLASH
Austin Semiconductor, Inc.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the addresss of the sector to be erased, and the sector erase command. The Command Definitions table shows the address and data requirements for the sector erase command sequence. The device does not require the system to preprogram the memory prior to erase. The Embedded Erase algorithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. After the command sequence is written, a sector erase time-out of 50s begins. During the time-out period, additional sector addresses and sector erase commands may be written. Loading the sector erase buffer may be done in any sequence, and the number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 50s, otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last Sector Erase command is written. If the time between additional sector erase commands can be assumed to be less than 50s, the system need not monitor DQ3. Any command other than Sector Erase or Erase Suspend during the time-out period resets the device to reading array data. The system must rewrite the command sequence and any additional sector addresses and commands. The system can monitor DQ3 to determine if the sector erase timer has timed out. (See the "DQ3: Sector Erase Timer" section.) The time-out begins from the rising edge of the final WE\ pulse in the command sequence. Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands are ignored. When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. The system can determine the status of the erase operation by using DQ7, DQ6, or DQ2. Refer to "Write Operation Status" for information on these status bits. Figure 2 illustrates the algorithm for the erase operation. Refer to the Erase/Program Operations tables in the "AC Characteristics" section for parameters, and to the Sector Erase Operations Timing diagram for timing waveforms.
AS29F040
including the 50s time-out period during the sector erase command sequence. The Erase Suspend command is ignored if written during the chip erase operation or Embedded Program algorithm. Writing the Erase Suspect command during the Sector Erase time-out immediately terminates the time-out period and suspends the erase operation. Addresses are "don't cares" when writing the Erase Suspect command. When the Erase Suspect command is written during a sector erase operation, the device requires a maximum of 20s to suspend the erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After the erase operation has been suspected, the system can read array data from any sector not selected for erasure. (The device "erase suspends" all sectors selected for erasure.) Normal read and write timings and command definitions apply. Reading at any address within erase-suspended sectors produces status data on DQ7-DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See "Write Operation Status" for information on these status bits.
FIGURE 2: ERASE OPERATION
Erase Suspend/Erase Resume Commands
The Erase Suspect command allows the system to interrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. This command is valid only during the sector erase operation,
AS29F040 Rev. 2.2 09/07
NOTE:
1) See the appropriate Command Definitions table for program command sequence. 2) See "DQ3: Sector Erase Timer" for more information.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
FLASH
Austin Semiconductor, Inc.
After an erase-suspended program operation is complete, the system can once again read array data within non-suspended sectors. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard program operation. See "Write Operation Status" for more information. The system may also write the autoselect command sequence when the device is in the Erase Suspend mode. The device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory
AS29F040
array. When the device exits the autoselect mode, the device reverts to the Erase Suspend mode, and is ready for another valid operation. See "Autoselect Command Sequence" for more information. The system must write the Erase Resume command (address bits are "don't care") to exit the erase suspend mode and continue the sector erase operation. Further writes of the Resume command are ignored. Another Erase Suspend command can be written after the device has resumed erasing.
TABLE 4: Command Definitions
Command Sequence Read
5 6 1
Bus Cycles First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data RA XXX 555 555 555 555 555 555 XXX XXX RD F0 AA AA AA AA AA AA B0 30 2AA 2AA 2AA 2AA 2AA 2AA 55 55 55 55 55 55 555 555 555 555 555 555 90 90 90 A0 80 80 X00 X01 SA X02 PA 555 555 01 A4 00 01 PD AA AA
Reset
Autoselect
7
Manufacturer ID Device ID Sector Protect Verify
8
Program Chip Erase Sector Erase Erase Suspend Erase Resume
9 10
Cycles
2,3,4
1 1 4 4 4 4 6 6 1 1
2AA 2AA
55 55
555 SA
10 30
LEGEND:
X = Don't Care. RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE\ or CE\ pulse, whichever happens later. PD = Data to be programmed at location PA. Data latches on the rising edge of WE\ or CE\ pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A18-A16 uniquely select any sector.
NOTES:
1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Except when reading array or autoselect data, all command bus cycles are write operations. 4. Address bits A18 - A11 are don't care for unlock and command cycles, unless SA or PA required. 5. No unlock or command cycles required when reading array data. 6. The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ5 goes high (while the device is providing status data). 7. The fourth cycle of the autoselect command sequence is a read cycle. 8. The data is 00h for an unprotected sector and 01h for a protected sector. See "Autoselect Command Sequence" for more information. 9. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation. 10. The Erase Resume command is valid only during the Erase Suspend mode.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
FLASH
Austin Semiconductor, Inc.
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 5 and the following subsections describe the functions of these bits. DQ7 and DQ6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first.
AS29F040
DQ6: Toggle Bit I
Toggle bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE\ pulse in the command sequence (prior to the program or erase operation), and during the sector erase timeout. During an Embedded Program or Erase algorithm operation, successive read cycles to any address cause DQ6 to
DQ7: Data\ Polling
The Data\ Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data\ Polling is valid after the rising edge of the final WE\ pulse in the program or erase command sequence. During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system must provide the program address to read valid status information on DQ7. If a program address falls within a protected sector, Data\ Polling on DQ7 is active for approximately 2s, then the device returns to reading array data. During the Embedded Erase algorithm, Data\ Polling produces a "0" on DQ7. When the Embedded Erase algorithm is complete, or if the device enters the Erase Suspend mode, Data\ Polling produces a "1" on DQ7. This is analogous to the complement/true datum output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to "1"; prior to this, the device outputs the "complement," or "0". The system must provide an address within any of the sectors selected for erasure to read valid status information on DQ7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data\ Polling on DQ7 is active for approximately 100s, then the device returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects DQ7 has changed from the complement to true data, it can read valid data at DQ7-DQ0 on the following read cycles. This is because DQ7 may change asynchronously with DQ0-DQ6 while Output Enable (OE\) is asserted low. The Data\ Polling Timings (During Embedded Algorithms) figure in the "AC Characteristics" section illustrates this. Table 5 shows the outputs for Data\ Polling on DQ7. Figure 3 shows the Data\ Polling algorithm.
FIGURE 3: DATA\ POLLING ALGORITHM
NOTE:
1) VA = Valid address for programming. During a sector erase operation, a valid address is an address within any sector selected for erasure. During chip erase, a valid address is any non-protected sector address. 2) DQ7 should be rechecked even if DQ5 = "1" because DQ7 may change simultaneously with DQ5.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
AS29F040 Rev. 2.2 09/07
10
FLASH
Austin Semiconductor, Inc.
toggle. (The system may use either OE\ or CE\ to control the read cycles.) When the operation is complete, DQ6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6 toggles for approximately 100s, then returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or is erase-suspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in progress), DQ6 toggles. When the device enters the Erase Suspend mode, DQ6 stops toggling. However the system must also use DQ2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use DQ7 (see the subsection on "DQ7: Data\ Polling"). If a program address falls within a protected sector, DQ6 toggles for approximately 2s after the program command sequence is written, then returns to reading array data. DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded Program algorithm is complete. The Write Operation Status table shows the outputs for Toggle Bit I on DQ6. Refer to Figure 4 for the toggle bit algorithm, and to the Toggle Bit Timings figure in the "AC Characteristics" section for the timing diagram. The DQ2 vs. DQ6 figure shows the differences between DQ2 and DQ6 in graphical form. See also the subsection on "DQ2: Toggle Bit II".
AS29F040
Reading Toggle Bit DQ6/DQ2
Refer to Figure 4 for the following discussion. Whenever the system initially begins reading toggle bit status, it must read DQ7-DQ0 at least twice in a row to determine whether a toggle bit is toggling. Typically, a system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has
FIGURE 4: TOGGLE BIT ALGORITHM
DQ2: Toggle Bit II
The "Toggle Bit II" on DQ2, when used with DQ6, indicates whether a particular sector is actively erasing (that is, the Embedded Erase algorithm is in progress), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE\ pulse in the command sequence. DQ2 toggles when the system reads at addresses within those sectors taht have been selected for erasure. (The system may use either OE\ or CE\ to control the read cycles.) But DQ2 cannot distinguish whether the sector is actively erasing or is erase-suspended. DQ6, by comparison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus, both status bits are required for sector and mode information. Refer to Table 5 to compare outputs for DQ2 and DQ6. Figure 4 shows the toggle bit algorithm in flowchart form, and the section "DQ2: Toggle Bit II" explains the algorithm. See also the "DQ6: Toggle Bit I" subsection. Refer to the Toggle Bit Timings figure for the toggle bit timing diagram. The DQ2 vs. DQ6 figure shows the differences between DQ2 and DQ6 in graphical form.
AS29F040 Rev. 2.2 09/07
NOTE:
1) Read toggle bit twice to determine whether or not it is toggling. See text. 2) Recheck toggle bit because it may stop toggling as DQ5 changes to "1". See text.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
FLASH
Austin Semiconductor, Inc.
completed the program or erase operation. The system can read array data on DQ7-DQ0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that the system initially determines that the toggle bit it toggling and DQ5 has not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of Figure 4).
AS29F040
Under this condition, the device halts the operation, and when the operation has exceeded the timing limits, DQ5 produces a "1." Under both these conditions, the system must issue the reset command to return the device to reading array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not an erase operation has begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire time-out also applies after each additional sector erase command. When the time-out is complete, DQ3 switches from "0" to "1." The system may ignore DQ3 if the system can guarantee that the time between additional sector erase commands will always be less than 50s. See also the "Sector Erase Command Sequence" section. After the sector erase command sequence is written, the system should read the status on DQ7 (Data\ Polling) or DQ6 (Toggle Bit I) to ensure the device has accepted the command sequence, and then read DQ3. If DQ3 is "1", the internally controlled erase cycle has begun; all further commands (other than Erase Suspend) are ignored until the erase operation is complete. If DQ3 is "0", the device will accept additional sector erase commands. To ensure the command has been accepted, the system software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check, the last command might not have been accepted. Table 5 shows the outputs for DQ3.
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a "1." This is a failure condition that indicates the program or erase cycle was not successfully completed. The DQ5 failure condition may appear if the system tries to program a "1" to a location that is previously programmed to "0." Only an erase operation can change a "0" back to a "1."
TABLE 5: WRITE OPERATION STATUS
OPERATION Standard Mode Embedded Program Algorithm Embedded Erase Algorithm DQ7
1
DQ6 Toggle Toggle No toggle Data Toggle
DQ5 0 0 0
2
DQ3 0 1 N/A Data N/A
DQ2
1
DQ7\ 0 1 Data DQ7\
No Toggle Toggle Toggle Data N/A
Reading within Erase Suspended Sector Erase Suspend Reading within Non-Erase Suspended Sector Mode Erase-Suspend-Program
NOTES:
Data 0
1. DQ7 and DQ2 requires a valid address when reading status information. Refer to the appropriate subsection for further details. 2. DQ5 switches to `1' when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See "DQ5: Exceeding Timing Limits" for more information.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
FLASH
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Ambient Temperature with Power Applied............-55C to +125C Voltage with Respect to Ground VCC1.................................................................-2.0V to +7.0V A9, OE\2........................................................-2.0V to +12.5V All other pins1...............................................-2.0V to +7.0V VCC Supply Voltage (10%)..........................................-4.5V to +5.5V Output Short Circuit Current3..................................................200mA Storage Temperature..................................................-65C to +125C
NOTES:
1. Minimum DC voltage on input or I/O pin is -0.5V. During voltage transitions, input may overshoot VSS to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC voltage on input and I/O pins is VCC + 0.5V. During voltage transitions, input and I/O pins may overshoot VCC + 2.0V for periods up to 20ns. See Figure 6. 2. Minimum DC voltage on A9 pin is -0.5V. During voltage transitions, A9 and OE\ pins may overshoot VSS to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC input voltage on A9 and OE\ is +12.5V which may overshoot to 13.5V for periods up to 20ns. 3. No more than one output shorted to ground at a time. Duration of the short circuit should not be greater than one second.
AS29F040
FIGURE 5: Maximum Negative Overshoot Waveform
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FIGURE 6: Maximum Positive Overshoot Waveform
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
FLASH
Austin Semiconductor, Inc. DC CHARACTERISTICS: TTL/NMOS Compatible
PARAMETER Input Load Current A9 Input Load Current Output Leakage Current VCC Active Read Current
2,3,4 2 1,2
AS29F040
MIN TYP MAX 1.0 50 1.0 20 30 0.4 -0.5 2.0 10.5 30 40 1.0 0.8 VCC + 0.5 12.5 0.45 2.4 3.2 4.2 UNIT A A A mA mA mA V V V V V V
DESCRIPTION VIN = VSS to VCC, VCC = VCC Max VCC = VCC Max, A9 = 12.5V VOUT = VSS to VCC, VCC = VCC Max CE\ = VIL, OE\ = VIH CE\ = VIL, OE\ = VIH CE\ = VIH
SYM ILI ILIT ILO ICC1 ICC2 ICC3 VIL VIH
VCC Active Write (Program/Erase) Current
VCC Standby Current Input Low Voltage Input High Voltage
Voltage for Autoselect and Sector Protect Output Low Voltage Output High Voltage Low VCC Lock-out Voltage
VCC = 5.25V IOL = 12 mA, VCC = VCC Min IOH = -2.5 mA, VCC = VCC Min
VID VOL VOH VLKO
DC CHARACTERISTICS: CMOS Compatible
PARAMETER Input Load Current A9 Input Load Current Output Leakage Current VCC Active Read Current
2,3,4 2, 5 1,2
DESCRIPTION VIN = VSS to VCC, VCC = VCC Max VCC = VCC Max, A9 = 12.5V VOUT = VSS to VCC, VCC = VCC Max CE\ = VIL, OE\ = VIH CE\ = VIL, OE\ = VIH CE\ = VCC 0.5V
SYM ILI ILIT ILO ICC1 ICC2 ICC3 VIL VIH
MIN
TYP
MAX 1.0 50 1.0
UNIT A A A mA mA A V V V V V V
20 30 1 -0.5 0.7 x VCC 10.5
30 40 5 0.8 VCC + 0.3 12.5 0.45
VCC Active Program/Erase Current
VCC Standby Current Input Low Voltage Input High Voltage
Voltage for Autoselect and Sector Protect Output Low Voltage Output High Voltage
VCC = 5.25V IOL = 12 mA, VCC = VCC Min IOH = -2.5 mA, VCC = VCC Min IOH = -100 A, VCC = VCC Min
VID VOL VOH1 VOH2 VLKO
0.85 VCC VCC - 0.4 3.2 4.2
Low VCC Lock-out Voltage
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 6 MHz). The frequency component typically is less than 2mA/MHz, with OE\ at VIH. 2. Maximum ICC specifications are tested with VCC = VCC Max. 3. ICC active while Embedded Algorithm (program or erase) is in progress. 4. Not 100% tested. 5. For CMOS mode only, ICC3 = 20A max at extended temperatures (>+85C).
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
FLASH
Austin Semiconductor, Inc. FIGURE 7: TEST CONDITIONS, Test Setup
AS29F040
TABLE 6: TEST CONDITIONS, Test Specifications
CONDITIONS Output Load Output Load Capacitance, CL (including jig capacitance) Input Rise and Fall Times Input Pulse Levels Input timing measurement reference levels Output timing measurement reference levels -55 ALL OTHERS 1 TTL Gate 100 20 0.45 - 2.4 0.8, 2.0 0.8, 2.0 UNIT 30 5 0.0 - 3.0 1.5 1.5 pF ns V V V
AC CHARACTERISTICS: Read-Only Operations
PARAMETER Read Cycle Time
3
SYMBOL JEDEC Std tAVAV tAVQV tELQV tGLQV tEHQZ tGHQZ
2, 3 2, 3
TEST SETUP MIN CE\ = VIL OE\ = VIL OE\ = VIL MAX MAX MAX MAX
-55 55 55 55 30 18 18
SPEED OPTIONS -70 90 -120 70 70 70 30 20 20 0 10 0 90 90 90 35 20 20 0 10 0 120 120 120 50 30 30 0 10 0
1
-150 UNITS 150 150 150 55 35 35 0 10 0 ns ns ns ns ns ns ns ns ns
tRC tACC tCE tOE tDF tDF Read tOEH Toggle and Data Polling
Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable to Output High Z
Output Enable to Output High Z Output Enable Hold Time
3
MIN MIN MIN
0 10 0
Output Hold Time From Addresses CE\ or OE\, Whichever Occurs First
tAXQX
tOH
NOTES:
1. See Figure 7 and Table 6 for test specifications. 2. Output driver disable time. 3. Not 100% tested.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
FLASH
Austin Semiconductor, Inc.
AS29F040
FIGURE 8: AC CHARACTERISTICS, Read Operations Timings
0V
AC CHARACTERISTICS: Erase and Program Operations
PARAMETER Write Cycle Time
1
SYMBOL JEDEC Std MIN MIN MIN MIN MIN MIN MIN MIN MIN MIN MIN
2
-55 55
SPEED OPTIONS -70 90 -120 70 90 0 120
-150 UNITS 150 ns ns
tAVAV tAVWL tWLAX tDVWH tWHDX
tWC tAS tAH tDS tDH tOES
Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recover Time Before Write (OE\ High to WE\ Low) CE\ Setup Time CE\ Hold Time Write Pulse Width Write Pulse Width High Byte Programming Operation Sector Erase Operation VCC Set Up Time
1 2
40 25
45 30
45 45 0 0 0 0 0
50 50
50 50
ns ns ns ns ns ns ns
tGHWL tELWL tWHEH tWLWH tWHWL
tGHWL tCS tCH tWP tWPH 30 35
45 20 7 1 50
50
50
ns ns s sec s
TYP tWHWH1 tWHWH1 TYP tWHWH2 tWHWH2 MIN tVCS
NOTES:
1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
FLASH
Austin Semiconductor, Inc.
AS29F040
FIGURE 9: AC CHARACTERISTICS, Program Operation Timings
NOTES:
PA = program address, PD = program data, DOUT is the true data at the program address.
FIGURE 10: AC CHARACTERISTICS, Chip/Sector Erase Operation Timings
NOTES:
SA = sector address (for Sector Erase), VA = Valid Address for reading status data.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
AS29F040 Rev. 2.2 09/07
17
FLASH
Austin Semiconductor, Inc.
AS29F040
FIGURE 11: Data\ Polling Timings (During Embedded Algorithms)
NOTES:
VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
FIGURE 12: AC CHARACTERISTICS, Toggle Bit Timings (During Embedded Algorithms)
NOTES:
VA = Valid address, not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
18
FLASH
Austin Semiconductor, Inc. FIGURE 13: AC CHARACTERISTICS, DQ2 vs. DQ6
AS29F040
NOTES:
Both DQ6 and DQ2 toggle with OE\ or CE\. See the text on DQ6 and DQ2 in section "Write Operation Status" for more information.
AC CHARACTERISTICS: Erase and Program Operations (Alternate CE\ Controlled Writes)
PARAMETER Write Cycle Time
1
SYMBOL JEDEC Std MIN MIN MIN MIN MIN MIN MIN MIN MIN MIN MIN
2
-55 55
SPEED OPTIONS -70 90 -120 70 90 0 120
-150 150
UNITS ns ns
tAVAV tAVWL tWLAX tDVWH tWHDX
tWC tAS tAH tDS tDH tOES
Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recover Time Before Write (OE\ High to WE\ Low) CE\ Setup Time CE\ Hold Time Write Pulse Width Write Pulse Width High Byte Programming Operation Sector Erase Operation VCC Set Up Time
1 2
40 25
45 30
45 45 0 0 0 0 0
50 50
50 50
ns ns ns ns ns ns ns
tGHWL tELWL tWHEH tWLWH tWHWL
tGHWL tCS tCH tWP tWPH 30 35
45 20 7 1 50
50
50
ns ns s sec s
TYP TYP MIN
tWHWH1 tWHWH1 tWHWH2 tWHWH2 tVCS
NOTES:
1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
19
FLASH
Austin Semiconductor, Inc.
AS29F040
FIGURE 14: AC CHARACTERISTICS, Alternate CE\ Controlled Write Operation Timings
NOTES:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7\ = Complement of Data Input, DOUT = Array Data. 2. Figure indicates the last two bus cycles of the command sequence.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
20
FLASH
Austin Semiconductor, Inc. ERASE AND PROGRAMMING PERFORMANCE
LIMITS PARAMETER Sector Erase Time Chip Erase Time Byte Programming Time Chip Programming Time
3
AS29F040
TYP 1 8 7 3.6
1
MAX 8 64 300
2
UNIT sec sec s sec
COMMENTS Excludes 00h programming prior to erasure
4
10.8
Excludes system-level overhead
5
NOTES:
1. Typical program and erase times assume the following conditions: 25C, 5.0V VCC, 1 million cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90C, VCC = 4.5V; 1,000,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set DQ5 = 1. See the section on DQ5 for further information. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4 for further information on command definitions. 6. The device has a minimum guaranteed erase and program cycle endurance of 1 million cycles.
LATCHUP CHARACTERISTIC
PARAMETER Input voltage with respect to VSS on all I/O pins VCC Current MIN -1.0V -100mA MAX VCC + 1.0V +100mA
NOTES:
Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time.
PIN CAPACITANCE
PARAMETER Input Capacitance Output Capacitance Control Pin Capacitance CONDITIONS VIN = 0 VOUT = 0 VPP = 0 SYMBOL CIN COUT CIN2 TYP 4 8 8 MAX 6 12 12 UNIT pF pF pF
NOTES:
1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz
DATA RETENTION
PARAMETER Minimum Pattern Data Retention Time CONDITIONS 150C 125C MIN 10 20 UNIT Years Years
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
FLASH
Austin Semiconductor, Inc.
AS29F040
MECHANICAL DEFINITIONS*
ASI Case (Package Designator CW) SMD 5962-96692, Case Outline X
SYMBOL A A1 A2 B B1 D D1 D2 e e1
SMD SPECIFICATIONS MIN MAX 0.140 0.200 0.019 0.047 0.125 0.193 0.009 0.012 0.588 0.617 1.654 1.686 0.580 0.605 1.492 1.508 0.100 BSC 0.016 0.020
*All measurements are in inches.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
22
FLASH
Austin Semiconductor, Inc.
AS29F040
MECHANICAL DEFINITIONS*
ASI Case (Package Designator F) SMD 5962-96692, Case Outline U
SYMBOL A b C D D1 E E1 E2 e L Q
SMD SPECIFICATIONS MIN MAX --0.125 0.015 0.019 0.004 0.007 0.810 0.830 0.750 TYP 0.405 0.415 0.305 0.315 0.050 TYP 0.050 TYP 0.380 0.420 0.022 0.028
*All measurements are in inches.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
23
FLASH
Austin Semiconductor, Inc.
AS29F040
MECHANICAL DEFINITIONS*
ASI Case (Package Designator DCG) SMD 5962-96692, Case Outline T
SYMBOL A A1 A2 b C C2 D D1 E E1 E2 E3 e eA L Q R
*All measurements are in inches.
AS29F040 Rev. 2.2 09/07
SMD SPECIFICATIONS MIN MAX --0.132 0.095 0.125 0.003 0.007 0.015 0.019 0.004 0.007 0.030 TYP 0.810 0.830 0.750 TYP 0.405 0.415 0.525 0.535 0.305 0.315 0.050 TYP 0.050 TYP 0.436 TYP 0.060 TYP 0.022 0.028 0.007 TYP
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
24
FLASH
Austin Semiconductor, Inc. MECHANICAL DEFINITION*
ASI Case #208 (Package Designator ECA)
E1
AS29F040
L1
e D1 D
R E B1
L
A1
A
SYMBOL A A1 B1 D D1 E E1 e L L1 R
SMD SPECIFICATIONS MIN MAX 0.060 0.080 0.040 0.050 0.022 0.028 0.540 0.560 0.390 0.410 0.442 0.458 0.290 0.310 0.045 0.055 0.045 0.055 0.075 0.095 0.004 0.014
*All measurements are in inches.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
25
FLASH
Austin Semiconductor, Inc. ORDERING INFORMATION
EXAMPLE:
Device Number AS29F040 AS29F040 AS29F040 AS29F040 AS29F040 AS29F040
AS29F040
AS29F040CW-55/883C
Package Type CW CW CW CW CW CW Speed ns Process -55 /* -60 /* -70 /* -90 /* -120 /* -150 /*
EXAMPLE:
Device Number AS29F040 AS29F040 AS29F040 AS29F040 AS29F040 AS29F040
AS29F040F-60/XT
Package Type F F F F F F Speed ns Process -55 /* -60 /* -70 /* -90 /* -120 /* -150 /*
EXAMPLE:
Device Number AS29F040 AS29F040 AS29F040 AS29F040 AS29F040 AS29F040
AS29F040DCG-70/Q
Package Type DCG DCG DCG DCG DCG DCG Speed ns Process -55 /* -60 /* -70 /* -90 /* -120 /* -150 /*
EXAMPLE:
Device Number AS29F040 AS29F040 AS29F040 AS29F040 AS29F040 AS29F040
AS29F040ECA-90/Q
Package Type ECA ECA ECA ECA ECA ECA Speed ns Process -55 /* -60 /* -70 /* -90 /* -120 /* -150 /*
*AVAILABLE PROCESSES XT = Military Temperature Range IT = Industrial Temperature Range 883C = 883C Processing Q = QML Processing
Temperature -55oC to +125oC -40C to +85C -55C to +125C -55C to +125C
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
26
FLASH
Austin Semiconductor, Inc.
AS29F040
ASI TO DSCC PART NUMBER CROSS REFERENCE*
ASI Package Designator CW
ASI Part # AS29F040CW-55/Q AS29F040CW-60/Q AS29F040CW-70/Q AS29F040CW-90/Q AS29F040CW-120/Q AS29F040CW-150/Q SMD Part # 5962-9669206HXA 5962-9669205HXA 5962-9669204HXA 5962-9669203HXA 5962-9669202HXA 5962-9669201HXA
ASI Package Designator F
ASI Part # AS29F040F-55/Q AS29F040F-60/Q AS29F040F-70/Q AS29F040F-90/Q AS29F040F-120/Q AS29F040F-150/Q SMD Part # 5962-9669206HUA 5962-9669205HUA 5962-9669204HUA 5962-9669203HUA 5962-9669202HUA 5962-9669201HUA
ASI Package Designator DCG
ASI Part # AS29F040DCG-55/Q AS29F040DCG-60/Q AS29F040DCG-70/Q AS29F040DCG-90/Q AS29F040DCG-120/Q AS29F040DCG-150/Q SMD Part # 5962-9669206HTA 5962-9669205HTA 5962-9669204HTA 5962-9669203HTA 5962-9669202HTA 5962-9669201HTA
ASI Package Designator ECA
ASI Part # AS29F040ECA-55/Q AS29F040ECA-60/Q AS29F040ECA-70/Q AS29F040ECA-90/Q AS29F040ECA-120/Q AS29F040ECA-150/Q SMD Part # 5962-9669206H_A 5962-9669205H_A 5962-9669204H_A 5962-9669203H_A 5962-9669202H_A 5962-9669201H_A
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS29F040 Rev. 2.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
27


▲Up To Search▲   

 
Price & Availability of AS29F040F-70883C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X