Part Number Hot Search : 
MM1502 1N4751A BZX85C82 UCA64123 AT31625 2SD880 AT216 SI9958DY
Product Description
Full Text Search
 

To Download AA226-87 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
AA226-87, AA226-87LF: GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
Features

Pin Out
CBL
16
Attenuation 1 dB steps to 15 dB with high accuracy Single positive control (3 to 5 V) for each bit Low DC power consumption Small low-cost TSSOP-16 plastic package Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020
J1
GND GND V1 V2 V3 V4 GND
1
8 dB
2 3
15 14
GND GND GND GND GND GND
VS 10 k
4 dB
4 5
13 12
2 dB
6 7
11 10
Description
The AA226-87 is a 4-bit, single positive control GaAs IC FET digital attenuator. It requires DC blocking capacitors, positive supply voltage (VS) and four individual positive bit control voltages (V1-V4). The AA226-87 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base station, wireless data and wireless local loop gain control circuits.
1 dB
GND
9
DC blocking capacitors (CBL) and biasing resistor must be supplied externally for positive voltage operation. CBL = 47 pF for operation >500 MHz.
8
CBL J2
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200212 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
1
DATA SHEET * AA226-87, AA226-87LF
Electrical Specifications at -40 C to +85 C (0, 5 V)
Parameter(1) Insertion loss Condition Frequency 0.5-1.0 GHz 1.0-2.0 GHz 2.0-2.5 GHz 0.5-1.0 GHz 1.0-2.5 GHz VSWR (I/O)(3) Switching characteristics Rise, fall On, off Video feedthru Input power for 1 dB compression Intermodulation intercept point (IP3) 10/90% or 90/10% RF 50% CTL to 90/10% RF TRISE = 1 ns, BW = 500 MHz VS = 3 V VS = 5 V For two-tone input power 5 dBm VS = 3 V VS = 5 V VLOW = 0 to 0.2 V @ 20 A max. VHIGH = 3 V @ 100 A max. to 5 V @ 200 A max. VS = VHIGH 0.2 V 0.5-2.5 GHz 0.5-2.5 GHz 0.5-2.5 GHz 0.5-2.5 GHz 20 24 43 44 0.5-2.5 GHz Min. Typ. 1.3 1.7 2.3 15 (0.2 + 3% of Attenuation Setting in dB) (0.3 + 4% of Attenuation Setting in dB) 1.5:1 150 300 70 25 30 49 50 2.0:1 ns ns mV dBm dBm dBm dBm Max. 1.7 2.2 2.6 Unit dB dB dB dB dB dB
Attenuation range Attenuation accuracy(2)
Control voltages
1. All measurements made in a 50 system, unless otherwise specified. 2. Attenuation referenced to insertion loss. 3. Input/output.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200212 Rev. B
DATA SHEET * AA226-87, AA226-87LF
Typical Performance Data (0, 5 V)
0 -0.5 2.50
15 dB
2.25
Insertion Loss (dB)
-1.0 2.00 25 C 85 C -2.5 -3.0 -3.5 0 0.5 1.0 1.5 2.0 2.5 3.0 -40 C
8 dB
VSWR
-1.5 -2.0
1.75 1.50 1.25 1.00 0 0.5
4 dB 2 dB 1 dB
Ins. Loss
1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
2.50
VSWR vs. Frequency (25 C)
60 58 56 85 C 25 C
8 dB 2.25 2.00 15 dB 4 dB 1.75 1.50 1.25 1.00 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 0.5 1.0 1.5 Ins. Loss 2.0 2.5 3.0 2 dB 1 dB
IP3 (dBm)
54 52 -40 C 50 48 46 44
VSWR
Attenuation (dB)
Frequency (GHz)
IP3 vs. Attenuation and Temperature (500 MHz)
VSWR vs. Frequency (85 C)
Compression Point vs. Attenuation, Voltage, and Temperature
Attenuation State Ins. loss 1 dB 2 dB 4 dB 8 dB 15 dB Control Voltage (V) 5 5 5 5 5 5 Input Power @ 1 dB Compression 25 C (dBm) 85 C (dBm) -40 C (dBm) 31.6 31 30.8 31.9 31.4 32.7 33 30.7 31.5 31.1 31.5 32.8 28.5 31.2 30.9 34.8 33.5 31.7
2.50 15 dB 2.25 8 dB 2.00
VSWR
1.75 1.50 1.25 1.00 0 0.5
4 dB 2 dB 1 dB
Ins. Loss 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
VSWR vs. Frequency (-40 C)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200212 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
3
DATA SHEET * AA226-87, AA226-87LF
1.00 0.75 15 dB
30 25 15 dB 8 dB
Deviation from Nominal Attenuation (dB)
Deviation from Nominal Insertion Phase (Deg.)
0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 0
8 dB 4 dB
20 15 10 5 0
2 dB 1 dB
1 dB -5 -10 4 dB 0 0.5 1.0 1.5 2.0 2.5
2 dB
0.5
1.0
1.5
2.0
2.5
3.0
3.0
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 C)
Attenuation Phase Accuracy vs. Frequency (25 C)
30
1.00 0.75 15 dB
25
15 dB 8 dB
Deviation from Nominal Attenuation (dB)
Deviation from Nominal Insertion Phase (Deg.)
0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 0
8 dB 4 dB 2 dB 1 dB
20 15 10 5 0 -5 -10
4 dB
2 dB
1 dB
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 C)
Attenuation Phase Accuracy vs. Frequency (85 C)
30
1.00 0.75 15 dB 8 dB 4 dB 2 dB 1 dB
25
15 dB 8 dB
Deviation from Nominal Attenuation (dB)
Deviation from Nominal Insertion Phase (Deg.)
0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 0
20 15 10 5 0 -5 -10
4 dB
1 dB
2 dB
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 C)
Attenuation Phase Accuracy vs. Frequency (-40 C)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200212 Rev. B
DATA SHEET * AA226-87, AA226-87LF
Typical Performance Data (0, 3 V)
0 -0.5 1.00 0.75 15 dB 8 dB 4 dB 0.25 0 -0.25 -0.50 -0.75 -1.00 0 0.5 1.0 1.5 2.0 2.5 3.0 0 0.5 1.0 1.5 2.0 2.5 3.0 2 dB 1 dB
Deviation from Nominal Attenuation (dB)
Insertion Loss (dB)
-1.0 -1.5 -2.0 -2.5 85 C -3.0 -3.5 -40 C 25 C
0.50
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
Attenuation Accuracy vs. Frequency (25 C)
1.00
2.50 15 dB 2.25
0.75
15 dB 8 dB 4 dB 2 dB 1 dB
Deviation from Nominal Attenuation (dB)
2.0 2.5 3.0
8 dB 2.00
0.50 0.25 0 -0.25 -0.50 -0.75 -1.00
VSWR
4 dB 1.75 1.50 1.25 1.00 0 Ins. Loss 0.5 1.0 1.5 2 dB 1 dB
-1.25 0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency (25 C)
Attenuation Accuracy vs. Frequency (85 C)
1.00
30 25 15 dB
0.75
15 dB 8 dB 4 dB 2 dB 1 dB
Deviation from Nominal Phase (Deg.)
Deviation from Nominal Attenuation (dB)
2.0 2.5 3.0
8 dB 20 15 10 5 0 -5 -10 0 0.5 1.0 1.5 2 dB 1 dB 4 dB
0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Attenuation Phase Accuracy vs. Frequency (25 C)
Attenuation Accuracy vs. Frequency (-40 C)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200212 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
5
DATA SHEET * AA226-87, AA226-87LF
56 55 54 53 85 C
Compression Point vs. Attenuation, Voltage, and Temperature
Attenuation State Ins. loss 1 dB 2 dB -40 C 4 dB 8 dB 15 dB 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Control Voltage (V) 3 3 3 3 3 3 Input Power @ 1 dB Compression 25 C (dBm) 85 C (dBm) -40 C (dBm) 24.5 24.1 24.6 25.2 25 31.2 28.3 26.6 24.8 24.3 30.4 26.3 24.8 25.2 24.9 32.8 29.2 27.5
IP3 (dBm)
52 51 50 49 48 47 46
25 C
Attenuation (dB)
Absolute Maximum Ratings
Characteristic RF input power Supply voltage Control voltage Value 1 W > 500 MHz 0/8 V 0.5 W @ 50 MHz 0/8 V 8V -0.2 V, +8 V -40 C to +85 C -65 C to +150 C
IP3 vs. Attenuation and Temperature (500 MHz)
Truth Table
V1 8 dB VHIGH VHIGH VHIGH VHIGH 0 0 V2 4 dB VHIGH VHIGH VHIGH 0 VHIGH 0 V3 2 dB VHIGH VHIGH 0 VHIGH VHIGH 0 V4 1 dB VHIGH 0 VHIGH VHIGH VHIGH 0 Attenuation J1-J2 Reference I.L. 1 dB 2 dB 4 dB 8 dB 15 dB max. atten.
Operating temperature Storage temperature
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
VHIGH = 3 to 5 V (VS = VHIGH 0.2 V).
TSSOP-16
Pin 16 0.173 (4.40 mm) 0.004 (0.10 mm) Pin 1 Indicator Pin 1 0.197 (5.00 mm) 0.004 (0.10 mm) 0.047 (1.20 mm) Max. 0.252 (6.4 mm) BSC
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
0.0256 (0.65 mm) BSC
R 0.004 (0.09 mm) Min.
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
0.009 (0.22 mm) Ref. 0.035 (0.90 mm) + 0.006 (0.15 mm) / -0.004 (-0.10 mm)
0.006 (0.15 mm) Max. 0.002 (0.05 mm) Min.
0.024 (0.60 mm) 0.006 (0.15 mm)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200212 Rev. B
DATA SHEET * AA226-87, AA226-87LF
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200212 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
7


▲Up To Search▲   

 
Price & Availability of AA226-87

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X