Part Number Hot Search : 
24290 HCT7000 1403D ISL79988 EV30L 7030C BAS11 2SK130
Product Description
Full Text Search
 

To Download 891-014-31PA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 891-014 and -015 Series 89 Nanominiature Connectors Straddle Mount
Straddle Mount PCB Nano Connectors feature gold alloy TwistPin contacts, offering premium performance and reliability for demanding applications. Available with #0-80 female threads, or with jackscrews for use with flexible circuits. Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for excellent solderability. Choose Aluminum, Titanium or Stainless Steel Shells in seven layouts from 9 to 51 contacts. Complies to the requirements of MIL-DTL-32139. These connectors are intermateable with any corresponding Glenair Series 891 Double row metal shell nanominiature connector.
HOW TO ORDER STRADDLE MOUNT PCB CONNECTORS
Series Insert Arrangement/ Contact Type
Plugs (891-014)
Shell Material and Finish A1
Aluminum Shell, Cadmium Plating
Termination Type
Hardware
891-014
Plug, Pin Contacts, Double Row, Straddle Mount Nanominiature
STM
"STraddle Mount"
J
Jackscrew, #0-80
891-015
Receptacle, Socket Contacts, Double Row, Straddle Mount Nanominiature
9P 15P 21P 25P 31P 37P 51P
Receptacles (891-015)
A2
Aluminum Shell, Electroless Nickel Plating
T
#0-80 Female Thread
T
Titanium Shell, Unplated
9S 15S 21S 25S 31S 37S 51S
S
Stainless Steel Shell, Passivated
Sample Part Number 891-015 -- 37S A1 --STM T
MATERIALS AND FINISHES
Connector Shell Insulator Contacts Hardware PC Tails PCB Trays Encapsulant See Ordering Information Liquid Crystal Polymer (LCP),30% Glass-Filled Gold Alloy, Unplated 300 Series Stainless Steel #30 (.010 Dia.) Copper Wire, Solder Dipped Liquid Crystal Polymer (LCP) or Epoxy Epoxy
SPECIFICATIONS
Durability Current Rating Voltage Rating (DWV) Insulation Resistance Operating Temperature Contact Resistance Thermal Vacuum Outgassing 200 Cycles Minimum 1 AMP Maximum 300 VAC RMS Sea Level 5000 Megohms Minimum -55 C. to +125 C. 71 mV. @1 AMP #30 AWG Wire 1.0% Max TML, 0.1% Max. VCM
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 57 E-Mail: sales@glenair.com
Double Row Connectors
891-014 and -015 Series 89 Nanominiature Connectors Straddle Mount
STRADDLE MOUNT NANO DIMENSIONS
Plug (Pin) Connectors Receptacle (Socket) Connectors
Double Row Connectors A B C .125 (3.18) .025 (0.64) TYP .0125 (0.32) TYP #0-80 UNF-2A, 2X .0575 (1.46) .080 (2.03) .010 (.25) DIA. .125 (3.18) .100 (2.54) .086 (2.18) .010 (.25) MAX.
A B .020 (0.51) .125 (3.18) .040 (1.02) PIN 1 .025 (0.64) TYP .0125 (0.32) TYP SOCKET 1 .108 / .102 2.74 / 2.59 #0-80 UNF-2B, 2X .042/.037 (1.07/0.94) .040 (1.02) C .020 (0.51)
.0575 (1.46)
.210 (5.33)
.225 (5.72) .110 .003 (2.79 0.08)
.100 (2.54)
.010 (.25) DIA. .100 (2.54) .125 (3.18)
.100 (2.54)
.086 (2.18) .010 (.25) MAX.
A Layout In. .005 9P 9S 15P 15S 21P 21S 25P 25S 31P 31S 37P 37S 51P 51S
.375 .375 .450 .450 .525 .525 .575 .575 .650 .650 .725 .725 .900 .900
B BSC. mm. 0.13
9.52 9.52 11.43 11.43 13.33 13.33 14.60 14.60 16.51 16.51 18.41 18.41 22.86 22.86
C BSC. mm.
6.86 6.86 8.76 8.76 10.67 10.67 11.94 11.94 13.84 13.84 15.75 15.75 20.19 20.19
In.
.270 .270 .345 .345 .420 .420 .470 .470 .545 .545 .620 .620 .795 .795
In.
.160 .163 .235 .238 .310 .313 .360 .363 .435 .438 .510 .513 .685 .688
mm.
4.06 4.14 5.97 6.04 7.87 7.95 9.14 9.22 11.05 11.12 12.95 13.03 17.40 17.47
(c) 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 58 E-Mail: sales@glenair.com
891-014 and -015 Series 89 Nanominiature Connectors Straddle Mount
STRADDLE MOUNT BOARD LAYOUT -- 891-014 PLUGS (PIN CONTACTS)
"
S A"
ide
ide
.016 (0.41) TYP PAD WIDTH .030 (0.76) LEAD LENGTH
.050 (1.27) PAD HEIGHT .010 (0.25) LEAD WIDTH
"
S B"
PAD/ FOOTPRINT DETAIL
.100 (2.54) .0125 (0.32) TYP .025 (0.64) TYP
9876 54321
"B" SIDE OF FLEX "A" SIDE OF FLEX
.175 (4.45) .0125 (0.32) TYP .025 (0.64) TYP
1111119 543210 8 7654321
"B" SIDE OF FLEX "A" SIDE OF FLEX
9 Contacts
15 Contacts
.0125 (0.32) TYP .025 (0.64) TYP
.250 (6.35)
2211111111 1098765432 11987654321 10
"B" SIDE OF FLEX "A" SIDE OF FLEX
.0125 (0.32) TYP .025 (0.64) TYP
.300 (7.62)
222222111111 543210987654 1111987654321 3210
"B" SIDE OF FLEX "A" SIDE OF FLEX
21 Contacts
.375 (9.53)
332222222222111 109876543210987 1111111987654321 6543210
25 Contacts
.450 (11.43)
333333332222222222 765432109876543210 1111111111987654321 9876543210
.0125 (0.32) TYP .025 (0.64) TYP
"B" SIDE OF FLEX "A" SIDE OF FLEX
.0125 (0.32) TYP .025 (0.64) TYP
"B" SIDE OF FLEX "A" SIDE OF FLEX
31 Contacts
37 Contacts
.0125 (0.32) TYP .025 (0.64) TYP
.625 (15.88)
5544444444443333333333222 1098765432109876543210987 22222221111111111987654321 65432109876543210
"B" SIDE OF FLEX "A" SIDE OF FLEX
51 Contacts
(c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 59 E-Mail: sales@glenair.com
Double Row Connectors
891-014 and -015 Series 89 Nanominiature Connectors Straddle Mount
STRADDLE MOUNT BOARD LAYOUT--891-015 RECEPTACLES
Double Row Connectors
"A
"S
ide
e
.016 (0.41) TYP PAD WIDTH .030 (0.76) LEAD LENGTH
.050 (1.27) PAD HEIGHT .010 (0.25) LEAD WIDTH
" "B
Sid
PAD/ FOOTPRINT DETAIL
.100 (2.54) .0125 (0.32) TYP .025 (0.64) TYP
6789 12345
"B" SIDE OF FLEX "A" SIDE OF FLEX
.175 (4.45) .0125 (0.32) TYP .025 (0.64) TYP
9111111 012345 12345678
"B" SIDE OF FLEX "A" SIDE OF FLEX
9 Contacts
15 Contacts
.0125 (0.32) TYP .025 (0.64) TYP
.250 (6.35)
1111111122 2345678901 123456789 11 01
"B" SIDE OF FLEX "A" SIDE OF FLEX
.0125 (0.32) TYP .025 (0.64) TYP
.300 (7.62)
111111222222 456789012345 1234567891111 0123
"B" SIDE OF FLEX "A" SIDE OF FLEX
21 Contacts
25 Contacts
.0125 (0.32) TYP .025 (0.64) TYP
.375 (9.53)
111222222222233 789012345678901 1234567891111111 0123456
"B" SIDE OF FLEX "A" SIDE OF FLEX
.0125 (0.32) TYP .025 (0.64) TYP
.450 (11.43)
222222222233333333 012345678901234567 1234567891111111111 0123456789
"B" SIDE OF FLEX "A" SIDE OF FLEX
31 Contacts
37 Contacts
.0125 (0.32) TYP .025 (0.64) TYP
.625 (15.88)
2223333333333444444444455 7890123456789012345678901 12345678911111111112222222 01234567890123456
"B" SIDE OF FLEX "A" SIDE OF FLEX
51 Contacts
(c) 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com 60 E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 891-014-31PA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X