Part Number Hot Search : 
0100M R36MF2 MSU001T 1680759 HT3820 8116S S6220D ZMM5252B
Product Description
Full Text Search
 

To Download 790-036PD-7P2ZNUPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
PANEL RECEPtACLES WIth PIN CoNtACtS, RIGht ANGLE PCB tERMINAtIoN, 790-036P
Lightweight, rugged right angle headers feature gold-plated contacts for thru-hole printed circuit board termination. 790-036P connectors are designed for rear-panel mounting and are supplied with conductive panel gaskets. Contacts are permanently installed and are sealed with epoxy. Shells are aluminum alloy. Threaded board mounting holes and integral standoffs simplify installation. EMI shroud improves EMI performance. Fluorosilicone face seal provides watertight interface. Available in 29 different contact arrangements, these connectors feature size #23 signal contacts along with #16 and #12 power contacts for up to 23 amps current rating.
790-036P
Part Number
Rear-Panel Mounted Receptacle with 90 PC Tail Pin Contacts for Termination to Backplanes or Flexible Circuits
D-7P2
Shell Size Insert Arr.
See Table 1 for Available Insert Arrangements
Sample Part Number
HOW TO ORDER
MT
P
Hardware Option
A
PC Tail Length
.125 Inch (3.2 mm.)
Shell Finish
Electroless Nickel
790-036P
M
A B
general purpose applications
1000 Hour GreyTM maximum corrosion protection and durability (non-reflective grey)
Nickel-PTFE
MT
No Hardware
N
.250 inch (6.4 mm.)
Zinc-Nickel with Black Chromate
tactical applications (non-reflective black)
ZNU
Guide Pin
G
PC TAIL LENGTH
Female Jackpost Additional shell finishes are listed on page C-9.
P
Female Guide Socket
S
SPECIFICATIONS
Current Rating Dielectric Withstanding Voltage Insulation Resistance Operating Temperature Shock Vibration #23 5 AMPS, #16 13 A., #12 23 A. #23 500 VAC RMS, #12 and #16 1800 VAC RMS 5000 megohms minimum -65 C. to +150 C. 300 g. 37 g. Shell Contacts
MATERIALS AND FINISHES
Aluminum alloy Copper alloy, 50 microinches gold plated Liquid crystal polymer (LCP) Flourosilicone rubber 300 series stainless steel Fluorosilicone, conductive Epoxy
Insulator Interfacial Seal Hardware Panel Gasket Encapsulant
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-1
PCB Connectors
A B C D E F G H
INDEX
PCB Connectors
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
Table 1 Contact Arrangements
Layout A-5 Contact Quantity #23 #16 #12 5 2 9 13 15 3 5 9 19 4 13 23 5 33 6 7 2 2 5 66 13 23 33 7 23 33 43 9 6 4 2 4 2 4 3 2 2 2 Face View
CRoSS-SECtIoNAL vIEW oF 790-036P
.195 (4.95) LCP INSULATOR EPOXY EMI COVER LCP TRAY INTERFACIAL SEAL .007 (0.18) .025 (0.64) EMI GASKET CONTACT PIN
A B C D E F G H
INDEX INDEX
B-2P2 B-9 C-13 D-15 D-3P3 D-7P2 E-11P2 E-19 E-7P3 F-15P2 F-23 F-5P5 G-33 H-10P4
TABLE 2 HARDWARE OPTION
H-29P7 22 H-36P2 34 H-54P2 52 H-5P5 H-66 J-17P4 J-25P2 J-33 J-7P7 k-27P4 k-35P2 k-43 k-9P9 L-6P6
Connector is supplied with blind, tapped holes. Shell sizes H and L have 6-32 UNC-2B thread, other sizes are #4-40. Minimum thread depth is .150" (3.81).
No Mating Hardware
N
Connector is supplied with nonremovable jackposts. Shell sizes H and L have #4-40 UNC-2B thread, other sizes have #2-56 thread.
Jackposts
P
Connector is supplied with stainless steel guide pins to mate with code S guide sockets. Pins are nonremovable.
Male Guide Pins
G
Connector is supplied with stainless steel guide sockets to mate with code G guide pins. Sockets are nonremovable.
S Female Guide Sockets
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-2
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P DIMENSIoNS: ShELL SIzES A-F, J, AND K
A MAX B BASIC C BASIC D MAX .500 (12.70) MAX .308 (7.82) MAX .228 (5.79) MIN .078 (1.98) MIN
2-56 UNC-2B X .150 (3.81) MIN 2 PLACES .170 (4.32)
JACKPOST SHOWN FOR REFERENCE. .335 (8.51) MAX
PC TAIL LENGTH .020 (0.51) CODE A: .125 (3.18) CODE B: .250 (6.35)
435 (11.05) MAX
.560 (14.22) MAX C BASIC E MAX
CONTACT TAIL DIA #23 CONTACT .018/.022 (0.46/0.56) #16 CONTACT .060/.064 (1.52/1.63)
2-56 UNC-2B 2 PLACES
790-036P ShELL SIzES A-F, J AND K
Shell Size A B C D E F J K A Max. In. mm.
1.211 1.361 1.511 1.611 1.761 1.911 2.261 2.661 30.76 34.57 38.38 40.92 44.73 48.54 57.43 67.59
B Basic In. mm.
.925 1.075 1.225 1.325 1.475 1.625 1.975 2.375 23.50 27.31 31.12 33.66 37.47 41.28 50.17 60.33
C Basic In. mm.
.565 .715 .865 .965 1.115 1.265 1.615 2.015 14.35 18.16 21.97 24.51 28.32 32.13 41.02 51.18
D Max. In. mm.
.401 .551 .701 .801 .951 1.101 1.460 1.860 10.19 14.00 17.81 20.35 24.16 27.96 37.08 47.24
E Max. In. mm.
.760 .910 1.060 1.160 1.310 1.460 1.810 2.210 19.30 21.11 26.92 29.46 33.27 37.08 45.97 56.13
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-3
PCB Connectors
A B C D E F G H
INDEX INDEX
PCB Connectors
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P DIMENSIoNS: ShELL SIzE G
A B C D E F G H
INDEX INDEX
(c) 2009 Glenair, Inc. www.glenair.com Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324 Printed in U.S.A. E-Mail: sales@glenair.com .570 (14.48) MAX 1.855 (47.12) MAX 1.575 (40.01) BASIC 1.215 (30.86) BASIC 1.079 (27.41) MAX .387 (9.83) MAX .228 (5.79) MIN .078 (1.98) MIN
2-56 UNC-2B X .150 (3.81) MIN 2 PLACES .170 (4.32)
JACKPOST SHOWN FOR REFERENCE. .335 (8.51) MAX
.018/.022 (0.46/0.56)
PC TAIL LENGTH .020 (0.51) CODE A: .125 (3.18) CODE B: .250 (6.35)
.510 (12.95) TYP
.630 (16.00) MAX
2-56 UNC-2B 2 PLACES
1.215 (30.86) BASIC 1.450 (36.83) MAX
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-4
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P DIMENSIoNS: ShELL SIzE h AND L
#2-56 FLAT HEAD SCREW
F MAX G BASIC H BASIC J
.415 (10.54) MAX
.288 (6.05) MIN .088 (2.24) PC TAIL LENGTH .020 (0.51) CODE A: .125 (3.18) CODE B: .250 (6.35) CONTACT TAIL DIA #23 CONTACT .018/.022 (0.46/0.56) #16 CONTACT .060/.064 (1.52/1.63) #12 CONTACT .096/.092 (2.44/2.34)
.620 (15.75) MAX .320 (8.13) MAX 4-40 UNC-2B X .150 (3.81) MIN 2 PLACES .170 (4.32) JACKPOST SHOWN FOR REFERENCE.
.300 (7.62) MAX 4-40 UNC-2B 2 PLACES
.5075 (12.89) .700 (17.78) TYP MAX
H BASIC K MAX
790-036P ShELL SIzES h AND L
Shell Size H L F Max. In. mm.
2.500 63.50 2.736 69.49
G Basic In . mm.
2.236 56.79 2.472 62.79
H Basic In. mm.
1.800 45.72 2.036 51.71
J Max. In. mm.
1.450 36.83 1.686 42.82
K Max. In. mm.
2.045 51.94 2.281 57.94
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-5
PCB Connectors
A B C D E F G H
INDEX INDEX
PCB Connectors
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors PCB Hole Patterns for 790-036P and 790-041P Receptacles
A B C D E
This section contains printed circuit board footprints for right angle Series 79 receptacles. The contact identification numbers are shown for the connector mounting side of the PC board. Contact tails are gold over nickel plated.
Contact Size
#23 #16 #12 CONNECTOR ORIENTATION
PC Tail Diameter O Diameter In. mm.
.018-.022 .060-.064 .092-.096 0.46-0.56 1.52-1.63 2.34-2.44
Insert Arr.
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
.565 (14.35) .2825 (7.18) (HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 5x)
.003 M A M
A-5
.075 (1.91) TYP .094 .003 (2.39 0.08) 2x
.003 M A M
5
4
3
2
1
.0375 (0.95) TYP .715 (18.16) .270 (6.86)
.075 (1.91) TYP
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2X)
.003 M A M
B-2P2
.094 .003 (2.39 0.08) 2x
A2
A1
.003 M A M
F G H
INDEX INDEX
C-13
.094 .003 (2.39 0.08) 2x
.003 M A M
.175 (4.45)
.715 (18.16) .3575 (9.08) .075 (1.91) TYP .094 .003 (2.39 0.08) 2x
.003 M A M
5
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 9x)
.003 M A M
B-9
9
8
7
6
4
3
2
1
.0375 (0.95) TYP
.075 (1.91) TYP
.865 (21.97) .4325 (10.99) .075 (1.91) TYP
8 3 2 1
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 13x)
.003 M A M
13
12 5
11 4
10 9
7
6
.0375 (0.95) TYP
.075 (1.91) TYP
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-10
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
.965 (24.51) .4825 (12.26) .075 (1.91) TYP
10 9 3 2 1
Insert Arr.
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 15x)
.003 M A M
D-15
.094 .003 (2.39 0.08) 2x
15 8 7
14 13 6 5
12 4
11
.003 M A M
.0375 (0.95) TYP
.075 (1.91) TYP
.965 (24.51) .4825 (12.26) (HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 3x)
.003 M A M
A2 A1
D-3P3
.094 .003 (2.39 0.08) 2x
.003 M A M
.175 (4.45) 2x
A3
.965 (24.51) .4825 (12.26) .075 (1.91) TYP
A2 3 2 1
.205 (5.21) 2X
5 4 A1
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 5x)
.003 M A M
D-7P2
.094 .003 (2.39 0.08) 2x
.003 M A M
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2X)
.003 M A M
.0375 (0.95) TYP 1.115 (28.32) .5575 (14.16) .075 (1.91) TYP
A2 4 3 2 1
.075 (1.91) TYP
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 9x)
.003 M A M
E-11P2
.094 .003 (2.39 0.08) 2x
9
8
7
6
5 A1
.003 M A M
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2X)
.003 M A M
.0375 (0.95) TYP .2795 (7.10) 2X 1.115 (28.32) .5575 (14.16) .075 (1.91) TYP
12 11 2 3 1
.075 (1.91) TYP
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 19x)
.003 M A M
E-19
.094 .003 (2.39 0.08) 2x
19 10 9
18 17 8 7
16 15 6 5
14 13 4
.003 M A M
.0375 (0.95) TYP
.075 (1.91) TYP
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-11
PCB Connectors
A B C D E F G H
INDEX INDEX
PCB Connectors
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
1.115 (28.32) .5575 (14.16) (HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 3x) (HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 4x)
3 A3 2 A2 A1 1
A B C
Insert Arr.
.003 M A M
E-7P3
.094 .003 (2.39 0.08) 2x
.175 (4.45) 2x
4
.003 M A M
.0375 (0.95) 2x 1.265 (32.13) .6325 (16.07)
.2975 (7.56) 2x
.075 (1.91) TYP (HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 13x)
.003 M A M
F-15P2
.094 .003 (2.39 0.08) 2x
13 A2
12 6 5
11 10 4 3
9
.075 (1.91) TYP
8 7 A1 2 1
.003 M A M
D E F G H
INDEX INDEX
G-33 F-5P5
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2x)
.003 M A M
.352 (8.94) 2X
.0375 (0.95) TYP
.075 (1.91) TYP
1.265 (32.13) .6325 (16.07) .075 (1.91) TYP
16 15 4 5 3
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 23x)
.003 M A M
F-23
.094 .003 (2.39 0.08) 2x
23 22 21 12 11 10
20
19 8 7
18 17
14 13 2 1
.003 M A M
9
6
.0375 (0.95) TYP 1.265 (32.13) .6325 (16.07) .094 .003 (2.39 0.08) 2x
A5 A4 A3 A2 A1
.075 (1.91) TYP
.003 M A M
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2x)
.003 M A M
.175 (4.45) 4x
1.215 (30.86) .6075 (15.43)
33 32 31 30 29 28 18 17 7 6 5
.075 (1.91) TYP
27 26 16 15 4 25 24 14 13 3 2 1 19 8
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 33x)
.003 M A M
.094 .003 (2.39 0.08) 2x
23 22 21 12 11 10
20 9
.003 M A M
.0375 (0.95) TYP
.075 (1.91) TYP
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
G-12
Rev. 04-July-2009
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
.900 (22.86) .125 .003 (3.18 0.08) 2x
.003 M A M
2
Insert Arr.
1.800 (45.72) (HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 6x)
4 3 1 A2
.075 (1.91) TYP
.0375 (0.95) TYP
A4 A3
6 5
.003 M A M
A1
H-10P4
.236 (5.99) TYP
.075 (1.91) TYP .472 (11.99) 1.800 (45.72)
TYP
(HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 4x) .003 M A M
.290 (7.37) .125 .003 (3.18 0.08) 2x
.003 M A M
.900 (22.86) .175 (4.45) TYP A5 A7 A6
22 21 20 19 18 17 16 15 14
.6125
A4 13 12 11 A3 10 9 8 A2 7 6 5 A1 4 3 2
.175 (4.45) TYP
1
.075 (1.91) TYP
H-29P7
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 7x)
.003 M A M
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 22x)
.003 M A M
.050 (1.27) TYP .075 (1.91) TYP .100 (2.54) TYP
1.800 (45.72) .900 (22.86)
34 33 32 25 24 17 31 30
.075 (1.91) TYP
29 28 20 19 27 26 18 9 1 A1 23 22 21 14 13 6 5 4
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 34x)
.003 M A M
.075 (1.91) TYP
H-36P2
.125 .003 (3.18 0.08) 2x
.003 M A M
A2
16 15 8 7
12 11 10 3 2
.1725 (4.38)
.0375 (0.95)
.472 (11.99)
(HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 2x)
.003 M A M
.944 (23.98) 1.800 (45.72) .900 (22.86)
52 51 50 38 49 48 47 46 34 45
.580 (14.73)
44 31 18 5 43 42 30 17 4 41 40 A1 37 36 35 22 9 33 32 20 19 7 6 29 28 16 15 3 2 1
.075 (1.91) TYP
H-54P2
.125 .003 (3.18 0.08) 2x
.003 M A M
A2 14
39 27 26 13
25
24 23
21 8
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 52x)
.003 M A M
12 11 10
.0375 (0.95) TYP .075 (1.91) TYP
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2x)
.003 M A M
1.160 (29.46 1.800 (45.72) .900 (22.86)
H-5P5
.125 .003 (3.18 0.08) 2x
.003 M A M
A5
A4
A3
A2
A1
.236 (5.99) 4x
(HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 5x)
.003 M A M
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
G-13
Rev. 04-July-2009
PCB Connectors
A B C D E F G H
INDEX INDEX
PCB Connectors
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
1.800 (45.72) .900 (22.86)
66 65 64 63 62 45 61 60 59 42 58 41 57 40 56 55 54 53 52 51 50
A B C
Insert Arr.
.075 (1.91) TYP
H-66
.125 .003 (3.18 0.08) 2x
.003 M A M
49 48 33 32 31
47 46 30
44 43
39 38
37 36 20 4
35 34 19 18 17 2 1
29 28 12
27 26 11 10
25 24 9 8 7
23 22 21 6 5
16 15
14 13
3
.0375 (0.95) TYP
.075 (1.91) TYP
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 66x)
.003 M A M
1.615 (41.02) .8075 (20.51) .075 (1.91) TYP
13 A4 A3 7 6 5 4 3 2 1
.3725 (9.46)
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 13x)
.003 M A M
J-17P4
.094 .003 (2.39 0.08) 2x
12 11 10
9
8 A2 A1
D E F G H
J-7P7 J-33
.003 M A M
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 4x)
.003 M A M
.0375 (0.95) TYP
.175 (4.45) TYP 1.615 (41.02)
.075 (1.91) TYP
.8075 (20.51)
.5475 (13.91) .075 (1.91) TYP
J-25P2
.094 .003 (2.39 0.08) 2x
23 22 21 A2 12 11 10 9
20 8
19 7
18 17
16 15 4 3
14 13 A1
.003 M A M
6
5
2
1
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2x)
.003 M A M
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 23x)
.003 M A M
.0375 (0.95) TYP
.075 (1.91) TYP
1.615 (41.02) .8075 (20.51) .075 (1.91) TYP .094 .003 (2.39 0.08) 2x
33 17 32 31 30 16 15 29 28 27 26 11 10 9 25 24 23 22 21 20 19 7 6 5 3 18 2 1
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 33x)
.003 M A M
.003 M A M
14 13 12
8
4
.075 (1.91) .0375 (0.95) TYP 1.615 (41.02) .8075 (20.51) .094 .003 (2.39 0.08) 2x
A7 A6 A5 A4 A3 A2 A1
INDEX INDEX
.003 M A M
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 7x)
.003 M A M
.175 (4.45) 6x
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-14
Series 79 Micro-Crimp Section G: Right Angle Printed Circuit Board Connectors
790-036P AND 790-041P PRINtED CIRCUIt BoARD PAttERNS Component Mounting Side of PCB Mating Face of Connector is Toward Top of Page
2.015 (51.18) .0375 (0.95) TYP .075 (1.91) TYP
20 19 9 8 7
Insert Arr.
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 23x)
17 6 5 16 15 4 3 14 13 2 1
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 4x)
.003 M A M
k-27P4
.094 .003 (2.39 0.08) 2x
23 22 21 A4 A3 12 11 10
18
.003 M A M
A1
.003 M A M
A2
.075 (1.91) TYP .1.0075 (25.59) .5755 (14.62) .175 (4.45) TYP
2.015 (51.18) .1.0075 (25.59) .075 (1.91) TYP
11 10
(HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 33x)
.003 M A M
19 3 2 18 A1 1 20 4
k-35P2
.094 .003 (2.39 0.08) 2x
33 32 31 A2 17 16 15
30
29 28 27 26
25 9
24 8 7
23 22 21 6 5
.003 M A M
14 13 12
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 2x)
.003 M A M
.0375 (0.95) TYP
.075 (1.91) .750 (19.05) 2x (HOLE TO ACCEPT .022 (0.56) MAX DIA CONTACT 43x)
23 2 1
2.015 (51.18) .0375 (0.95) TYP .220 (5.59) .075 (1.91) TYP
43 42 41 40 20 19 39 38 18 17 37 36 35 34 33 12 32 31 30 9 29 8 7 28 6 27 26 25 24 5 4 3
k-43
.094 .003 (2.39 0.08) 2x
.003 M A M
22 21
16 15
14 13
11 10
.1.0075 (25.59)
.075 (1.91) TYP
2.015 (51.18)
.1.0075 (25.59)
(HOLE TO ACCEPT .064 (1.63) MAX DIA CONTACT 9x)
.003 M A M
k-9P9
.094 .003 (2.39 0.08) 2x
.003 M A M
A9
A8
A7
A6
A5
A4
A3
A2
A1
.175 (4.45) 2.036 (51.71) .428 (10.87) .125 .003 (3.18 0.08) 2x
A6 A5 A4 A3 A2 A1
L-6P6
.003 M A M
.236 (5.99) 5x
(HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 6x)
.003 M A M
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
G-15
PCB Connectors
A B C D E F G H
INDEX INDEX


▲Up To Search▲   

 
Price & Availability of 790-036PD-7P2ZNUPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X