Part Number Hot Search : 
P4KE13A KDB7045L MNR4G 0924DH 1AMSMD ON1320 NTE71 ACT9301
Product Description
Full Text Search
 

To Download 790-025SH-5P5NZNUK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cable Connectors
Series 79 Micro-Crimp Section D: Cable Connectors, Crimp Termination
CABLE PLUGS WIth SoCKEt CoNtACtS, CRIMP tERMINAtIoN, 790-025S
A B C D E F G H
INDEX INDEX
790-025S
Part Number
Cable Plug With Socket Contacts
790-025S connectors feature machined aluminum shells and wire grommets for environmental protection. Contacts are rear-release snap-in crimp type. Connectors are supplied with crimp contacts packaged separately. Size #23 signal pins accept up to #22 AWG wire. Size #16 contacts accept #16-18 AWG wire. Size #12 contacts accept #12-14 AWG wire. Size 12 and 16 cavities also accept coaxial contacts purchased separately. Connector shell features a groove for attachment of a low-profile EMI adapter 799-015, ordered separately.
H-5P5
Shell Size Insert Arr.
See Table 1 for Available Insert Arrangements
To order a connector without size #16 or #12 power pins, substitute "W" instead of "P" in the insert arrangement. Example: 36P2 is supplied with 2 power pins. 36W2 is supplied less the power pins. See Section B for coaxial contacts purchased separately.
E
Sample Part Number
HOW TO ORDER
M
S
Hardware Option
EMI Spring
EMI Spring No Spring
EMI Spring
Shell Finish
Electroless Nickel
general purpose applications
790-025S
E
M
N
1000 Hour GreyTM maximum corrosion protection and durability (non-reflective grey)
Nickel-PTFE
MT
Thru-Hole No Hardware
N
Female Jackpost
P
tactical applications (non-reflective black)
Zinc-Nickel with Black Chromate
ZNU
Low-Profile Captivated Jackscrew, Hex Head
L
Slot-Head Extended Jackscrew
K
Additional shell finishes are listed on page C-9. Low-Profile Captivated Screwlock, Hex Head
S
Slot-Head Extended Captivated Screwlock
T
SPECIFICATIONS
Current Rating Dielectric Withstanding Voltage Insulation Resistance Operating Temperature Shock Vibration
(c) 2009 Glenair, Inc. www.glenair.com
MATERIALS AND FINISHES
Shell Contacts Insulators Retention Clips Grommet Hardware Aluminum alloy Copper alloy, 50 microinches gold plated, stainless steel hood Liquid crystal polymer (LCP) Beryllium copper alloy Flourosilicone rubber 300 series stainless steel
Printed in U.S.A. E-Mail: sales@glenair.com
#23 5 AMPS, #16 13 A., #12 23 A. #23 500 VAC RMS, #12 and #16 1800 VAC RMS 5000 megohms minimum -65 C. to +150 C. 300 g. 37 g.
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
D-4
Series 79 Micro-Crimp Section D: Cable Connectors, Crimp Termination
Table 1 Contact Arrangements
Layout A-5 B-2P2 B-9 C-13 D-15 D-3P3 D-7P2 E-11P2 E-19 E-7P3
5 9 19 4 3 9 13 15 3 2 2 GROOVE FOR EMI ADAPTER SHELL #23 #16 #12 5 2
Contact Quantity
CRoSS-SECtIoNAL vIEW oF 790-025S
REAR INSULATOR GROMMET POTTING WIRE (REF.) FRONT INSULATOR RETAINING CLIP EMI SPRING CONTACT SOCKET
Face View
TABLE 2 HARDWARE OPTION
.190 (4.83) MAX
F-15P2 13 2 F-23 F-5P5 G-33 h-10P4
33 6 4 23 5
Connector is supplied with thru-holes. Shell sizes H and L are .148" (3.76) diameter, other shell sizes are .092" (2.34) diameter. Accepts standard Micro-D M83513 hardware.
.155 (3.94) MAX
No Mating Hardware
N
Connector is supplied with removable jackposts. Shell sizes H and L have #4-40 UNC thread, other sizes have #2-56 thread. Stainless steel. Conforms to M83513/05.
.925 (23.5) MAX
Jackposts
P
h-29P7 22 7 H-36P2 34 h-54P2 52 2 H-5P5 H-66
66 5 2
J-17P4 13 4 J-25P2 23 2 J-33 J-7P7
33 7
Connector is supplied with stainless steel nonremovable low profile jackscrews. Shell sizes H and L have #4-40 UNC thread, other sizes have #2-56 thread.
Hex Head Jackscrews
L
Connector is supplied with stainless steel slot head non-removable jackscrews. Shell sizes H and L have #4-40 UNC thread, other sizes have #2-56 thread.
K Extended Jackscrews
.290 (7.37) MAX
.925 (23.50) MAX
K-27P4 23 4 K-35P2 33 2 K-43 K-9P9 L-6P6
(c) 2009 Glenair, Inc. www.glenair.com 43 9 6
Connector is supplied with stainless steel nonremovable low profile screwlocks. Shell sizes H and L have #4-40 UNC thread, other sizes have #2-56 thread. Screwlocks allow the connector to be mated before the screws are fastened.
Hex Head Screwlocks
S
Connector is supplied with stainless steel nonremovable slot head screwlocks. Shell sizes H and L have #4-40 UNC thread, other sizes have #2-56 thread. Screwlocks allow the connector to be mated before the screws are fastened.
Extended Screwlocks
T
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
D-5
Cable Connectors
A B C D E F G H
INDEX INDEX
Cable Connectors
Series 79 Micro-Crimp Section D: Cable Connectors, Crimp Termination
790-025S DIMENSIoNS
A B
.183 .003 (4.65 0.08)
A MAX B BASIC C MAX .308 (7.82) MAX .096/.088 (2.44/2.24) DIA 2 PLACES .183 .003 (4.65 0.08) .760 (19.30) MAX .093 .005 (2.36 0.13)
1.435 (1.80) MAX 1.215 (30.86) BASIC 1.010 (25.65) MAX .395 (10.03) MAX .096/.088 (2.44/2.24) DIA 2 PLACES
C D E
.093 .005 (2.36 0.13) GROOVE FOR ATTACHMENT OF EMI ADAPTER 799-015 D MAX
.760 (19.30) MAX
1.055 (26.80) MAX
SHELL SIZES A, B, C, D, E, F, J, K
SHELL SIZE G
E MAX F BASIC G MAX .410 (10.41) MAX .152/.145 (3.86/3.68) DIA 2 PLACES .183 .003 (4.65 0.08)
F G H
INDEX
Shell Size A B C D E F H J K L A Max. In. mm.
.785 .935 1.085 1.185 1.335 1.485 -- 1.845 2.240 -- 19.94 23.75 27.65 30.10 33.91 37.72 -- 46.86 56.90 --
.093 .005 (2.36 0.13) H MAX
.760 (19.30) MAX
SHELL SIZE H AND L
790-025S DIMENSIoNS
B Basic In . mm.
.565 .715 .865 .965 1.115 1.265 -- 1.615 2.015 -- 14.35 18.16 21.97 24.51 28.32 32.13 -- 41.02 51.18 --
C Max. In. mm.
.335 .485 .635 .735 .885 1.035 -- 1.390 1.795 -- 8.51 12.32 16.13 18.67 22.48 26.29 -- 35.61 45.59 --
D Max. In. mm.
.390 .540 .690 .790 .940 1.090 -- 1.450 1.840 -- 9.91 13.72 17.53 20.07 23.88 27.69 -- 36.83 46.74 --
E Max. In. mm.
-- -- -- -- -- -- -- -- -- -- -- -- 2.175 55.25 -- -- -- -- 2.420 61.47
F Basic In. mm.
-- -- -- -- -- -- -- -- -- -- -- -- 1.800 45.72 -- -- -- -- 2.036 51.71
G Max. In. mm.
-- -- -- -- -- -- -- -- -- -- -- -- 1.385 35.18 -- -- -- -- 1.623 41.22
H Max. In. mm.
-- -- -- -- -- -- -- -- -- -- -- -- 1.440 36.58 -- -- -- -- 1.675 42.55 Printed in U.S.A.
(c) 2009 Glenair, Inc. www.glenair.com
Dimensions in inches (millimeters) and are subject to change without notice. CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
Rev. 04-July-2009
D-6
E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 790-025SH-5P5NZNUK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X