Part Number Hot Search : 
TB2905HQ 26NM60 VFT3060C CTZ84C36 LP164NMO 30F5013 0A120 BR1300
Product Description
Full Text Search
 

To Download 78250MC-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78250 Series
MAX250 Compatible Converter Transformers
CHARACTERISTICS 78250C/78250MC
Parameter
Primary Inductance, LP Leakage Inductance, LL Interwinding Capacitance, CWW Primary D.C. Resistance, RDC Volt-time Product, Et
Conditions
10kHz, 100mV 100kHz, 100mV 100kHz, 100mV <0.1VDC Pins1/2 or 2/3
Min.
1.0
Typ.
2.0 2.0 69 1.0
Max.
2.5 3.0 90 2.0
Units
mH H pF
Vs
50
FEATURES
RoHS compliant Maxim MAX250 compatible Isolation to 4kVrms Industry-standard pinout Surface mount option UL 94 V-0 package materials Low profile Toroidal construction Fully encapsulated Industrial temperature range
CHARACTERISTICS 78250VC/78250MVC
Parameter
Primary Inductance, LP Leakage Inductance, LL Interwinding Capacitance, CWW Primary D.C. Resistance, RDC Volt-time Product, Et
Conditions
10kHz, 100mV 100kHz, 100mV 100kHz, 100mV <0.1VDC Pins1/2 or 2/3
Min.
1.0
Typ.
2.0 35 9 1.4
Max.
2.5 40 12 1.8
Units
mH H pF
Vs
50
ORDER CODE DETAILS
Order Code 78250C / 78250VC 78250MC / 78250MVC 78250MC-R / 78250MVC-R Package Type 6 Pin DIL 6 Pin SM 6 Pin SM Packaging Type Tube Tube Tape & Reel Quantity 50 50 500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range Lead temperature 1.5mm from case for 10 seconds Peak current, IPK Isolation voltage 78250(M)C (flash tested for 1 second) Isolation voltage 78250V(M)C (flash tested for 1 second)
All specifications typical at TA=25C
DESCRIPTION
The 78250 series of converter transformers are specifically designed for use with Maxim chipsets to provide isolated RS232 interfaces. Carefully controlled turns ratios ensure consistent performance whilst a toroidal construction minimises EMI.
-40C to 85C -50C to 125C 300C 300mA 1.5kVrms 4.0kVrms
TECHNICAL NOTES
ISOLATION VOLTAGE `Hi Pot Test', `Flash Tested', `Withstand Voltage', `Proof Voltage', `Dielectric Withstand Voltage' & `Isolation Test Voltage' are all terms that relate to the same thing, a test voltage, applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. All products in this series are 100% production tested at their stated isolation voltage. A question commonly asked is, "What is the continuous voltage that can be applied across the part in normal operation?" For a part holding no specific agency approvals both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment. This series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage. This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further insulation system of physical spacing or barriers.
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_78250C_C02 Page 1 of 3
78250 Series
MAX250 Compatible Converter Transformers
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
6 Pin DIL
0.375 (9.52) MAX Primary Secondary
6 Pin SM
0.5 (12.70) 0.375 (9.52) Max.
Primary Secondary
1
0.354 (9.0) Max.
6
0.354 (9.0) Max.
1
6 5* 4
78250C
XYYWW
2 3 4
78250MC
XYYWW
2 3
0.25 (6.35)
0.25 (6.35) 0.0120.30 (0.0080.20)
0.40 (10.16) 0.025 (0.63) 0.021 (0.53)
0.1350.02 (3.440.50) 0.012(0.30) 0.008(0.20)
0.035 (0.90) 0.1 (2.54)
0.025 (0.63) 0.021 (0.53)
0.1 (2.54)
Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). All pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position. * Pin 5 is connected to secondary center tap. Package Weight 1.0g TYP.
RECOMMENDED FOOTPRINT DETAILS
6 Pin DIL
0.10 (2.54) 0.10 (2.54) 0.06 (1.60)
6 Pin SM
O0.05 (1.20) +0.006 (0.15) -0.000 (0.00) 0.04 (1.00)
0.10 (2.54)
0.45 (11.50)
Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). All pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position.
TUBE OUTLINE DIMENSIONS
0.43 (10.95) 0.16 (4.00) 0.0230.005 (0.600.15) 0.51 (12.95)
Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). Tube length: 18.30.08 (4652). Tube material: Antistatic coated clear pvc.
SOLDERING INFORMATION1
Pin finish Peak wave solder temperature Peak reflow temperature
1 For further information, please visit www.murata-ps.com/rohs
Pure tin dip 300C for 10 seconds 220C
0.22 (5.50) 0.15 (3.80) 0.62 (15.70)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_78250C_C02 Page 2 of 3
78250 Series
MAX250 Compatible Converter Transformers
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
O15.039 (382) Max. 2.36 (60) Min. 0.94-1.08 (23.9-27.4)*
O 0.53 (13.50) 0.50 (12.80) Leader section 15.7 (400) Min. 3.9 (100) Min.
0.059 (1.50) Min.
1.20 (30.4) Max. Goods enclosure section 0.96 (24.4) 1.04 (26.4)
Trailer section 6.3 (160) Min.
Unless otherwise stated all dimensions in inches (mm) 0.01(0.25). * Includes flange distortion at outer edge. Measured at hub.
O 0.80 (20.20) Min.
TAPE OUTLINE DIMENSIONS
0.069 (1.75) 0.157 (4.00) 0.079 (2.00) +0.004 +0.10 0.059 -0.000 (1.50 -0.00 )
0.945 +0.012 (24.00 +0.30 ) -0.10 -0.004
0.453 (11.50)
78250C
XYYWW
Cover tape
0.369 (9.37)
0.472 (12.00)
0.024 (0.60) Max.
Direction of unreeling
0.283 (7.20)
Unless otherwise stated all dimensions in inches (mm) 0.01(0.25).
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_78250C_C02 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 78250MC-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X