Part Number Hot Search : 
74HC40 90BAI SI4420 SMAJ45CA VF2512T HA928 LM293 MT3512W
Product Description
Full Text Search
 

To Download 712LS127M16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 712-127 - Types B, D & E
Straight, 45 & 90 Non-Environmental User-Installable Connector Fitting for Series 74 Helical Convoluted Tubing
Series 74 Convoluted Tubing
TYPES B, D, & E
712 F S 127 M 16 20 - 6 1 B Product Series Conn. Designator A, F, H, L, or S (Pages F-3 to F-5) Angular Function: K = 45 L = 90 S = Straight Basic No. Conduit Type B, D, or E Style 1 or 2 Length in 1/2 inch (12.7) increments (Example: 6 = 3.0 inches (76.2)) Dash No. (Table III) Shell Size (Table I) Finish (Table II)
LENGTH .060 (1.52)
A THREAD (PAGE F-17)
LENGTH .060 (1.52)
SHIELD TUBING
C DIA (Page F-17)
TUBING I.D.
J DIA
STYLE 2
.88 (22.4) MAX E 45
STRAIGHT
G
F
H
STYLE 2 (45 & 90)
45
90
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-18
712-127 - Types B, D & E
Straight, 45 & 90 Non-Environmental User-Installable Connector Fitting for Series 74 Helical Convoluted Tubing
SHELL SIZE A,F,L,S H 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 28 -32 -36 --
E MAX .639 (16.2) .664 (16.9) .688 (17.5) .705 (17.9) .732 (18.6) .748 (19.0) .773 (19.6) .800 (20.3) .823 (20.9) 1.041 (26.4) 1.092 (27.7) 1.138 (28.9)
TABLE I F MAX .950 (24.1) .980 (24.9) 1.000 (25.4) 1.030 (26.2) 1.050 (26.7) 1.060 (26.9) 1.080 (27.4) 1.120 (28.4) 1.150 (29.2) 1.320 (33.5) 1.360 (34.5) 1.410 (35.8)
G MAX .750 (19.1) .810 (20.6) .870 (22.1) .920 (23.4) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.140 (29.0) 1.200 (30.5) 1.480 (37.6) 1.610 (40.9) 1.720 (43.7)
H MAX 1.060 (26.9) 1.120 (28.4) 1.180 (30.0) 1.250 (31.8) 1.310 (33.3) 1.330 (33.8) 1.390 (35.3) 1.470 (37.3) 1.540 (39.1) 1.780 (45.2) 1.870 (47.5) 1.980 (50.3)
TABLE II SYMBOL FINISH B J M N NC NF T Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc-Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel DASH NO. 06 09 10 12 14 16 20 24 28 32 40 48 56 64
TABLE III TUBING I.D. MIN MAX .181 (4.6) .188 (4.8) .273 (6.9) .281 (7.1) .306 (7.8) .312 (7.9) .364 (9.2) .375 (9.5) .427 (10.8) .437 (11.1) .485 (12.3) .500 (12.7) .608 (15.4) .625 (15.9) .730 (18.5) .750 (19.1) .860 (21.8) .875 (22.2) .975 (24.8) 1.000 (25.4) 1.210 (30.7) 1.250 (31.8) 1.437 (36.5) 1.500 (38.1) 1.688 (42.9) 1.750 (44.5) 1.937 (49.2) 2.000 (50.8)
J MAX .910 (23.1) 1.000 (25.4) 1.032 (26.2) 1.095 (27.8) 1.167 (29.6) 1.220 (31.0) 1.345 (34.2) 1.470 (37.3) 1.595 (40.5) 1.720 (43.7) 1.970 (50.0) 2.220 (56.4) 2.470 (62.7) 2.720 (69.1)
NOTES: 1. Metric dimensions (mm) are in parentheses. 2. Tubing shown for reference only. 3. When tubing I.D. max exceeds inside diameter of connector shell, style 2 may be supplied. Refer to pages F-15 and F-16.
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-19
Series 74 Convoluted Tubing


▲Up To Search▲   

 
Price & Availability of 712LS127M16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X