Part Number Hot Search : 
SMD1210 2A710 M38256 SMD1210 HC157 C3195 356HF5A2 MS1503
Product Description
Full Text Search
 

To Download 620LA042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 with Self-Locking Rotatable Coupling Straight, 45 & 90
CONNECTOR DESIGNATOR:
Angle and Profile A - 90 Clamp B - 45 Clamp S - Straight
A F L H G U
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A
Product Series 620 - Strain Relief Clamp
Finish Symbol (See Table III)
620
H
S
042 XO 19
Basic Part Number Connector Shell Size (See Table II)
Connector Designator A, F, L, H, G and U
SELF-LOCKING
ROTATABLE COUPLING STANDARD PROFILE
J E F K
Cable Entry
H
G Anti-Decoupling Device Telescoping Screws Typical Coupling Nut Supplied Unplated.
Shell Size For Connector Designator* E (Ref) A F/L H G U .63 (16.0) 08 08 09 - - 10 10 11 - 08 .65 (16.5) 12 12 13 11 10 .71 (18.0) 14 14 15 13 12 .76 (19.3) 16 16 17 15 14 .80 (20.3) 18 18 19 17 16 .83 (21.1) 20 20 21 19 18 .90 (22.9) 22 22 23 - 20 .94 (23.9) 24 24 25 23 22 .97 (24.6) 28 - - 25 24 1.02 (25.9)
TABLE II: CONNECTOR SHELL SIZE ORDER NUMBER F .06 (1.5) .86 (21.8) .91 (23.1) 1.02 (25.9) 1.13 (28.7) 1.26 (32.0) 1.31 (33.3) 1.37 (34.8) 1.45 (36.8) 1.52 (38.6) 1.68 (42.7) G .0 1.5) .88 (22.4) .94 (23.9) 1.03 (26.2) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.50 (38.1) 1.63 (41.4) 1.75 (44.5) 1.79 (45.5) H .06 (1.5) .88 (22.4) .94 (23.9) 1.17 (29.7) 1.28 (32.5) 1.41 (35.8) 1.50 (38.1) 1.56 (39.6) 1.69 (42.9) 1.82 (46.2) 1.94 (49.3) J .06 (1.5) .80 (20.3) .88 (22.4) 1.00 (25.4) 1.00 (25.4) 1.13 (28.7) 1.19 (30.2) 1.25 (31.8) 1.38 (35.1) 1.50 (38.1) 1.75 (44.5) K Cable Entry** Max .03 0.8 1.32 (33.5) .22 (5.6) 1.35 (34.3) .26 (6.6) 1.43 (36.3) .34 (8.6) 1.48 (37.6) .46 (11.7) 1.58 (40.1) .55 (14.0) 1.70 (43.2) .62 (15.7) 1.74 (44.2) .70 (17.8) 1.79 (45.5) .78 (19.8) 1.83 (46.5) .85 (21.6) 2.13 (54.1) .95 (24.1)
TABLE III: FINISH
Symbol XM XO XMT XW (c) 2009 Glenair, Inc. No Plating 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel CAGE Code 06324 Printed in U.S.A. Finish Description 2000 Hour Corrosion Resistant Electroless Nickel
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-97
Composite Backshells
620-042 Composite Strain-Relief Clamp
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 620LA042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X