|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIL-C-24308 D-Subminiature 550-024 D-Subminiature Split Banding Backshell 550 T 024 M 2 04 F0 B 1 B Basic Part No. Cable Entry Style T = Top S = Side E = End Basic Part Number Finish Symbol (Page 3) Shell Size (Table I) Shell I.D. .060 (1.5) B = Band Supplied (600-052), Omit for None 0 = Without EMI Gasket, 1 = With EMI Gasket Jackscrew Type (Page A-4) Receptacle Mounting CC = Cable-to-Cable Mounting F0 = Front Mounting R1-R9 = Rear Mounting Dash No. 1.160 (29.5) Max K .440 (11.2) 1.160 (29.5) Max J H E END ENTRY 1.160 (29.5) Max T TOP ENTRY R Typ. S SIDE ENTRY EMI Gasket (Optional) TABLE I: SHELL SIZE & ENTRY STYLE Com'l Entry Entry Shell Style Style E R Shell Size T (Ref) Size Ref Shell I.D. Shell I.D. Ref E/09 .250 (6.4) .375 (9.5) .940 (23.9) 1 2 A/15 .375 (9.5) .375 (9.5) .940 (23.9) 3 B/25 .475 (12.1) .475 (12.1) 1.060 (26.9) 4 C/37 .475 (12.1) .475 (12.1) 1.060 (26.9) 5 D/50 .575 (14.6) .575 (14.6) 1.190 (30.2) 6* F/104 1.000 (25.4) 1.000 (25.4) 1.594 (40.5) * Shell Size 6 Available in Top Entry Only. Max Entry Dash No. 02 04 05 05 07 11 TABLE II: BACKSHELL DIMS & CABLE ENTRY Dash No. H Dia J Dia K Dia 01 .125 (3.2) .250 (6.4) .312 (7.9) 02 .250 (6.4) .375 (9.5) .438 (11.1) 03 .312 (7.9) .438 (11.1) .500 (12.7) 04 .375 (9.5) .500 (12.7) .562 (14.3) 05 .438 (11.1) .562 (14.3) .625 (15.9) 06 .500 (12.7) .625 (15.9) .688 (17.5) 07 .562 (14.3) .688 (17.5) .750 (19.1) 08 .625 (15.9) .750 (19.1) .812 (20.6) 09 .750 (19.1) .875 (22.2) .937 (23.8) 10 .875 (22.2) 1.000 (25.4) 1.062 (27.0) 11 1.000 (25.4) 1.125 (28.6) 1.188 (30.2) Printed in U.S.A. 1. Metric dimensions (mm) are indicated in parentheses. 2. DO NOT USE CONNECTORS WITH FLOAT MOUNTINGS. (c) 2004 Glenair, Inc. CAGE Code 06324 GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-32 D-Subminiature Split Backshells Standard Dimensions Termination Type P Jackscrew Types B, D, E, H, K (Page A-4) F Jackscrew Types B, D, E, H, K (Page A-4) R F E S - SIDE ENTRY E T - TOP ENTRY Termination Type A D C B Jackscrew Types B, D, H, K and J Only (Page A-4) Shrink Sleeve (As Required) E - END ENTRY G E A .12 (3.0) Ref. COMMON BACKSHELL DIMENSIONS Com'l Shell Shell Size Size Ref 1 E/09 2 A/15 3 B/25 4 C/37 5 D/50 6 F/104 A Max 1.393 (35.4) 1.706 (43.3) 2.265 (57.5) 2.900 (73.7) 2.800 (71.1) 2.900 (73.7) B Max .624 (15.8) .624 (15.8) .624 (15.8) .624 (15.8) .750 (19.1) .844 (21.4) D C Ref. .312 (7.9) .312 (7.9) .312 (7.9) .312 (7.9) .375 (9.5) .422 (10.7) .005 .984 1.312 1.852 2.500 2.406 2.500 (.1) (25.0) (33.3) (47.0) (63.5) (61.1) (63.5) .730 1.050 1.594 2.240 2.140 2.240 P (18.5) (26.7) (40.5) (56.9) (54.4) (56.9) R Ref .719 (18.3) .719 (18.3) .938 (23.8) .938 (23.8) .938 (23.8) 1.094 (27.8) CABLE MOUNTING DIMENSIONS Dash No. CC F0 R1 R2 R3 R4 R5 R6 R7 R8 R9 Panel Thickness n/a n/a .031 (.8) .047 (1.2) .062 (1.6) .093 (2.4) .104 (2.6) .125 (3.2) .156 (4.0) .135 (3.4) .188 (4.8) E .174 (4.4) .343 (8.7) .247 (6.3) .231 (5.9) .216 (5.5) .185 (4.7) .174 (4.4) .153 (3.9) .125 (3.2) .140 (3.6) .094 (2.4) Sizes 1 & 2 1.451 (36.9) 1.625 (41.3) 1.525 (38.7) 1.509 (38.3) 1.500 (38.1) 1.470 (37.3) 1.451 (36.9) 1.430 (36.3) 1.400 (35.6) 1.417 (36.0) 1.368 (34.7) F + .031 (0.79) Sizes 3 - 5 1.671 (42.4) 1.844 (46.8) 1.745 (44.3) 1.728 (43.9) 1.720 (43.7) 1.690 (42.9) 1.671 (42.4) 1.650 (41.9) 1.620 (41.1) 1.637 (41.6) 1.590 (40.4) Size 6 1.820 (46.2) 2.000 (50.8) 1.890 (48.0) 1.875 (47.6) 1.860 (47.2) 1.829 (46.5) 1.820 (46.2) 1.798 (45.7) 1.767 (44.9) 1.805 (45.8) 1.740 (44.2) G + .031 (0.79) Sizes 1 & 2 Sizes 3 - 5 1.583 (40.2) 1.831 (46.5) 1.750 (44.5) 2.000 (50.8) 1.656 (42.1) 1.904 (48.4) 1.640 (41.7) 1.888 (48.0) 1.625 (41.3) 1.873 (47.6) 1.594 (40.5) 1.842 (46.8) 1.583 (40.2) 1.831 (46.5) 1.563 (39.7) 1.811 (46.0) 1.531 (38.9) 1.781 (45.2) 1.550 (39.4) 1.798 (45.7) 1.500 (38.1) 1.750 (44.5) 1. Metric dimensions (mm) are indicated in parentheses. (c) 2004 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-33 MIL-C-24308 D-Subminiature |
Price & Availability of 550T024M |