|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Miscellaneous Rectangular Backshells 527-280 EMI/RFI Split Qwik-Ty(R) Banding Backshell for Radiall 617 610 127 (EPXB Type) Connector 527 280 M Product Series Basic Number Tongue and Groove Construction Split Adapters Slot (2 Places) .080 (2.0) Finish (Table I) .710 (18.0) Max Cable Entry Medium Recessed Knurl or Annular Flutes, Mfr Option 4-40, 80 Cross HD Screw (4 Places) Band Supplied Flat (P/N 600-052) Slotted Jack Screw Head .460 (11.7) M8 x .75 Thread with Vibratite .059 (1.5) Alternate Location 4-40 Socket Head (3/32) Captivated Screw with Vibratite (2 Places) 1.176 (29.9) Max .051 (1.3) +.005 (0.1) 1.162 (29.5) Max TABLE I: FINISH OPTIONS Symbol B C* G* J LF M N Finish Symbol Finish Cadmium Plate/Olive Drab NC Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Black Anodize NF Anodic Hard Coat Electroless Nickel Gold Iridite over Cadmium Plate T Cadmium Plate/Bright over over Electroless Nickel Electroless Nickel Cadmium Plate/Bright over U** Cadmium Plate/Black Electroless Nickel ZN Zinc-Nickel Alloy/Olive Drab Electroless Nickel *Anodize finish is not suitable for EMI shielding or grounding applications. Cadmium Plate/Olive Drab over **Applicable to corrosion resisting steel backshells and Electroless Nickel accessories. Consult factory for other available finishes. Metric dimensions (mm) are indicated in parentheses (c) 2004 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-16 |
Price & Availability of 527280B |