Part Number Hot Search : 
BCX38 A1512 AD536AKD AM29F0 LH522 FDM3622 2SD16 C9S08
Product Description
Full Text Search
 

To Download 507-195M5102EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-83513 Micro-D
507-195 EMI/RFI Micro-D Split Backshell Assembly
with Clamp and Gland Nut Style Strain-Relief
F Cable Range Typ Shell I.D. Typ G .079 (2.0) .573 (14.6) 1.060 (26.9) Max .140/.130 (3.6/3.3) Extended Jackscrew See How to Order E Thread Typ (See Note 3) Connector Shown for Reference Only A Female Jackpost - Symbol F See How to Order Fixed Female Jackpost - Symbol FF See How to Order .187 (4.7) .060 (1.5)
1.320 (33.5) Max
Style E Strain Relief
.130 (3.3) See Note 3
D Ref
Style G Gland Nut
C
B
HOW TO ORDER
Series/ Basic Number 507-195 Finish Symbol (Table III) Shell Size (Table I) 09 15 21 25 31 37 51 100 Dash No. (Table II) Jackscrew Option* E - Extended Jackscrew F - Female Jackpost FE - Extended Female Jackpost FF - Fixed Female Jackpost Omit for Standard Gland Nut or Strain Relief G - Gland Nut E - Strain Relief
Sample Part Number: 507-195 M 21 02 E G * SEE PAGE C-4 FOR COMPLETE INFORMATION
NOTES: 1. Metric dimensions (mm) are indicated in parentheses. 2. Accommodates MS3109 through MS3117 and M85049/68 Lipped-Type Shrink Boots. 3. Jackscrew and Jackpost to float allowing Connector to engage prior to Jackscrew. (c) 2004 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com C-44
507-195 EMI-RFI Micro-D Split Backshell Assembly
with Clamp and Gland Nut Style Strain-Relief
TABLE I: SHELL SIZE, CABLE ENTRY, BACKSHELL & CONNECTOR INTERFACE DIMENSIONS
Shell Size 09 15 21 25 31 37 51 100 A Max .915 (23.4) 1.065 (27.1) 1.215 (30.9) 1.315 (33.4) 1.465 (37.2) 1.615 (41.0) 1.565 (39.8) 2.305 (51.7) B +.005 (0.13) .565 (14.4) .715 (18.2) .865 (22.0) .965 (24.5) 1.115 (28.3) 1.265 (32.1) 1.215 (30.9) 1.800 (45.7) C Max .281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .312 (7.9) .360 (9.1) D Dia .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) 450 (11.4) .450 (11.4) .495 (12.6) .540 (13.7) E +.010 (0.25) .701 (17.8) .763 (19.4) .795 (20.4) .857 (21.8) .888 (22.6) .951 (24.2) 1.013 (25.7) 1.076 (27.3) E Thread 2-56 UNC-2A 2-56 UNC-2A 2-56 UNC-2A 2-56 UNC-2A 2-56 UNC-2A 2-56 UNC-2A 2-56 UNC-2A 4-40 UNC-2A Shell I.D. .310 (7.9) .310 (7.9) .310 (7.9) .310 (7.9) .310 (7.9) .310 (7.9) .360 (9.1) .400 (10.2)
TABLE II: DASH NUMBER AND CABLE ENTRY
Dash No. 02 03 04 Clamp Range Min Max .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .312 (7.9) .500 (12.7) F Dia Max .968 (24.6) 1.046 (9.5) 1.156 (29.4) G Max .515 (13.1) .640 (16.3) .765 (19.4)
TABLE III: FINISH OPTIONS
Symbol B C* G* J LF M N NC NF T U** ZN Finish Cadmium Plate/Olive Drab Black Anodize Anodic Hard Coat Gold Iridite over Cadmium Plate over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Cadmium Plate/Black Zinc-Nickel Alloy/Olive Drab
*Anodize finish is not suitable for EMI shielding or grounding applications. **Applicable to corrosion resisting steel backshells and accessories. Consult factory for other available finishes.
NOTES: 1. Metric dimensions (mm) are indicated in parentheses. 2. Accommodates MS3109 through MS3117 and M85049/68 Lipped-Type Shrink Boots. 3. Jackscrew and Jackpost to float allowing Connector to engage prior to Jackscrew.
(c) 2004 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com C-45
MIL-DTL-83513 Micro-D


▲Up To Search▲   

 
Price & Availability of 507-195M5102EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X