Part Number Hot Search : 
D5NK6 AK4204 D471K DLPT05W 8TXXX 8SPR01 SN821 02001
Product Description
Full Text Search
 

To Download 507-142-M51-2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-D Backshells Dual Entry EMI, One Piece 507-142
Dual Cable Entry EMI backshell allows attachment of two separate wire bundles to the same Micro-D connector. This backshell accepts both standard and micro shield termination straps.
MATERIALS
Shell Clips Hardware Aluminum Alloy 6061 -T6 17-7PH Stainless Steel 300 Series Stainless Steel
HOW TO ORDER 507-142 DUAL ENTRY BACKSHELLS
Series 507-142 E J M NF Z2 Shell Finish
- Chem Film - Cadmium, Yellow Chromate - Electroless Nickel - Cadmium, Olive Drab - Gold
Connector Size 09 15 21 25 31 37 51 51-2 67 69 100
Hardware Option B - Fillister Head
Jackscrew
EMI Band Strap Option Omit (Leave Blank) Band Not Included B
- Standard Band (2 supplied) .250" Wide .125" Wide
H - Hex Head Jackscrew E - Extended Jackscrew F - Jackpost, Female
M - Micro Band (2 supplied)
Sample Part Number 507-142 -M
E G F
25
H
CODE B FILLISTER HEAD JACKSCREW
.44 (11.1)
C
B
D .175 (4.4) A H
CODE H HEX HEAD JACKSCREW
CONNECTOR ORDERED SEPARATELY
CODE F FEMALE JACKPOST
#2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN
CODE E EXTENDED JACKSCREW
A Max. Size
21 25 31 37 51 51-2 67 69 100
B Max. In.
.370 .370 .370 .370 .410 .370 .370 .410 .460
C In.
.865 .965 1.115 1.265 1.215 1.615 2.015 1.515 1.800
D Max. mm.
21.97 24.51 28.32 32.13 30.86 41.02 51.18 38.48 45.72
E Max. In.
.740 .850 .980 1.130 1.080 1.510 1.880 1.380 1.470
F In.
.125 .188 .250 .344 .312 .281 .281 .312 .500
G mm.
3.18 4.78 6.35 8.74 7.92 7.13 7.13 7.93 12.70
H Max. mm.
7.13 8.74 10.31 12.70 11.91 11.91 11.91 11.91 17.48
In.
1.150 1.250 1.400 1.550 1.500 1.910 2.310 1.810 2.235
mm.
29.21 31.75 35.56 39.37 38.10 48.51 58.67 45.97 56.77
mm.
9.40 9.40 9.40 9.40 10.41 9.40 9.40 10.41 11.68
In.
1.030 1.090 1.150 1.190 2.130 2.130 2.130 2.130 1.280
mm.
26.16 27.69 29.21 30.23 54.10 54.10 54.10 54.10 32.51
mm.
18.80 21.59 24.89 28.70 27.43 38.35 47.75 35.05 37.34
In.
.281 .344 .406 .500 .469 .469 .469 .469 .688
In.
.590 .650 .710 .750 .780 .780 .780 .780 .840
mm.
14.99 16.51 18.03 19.05 19.81 19.81 19.81 19.81 21.34
(c) 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
L-16
E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 507-142-M51-2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X