Part Number Hot Search : 
T6250430 74HC541 45A10501 PE175BF AT25C32 RA877 CAT5114 T6816
Product Description
Full Text Search
 

To Download 463SS001M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 463-001 EMI/RFI Environmental G-Spring Backshell
with Strain Relief Rotatable Coupling - Low Profile
463 F S 001 M 16 05 F 6
463
CONNECTOR DESIGNATORS
Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No.
A-F-H-L-S
ROTATABLE COUPLING
Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G) Cable Entry (Table IV) Shell Size (Table I) Finish (Table II)
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 5)
A Thread (Table I)
Length *
1.22 (31.0) Max
C Typ. (Table I)
Cable Range
M (Table IV)
STYLE 2 (STRAIGHT See Note 1)
* Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 5)
Shown with Style F Strain Relief
.88 (22.4) Max
E (Table III) F (Table III)
G (Table III)
STYLE 2 (45 & 90 See Note 1)
H (Table III) 469-001-XX Shield Support Ring (order separately) is recommended for use in all G-Spring backshells (see page 463-8) Shown with Style F Strain Relief
Shown with Style G Strain Relief N (Table IV)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 463 - Page 2
with Strain Relief Rotatable Coupling - Low Profile
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 E Max .413 (10.5) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) F Max 1.720 (43.7) 1.720 (43.7) 1.780 (45.2) 1.870 (47.5) 1.980 (50.3) 2.170 (55.1) 2.170 (55.1) 2.320 (58.9) 2.320 (58.9) 2.370 (60.2) 2.470 (62.7) 2.560 (65.0) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.670 (42.4) 1.790 (45.5) 1.810 (46.0) 1.880 (47.8) 1.970 (50.0) 2.140 (54.4) 2.140 (54.4) 2.250 (57.2) 2.250 (57.2) 2.420 (61.5) 2.670 (67.8) 2.670 (67.8)
Dash No. 01 02 03 04 05 06 07 08 09 10 11* 12* 13* 14*
M Max .843 (21.4) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) 2.187 (55.5) 2.312 (58.7) 2.437 (61.9) 2.546 (64.7)
TABLE IV: CABLE ENTRY Cable N Min Max .625 (15.9) .125 (3.2) .750 (19.1) .156 (4.0) .875 (22.2) .250 (6.4) 1.000 (25.4) .280 (7.1) 1.125 (28.6) .375 (9.5) 1.250 (31.8) .500 (12.7) 1.375 (34.9) .625 (15.9) 1.500 (38.1) .750 (19.1) 1.625 (41.3) .875 (22.2) 1.750 (44.5) 1.000 (25.4) 1.875 (47.6) 1.125 (28.6) 2.000 (50.8) 1.250 (31.8) 2.125 (54.0) 1.375 (34.9) 2.250 (57.2) 1.500 (38.1)
Range Max .250 (6.4) .375 (9.5) .438 (11.1) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5)
* Consult factory for availability 1. Shield Support Ring (469-001-XX) is recommended for use in all G-Spring backshells (see page 463-8). 2. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 3. Metric dimensions (mm) are indicated in parentheses. 4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 5. Consult factory for shorter lengths on straight backshells. 6. O-Ring not supplied with Connector Designator A.
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 463 - Page 3
463
463-001 EMI/RFI Environmental G-Spring Backshell


▲Up To Search▲   

 
Price & Availability of 463SS001M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X