Part Number Hot Search : 
F5001 TLGU53T NTE5240A TLGU53T STBN024 STE36N50 VSM85 CM216
Product Description
Full Text Search
 

To Download 463FS002M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 463-002 EMI/RFI Environmental G-Spring Backshell
with Strain Relief Direct Coupling - Low Profile
463
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 6
CONNECTOR DESIGNATORS *
463 F S 002 M 16 05 F 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length * Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G) Cable Entry (Table V) Shell Size (Table I) Finish (Table II) 1.220 (31.0) Max
DIRECT COUPLING
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 5)
A Thread (Table I)
B (Table I) STYLE 2 (STRAIGHT See Note 1)
Cable M Range (Table IV)
* Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 5)
Shown with Style F Strain Relief
J (Table III)
E (Table V)
J (Table III)
G (Table V)
B (Table I)
F (Table V)
B (Table I)
H (Table V)
469-001-XX Shield Support Ring (order separately) is recommended for use in all G-Spring backshells (see page 463-8) Shown with Style F Strain Relief
Shown with Style G Strain Relief N (Table IV)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 463 - Page 4
with Strain Relief Direct Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-D-E-F B-G-K J-H-L-S C 1.000 (25.4) 1.250 (31.8) 1.000 (25.4) 1.250 (31.8) 1.000 (25.4) 1.250 (31.8) 1.735 (44.1) 1.000 (25.4) 1.250 (31.8) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.416 (36.0) 1.915 (48.6) 1.000 (25.4) 1.687 (42.9) 1.915 (48.6) TABLE IV: CABLE ENTRY Cable N M Dash Max Min Max No. .843 (21.4) .625 (15.9) .125 (3.2) 01 .968 (24.6) .750 (19.1) .156 (4.0) 02 03 1.046 (26.6) .875 (22.2) .250 (6.4) 04 1.156 (29.4) 1.000 (25.4) .280 (7.1) 05 1.218 (30.9) 1.125 (28.6) .375 (9.5) 06 1.343 (34.1) 1.250 (31.8) .500 (12.7) 07 1.468 (37.3) 1.375 (34.9) .625 (15.9) 08 1.593 (40.5) 1.500 (38.1) .750 (19.1) 09 1.718 (43.6) 1.625 (41.3) .875 (22.2) 10 1.843 (46.8) 1.750 (44.5) 1.000 (25.4) 11* 2.187 (55.5) 1.875 (47.6) 1.125 (28.6) 12* 2.312 (58.7) 2.000 (50.8) 1.250 (31.8) 13* 2.437 (61.9) 2.125 (54.0) 1.375 (34.9) 14* 2.546 (64.7) 2.250 (57.2) 1.500 (38.1) * Consult factory for availability
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
Range Max .250 (6.4) .375 (9.5) .438 (11.1) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5)
Elbow Size 01 02 03 04 05 06 07 08 09 10 11 12 13 14
TABLE V: ELBOW DIMENSIONS F G E Max Max Max 1.720 (43.7) .636 (16.2) .630 (16.0) 1.720 (43.7) .710 (18.0) .630 (16.0) 1.780 (45.2) .734 (18.6) .692 (17.6) 1.870 (47.5) .825 (21.0) .755 (19.2) 1.980 (50.3) .988 (25.1) .848 (21.5) 2.170 (55.1) 1.087 (27.6) 1.036 (26.3) 2.170 (55.1) 1.087 (27.6) 1.036 (26.3) 2.320 (58.9) 1.325 (33.7) 1.130 (28.7) 2.320 (58.9) 1.325 (33.7) 1.130 (28.7) 2.370 (60.2) 1.337 (34.0) 1.255 (31.9) 2.470 (62.7) 1.827 (46.4) 1.317 (33.5) 2.470 (62.7) 1.827 (46.4) 1.317 (33.5) 2.560 (65.0) 2.027 (51.5) 1.348 (34.2) 2.560 (65.0) 2.027 (51.5) 1.348 (34.2)
H Max 1.670 (42.4) 1.790 (45.5) 1.810 (46.0) 1.880 (47.8) 1.970 (50.0) 2.140 (54.4) 2.140 (54.4) 2.250 (57.2) 2.250 (57.2) 2.420 (61.5) 2.670 (67.8) 2.670 (67.8) 2.670 (67.8) 2.670 (67.8)
1. 2. 3. 4.
Shield Support Ring (469-001-XX) is recommended for use in all G-Spring backshells (see page 463-8). When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. Angular Function S only. Metric dimensions (mm) are indicated in parentheses. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 5. Consult factory for shorter lengths on straight backshells. 6. When using Connector Designator B refer to pages 18 and 19 for part number development.
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 463 - Page 5
463
463-002 EMI/RFI Environmental G-Spring Backshell


▲Up To Search▲   

 
Price & Availability of 463FS002M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X