![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
460-011 EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief Self-Locking Rotatable Coupling - Standard Profile 460 F S 011 M 16 05 F 6 460 CONNECTOR DESIGNATORS Product Series Connector Designator Angle and Profile H = 45 J = 90 S = Straight Basic Part No. A-F-H-L-S SELF-LOCKING ROTATABLE COUPLING Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G) Cable Entry (Table IV) Shell Size (Table I) Finish (Table II) Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 5) * Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 5) A Thread Length * (Table I) Shown with Style F Strain Relief .690 (17.5) Max E Typ. (Table I) Cable Range M (Table IV) STYLE 2 (STRAIGHT See Note 1) Anti-Rotation Device (Typ.) 469-001-XX Shield Support Ring (order separately) is recommended for use in all G-Spring backshells (see page 463-8) H (Table III) 1.00 (25.4) Max F (Table III) G (Table III) J (Table III) STYLE 2 (45 & 90 See Note 1) Shown with Style G Strain Relief Shown with Style G Strain Relief .416 (10.6) Max Cable Range N (Table IV) (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 460 - Page 10 with Strain Relief Self-Locking Rotatable Coupling - Standard Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II. TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 F Max .795 (20.2) .820 (20.8) .844 (21.4) .861 (21.9) .888 (22.6) .904 (23.0) .929 (23.6) .956 (24.3) .979 (24.9) 1.197 (30.4) 1.294 (32.9) 1.340 (34.0) G Max .950 (24.1) .980 (24.9) 1.000 (25.4) 1.030 (26.2) 1.050 (26.7) 1.060 (26.9) 1.080 (27.4) 1.120 (28.4) 1.150 (29.2) 1.270 (32.3) 1.350 (34.3) 1.515 (38.5) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) 1.636 (41.6) 1.876 (47.7) 1.986 (50.4) J Max 1.040 (26.4) 1.090 (27.7) 1.150 (29.2) 1.200 (30.5) 1.250 (31.8) 1.300 (33.0) 1.360 (34.5) 1.420 (36.1) 1.480 (37.6) 1.600 (40.6) 1.780 (45.2) 1.890 (48.0) TABLE IV: CABLE ENTRY Cable N M Dash Min Max Max No. .625 (15.9) .156 (4.0) .843 (21.4) 01 .750 (19.1) .188 (4.8) .968 (24.6) 02 .875 (22.2) .250 (6.4) 03 1.046 (26.6) 04 1.156 (29.4) 1.000 (25.4) .280 (7.1) 05 1.218 (30.9) 1.125 (28.6) .375 (9.5) 06 1.343 (34.1) 1.250 (31.8) .500 (12.7) 07 1.468 (37.3) 1.375 (34.9) .625 (15.9) 08 1.593 (40.5) 1.500 (38.1) .750 (19.1) 09 1.718 (43.6) 1.625 (41.3) .875 (22.2) 10 1.843 (46.8) 1.750 (44.5) 1.000 (25.4) 11* 2.187 (55.5) 1.875 (47.6) 1.125 (28.6) 12* 2.311 (58.7) 2.000 (50.8) 1.250 (31.8) 13* 2.437 (61.9) 2.125 (54.0) 1.375 (34.9) 14* 2.546 (64.7) 2.250 (57.2) 1.500 (38.1) * Consult factory for availability Range Max .250 (6.4) .375 (9.5) .438 (11.1) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1. Shield Support Ring (469-001-XX) is recommended for use in all G-Spring backshells (see page 463-8). 2. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G, and H will not apply. Please consult factory. 3. Metric dimensions (mm) are indicated in parentheses. 4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 5. Consult factory for shorter lengths on straight backshells. (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 460 - Page 11 460 460-011 EMI/RFI Non-Environmental G-Spring Backshell |
Price & Availability of 460SS001M32
![]() |