|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief and Self-Locking Rotatable Coupling CONNECTOR DESIGNATOR: Angle and Profile S - Straight W - 90 Elbow Product Series 447 - EMI/RFI Non-Environmental Banding Backshells Slot Option S - Pigtail Termin. Slot (Omit for none) 447-330 Composite Non-Environmental EMI/RFI Composite Backshells Finish Symbol (See Table III) A A F L H G U MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A Basic Part Number Cable Entry (See Table IV) 447 H S 330 XM 19 28 K S B SELF-LOCKING ROTATABLE COUPLING STANDARD PROFILE Connector Designator A, F, L, H, G and U Connector Shell Size (See Table II) Band Option Band supplied with K option (Omit for none) C 1.63 (41.4) Accommodates 600-052-1 Band J .44 (11.2) Typ. F E D Pigtail Termination Entry Diameter Slot G Cable Range H Entry Diameter J E Anti-Decoupling Device US PATENT 5211576 Cable Range H F 1. 2. 3. NOTES Metric dimensions (mm) are in parenthesis and are for reference only. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details. G (c) 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-82 Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief and Self-Locking Rotatable Coupling TABLE II: CONNECTOR SHELL SIZE Shell Size For E F Connector Designator* A F/L H G U .06 (1.5) .09 (2.3) .09 08 08 09 - - .69 (17.5) .88 (22.4) 1.19 10 10 11 - 08 .75 (19.1) 1.00 (25.4) 1.25 12 12 13 11 10 .81 (20.6) 1.13 (28.7) 1.31 14 14 15 13 12 .88 (22.4) 1.31 (33.3) 1.38 16 16 17 15 14 .94 (23.9) 1.38 (35.1) 1.44 18 18 19 17 16 .97 (24.6) 1.44 (36.6) 1.47 20 20 21 19 18 1.06 (26.9) 1.63 (41.4) 1.56 22 22 23 - 20 1.13 (28.7) 1.75 (44.5) 1.63 24 24 25 23 22 1.19 (30.2) 1.88 (47.8) 1.69 28 - - 25 24 1.34 (34.0) 2.13 (54.1) 1.78 G Max Entry (2.3) Dash No** (30.2) 08 (31.8) 12 (33.3) 16 (35.1) 20 (36.6) 24 (37.3) 28 (39.6) 32 (41.4) 36 (42.9) 40 (45.2) 44 **Consult factory for additional entry sizes available. TABLE III: FINISH Symbol XM XMT XW Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel TABLE IV: CABLE ENTRY Entry H J Entry Dia. Cable Range Code .06 (1.5) .06 (1.5) .03 (0.8) Minimum Maximum 08 .72 (18.3) .97 (24.6) .25 (6.4) .10 (2.5) .25 (6.4) 12 .91 (23.1) 1.11 (28.2) .38 (9.7) .20 (5.1) .38 (9.7) 16 1.09 (27.7) 1.21 (30.7) .50 (12.7) .33 (8.4) .50 (12.7) 20 1.22 (31.0) 1.21 (30.7) .63 (15.9) .45 (11.4) .63 (15.9) 24 1.34 (34.0) 1.21 (30.7) .75 (19.1) .52 (13.2) .75 (19.1) 28 1.53 (38.9) 1.36 (34.5) .88 (22.2) .64 (16.3) .88 (22.2) 32 1.72 (43.7) 1.51 (38.4) 1.00 (25.4) .77 (19.6) 1.00 (25.4) 36 1.85 (47.0) 1.51 (38.4) 1.13 (28.6) .86 (21.8) 1.13 (28.6) 40 1.97 (50.0) 1.51 (38.4) 1.25 (31.8) .98 (24.9) 1.25 (31.8) 44 2.09 (53.1) 1.63 (41.4) 1.38 (35.1) 1.13 (28.6) 1.38 (35.1) * Entry diameter equals maximum wire bundle diameter. ** Cable range equals cable outer diameter. (c) 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-83 Composite Backshells 447-330 Composite Non-Environmental EMI/RFI A B C D E F G |
Price & Availability of 447LW330XM08 |