Part Number Hot Search : 
LX9507G SSCP485 4835B 051AE LX9507G 30F60 KBPC300G 4835B
Product Description
Full Text Search
 

To Download 440SS085M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-085 EMI/RFI Tinel-Lock(R) Ring Adapter
Direct Coupling - Standard Profile
440
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 7
CONNECTOR DESIGNATORS *
440 F S 085 M 20 12-8 AI T1 Product Series Connector Designator Angle and Profile H = 45 J = 90 S = Straight Basic Part No. Cable Entry (Table V) Finish (Table II) Shell Size (Table I) Tinel-Lock(R) Ring Supplied (Table V - Omit for none) Length: S only (1/2 inch increments, e.g. 8 = 4.000 inches) Shrink Boot Options (Table IV - Omit for none)
DIRECT COUPLING FOR TINEL-LOCK(R) RING TERMINATIONS
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4)
A Thread (Table I)
Length ** O-Ring
** Length .060 (1.52) Min. Order Length 1.5 inch (See Note 4) M (Table IV)
STYLE 2 (STRAIGHT See Note 1)
C Typ. (Table I)
K*
L* * (Table IV)
.135 (3.4) .005 (.1) .272 (6.9) Ref. .525 (13.3) J E (Table III) (Table III) F (Table III) J (Table III) G (Table III)
H (Table III) Tinel-Lock(R) Ring Option (See Table V) .070 (1.8) Thermochromic Paint (Note 6)
(c) 2005 Glenair, Inc.
Tinel-Lock(R) is a registered trademark of Tyco
CAGE Code 06324 Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 64
Rotatable Coupling - Standard Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6) Dash No.(s) 04 05 06 07 08 10 12 14 16 18 20 TABLE IV: ELBOW DIMENSIONS G F E Max Max Max .89 (22.6) .75 (19.1) .64 (16.3) .92 (23.4) .81 (20.6) .66 (16.8) .92 (23.4) .81 (20.6) .66 (16.8) .94 (23.9) .87 (22.1) .69 (17.5) .94 (23.9) .87 (22.1) .69 (17.5) .99 (25.1) .98 (24.9) .73 (18.5) .75 (19.1) 1.00 (25.4) 1.02 (25.9) .77 (19.6) 1.02 (25.9) 1.08 (27.4) .80 (20.3) 1.06 (26.9) 1.14 (29.0) .82 (20.8) 1.09 (27.7) 1.20 (30.5) 1.04 (26.4) 1.26 (32.0) 1.48 (37.6) H Max 1.00 (25.4) 1.06 (26.9) 1.06 (26.9) 1.12 (28.4) 1.12 (28.4) 1.25 (31.8) 1.27 (32.3) 1.33 (33.8) 1.41 (35.8) 1.48 (37.6) 1.72 (43.7)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
K Dash I.D. No. .250 (6.4) 04 .312 (7.9) 05 .375 (9.5) 06 .437 (11.1) 07 .500 (12.7) 08 .625 (15.9) 10 .750 (19.1) 12 .875 (22.2) 14 16 1.000 (25.4) 18 1.125 (28.6) 20 1.250 (31.8)
L Dia Max .375 (9.5) .437 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9)
TABLE V: CABLE ENTRY M +.008 (.2) Shrink Boot -.000 (.0) Option T1* .044 (1.1) 202K121-25-0 .044 (1.1) 202K132-25-0 .044 (1.1) 202K132-25-0 .044 (1.1) 202K142-25-0 .044 (1.1) 202K142-25-0 .044 (1.1) 202K153-25-0 .044 (1.1) 202K153-25-0 .069 (1.8) 202K163-25-0 .069 (1.8) 202K163-25-0 .069 (1.8) 202K174-25-0 .069 (1.8) 202K174-25-0
Shrink Boot Option T2* 202K121-100-0 202K132-100-0 202K132-100-0 202K142-100-0 202K142-100-0 202K153-100-0 202K153-100-0 202K163-100-0 202K163-100-0 202K174-100-0 202K174-100-0
Tinel-Lock(R) Ring Entry Size 04 05 06 07 08 10 12 14 16 18 20
* Raychem Shrink Boot and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with "T1" Option (See Part Number Development) ** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number Development) - This is a Halogen Free System
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Interface O-Ring not supplied with Connector Designator A. 4. Consult factory for shorter lengths on straight backshells. 5. See page 40 for Shrink Boot Reference Information. 6. The Tinel-Lock (R) ring designator must be specified according to the type of cable braid used. Tinel-Lock (R) rings are marked with thermochromic paint which changes color when the correct installation temperature is reached. BI rings are identified with a red spot. CI rings are identified with a blue spot. 7. When using Connector Designator B refer to pages 18 and 19 for part number development.
(c) 2005 Glenair, Inc. CAGE Code 06324
TABLE V: TINEL-LOCK(R) RING Ring Braid Type Designator Single Layer 36 AWG AI Single Layer 34 AWG AI Single Layer 32 AWG BI Single Layer 30 AWG BI Double Layer 36 AWG BI Double Layer 34 AWG BI Double Layer 32 AWG CI
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 65
440
440-085 EMI/RFI Tinel-Lock(R) Ring Adapter


▲Up To Search▲   

 
Price & Availability of 440SS085M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X