Part Number Hot Search : 
SD330S 1N6302 SE9174 PC354N1 R1080 90100 C2022 90100
Product Description
Full Text Search
 

To Download 440LS069M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-069 EMI/RFI Banding and Shrink Boot Adapter
Self-Locking Rotatable Coupling - Standard Profile
440 F S 069 M 20 12-8 B P T
440
CONNECTOR DESIGNATORS
Product Series Connector Designator
Shrink Boot (Table IV Omit for none) Polysulfide (Omit for none)
A-F-H-L
SELF-LOCKING ROTATABLE COUPLING
Angle and Profile H = 45 J = 90 S = Straight Basic Part No. Finish (Table II) Shell Size (Table I) Length **
B = Band K = Precoiled Band (Omit for none) Length: S only (1/2 inch increments, e.g. 8 = 4.000 inches) Cable Entry (Table IV) ** Length .060 (1.52) Min. Order Length 2.0 inch .135 (3.4) (See Note 4) .075 (1.9) Ref.
Length .060 (1.52) A Thread Min. Order Length 2.5 inch (Table I)
O-Ring
E Typ. (Table I) STYLE 2 (STRAIGHT See Note 1) 1.00 (25.4) Max
K*
L*
M* * (Table IV)
.060 (1.5) Anti-Rotation Device (Typ.) .380 (9.7)
F
(Table III)
H (Table III) G (Table III)
STYLE 2 (45 & 90 See Note 1)
J (Table III) Termination Area Free of Cadmium. Knurl or Ridges Mfr's Option
Band Option (K Option Shown See Note 6)
(c) 2005 Glenair, Inc.
Polysulfide Stripes P Option
CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 22
Self-Locking Rotatable Coupling - Standard Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 40 F Max .806 (20.5) .832 (21.1) .856 (21.7) .882 (22.4) .908 (23.1) .927 (23.5) .953 (24.2) .979 (24.9) 1.004 (25.5) 1.197 (30.4) 1.280 (32.5) 1.294 (32.9) 1.320 (33.5) G Max 1.038 (26.4) 1.064 (27.0) 1.088 (27.6) 1.114 (28.3) 1.150 (29.2) 1.190 (30.2) 1.250 (31.8) 1.320 (33.5) 1.380 (35.1) 1.500 (38.1) 1.620 (41.1) 1.750 (44.5) 1.870 (47.5) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) 1.422 (36.1) 1.545 (39.2) 1.652 (42.0) 1.960 (49.8) J Max 1.146 (29.1) 1.210 (30.7) 1.268 (32.2) 1.330 (33.8) 1.392 (35.4) 1.438 (36.5) 1.500 (38.1) 1.562 (39.7) 1.625 (41.3) 1.654 (42.0) 1.777 (45.1) 1.844 (46.8) 2.070 (52.6)
TABLE IV: CABLE ENTRY Dash L M K No. .250 (6.4) .312 (7.9) 01 .125 (3.2) .312 (7.9) .374 (9.5) 31 .188 (4.8) .375 (9.5) .437 (11.1) 02 .250 (6.4) .438 (11.1) .500 (12.7) 32 .312 (7.9) .500 (12.7) .562 (14.3) 03 .375 (9.5) .562 (14.3) .624 (15.8) 33 .438 (11.1) .625 (15.9) .687 (17.4) 04 .500 (12.7) .688 (17.5) .750 (19.1) 34 .562 (14.3) .750 (19.1) .812 (20.6) 05 .625 (15.9) .812 (20.6) .874 (22.2) 35 .688 (17.5) .875 (22.2) .937 (23.8) 06 .750 (19.1) .938 (23.8) 1.000 (25.4) 36 .812 (20.6) 1.000 (25.4) 1.062 (27.0) 07 .875 (22.2) 1.062 (27.0) 1.124 (28.5) 37 .938 (23.8) 1.125 (28.6) 1.187 (30.1) 08 1.000 (25.4) 1.188 (30.2) 1.250 (31.8) 38 1.062 (27.0) 1.250 (31.8) 1.312 (33.3) 09 1.125 (28.6) 1.375 (34.9) 1.437 (36.5) 10 1.250 (31.8) 1.500 (38.1) 1.562 (39.7) 11 1.375 (34.9) 1.625 (41.3) 1.687 (42.8) 12 1.500 (38.1) 1.750 (44.5) 1.812 (46.0) 13 1.625 (41.3) 1.875 (47.6) 1.937 (49.2) 14 1.750 (44.5) 2.000 (50.8) 2.062 (52.4) 15 1.875 (47.6) 2.125 (54.0) 2.187 (55.5) 16 2.000 (50.8) * Raychem Shrink Boot Supplied with "T" Option (see Part Number Development)
(c) 2005 Glenair, Inc.
Shrink Boot * n/a 202K121-25-0 202K121-25-0 202K121-25-0 202K121-25-0 202K132-25-0 202K132-25-0 202K132-25-0 202K132-25-0 202K142-25-0 202K142-25-0 202K153-25-0 202K153-25-0 202K153-25-0 202K153-25-0 202K163-25-0 202K163-25-0 202K163-25-0 202K174-25-0 202K174-25-0 202K174-25-0 202K185-25-0 202K185-25-0 202K185-25-0
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Interface O-Ring not supplied with Connector Designator A. 4. Consult factory for shorter lengths on straight backshells. 5. See page 40 for Shrink Boot Reference Information. 6. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 23
440
440-069 EMI/RFI Banding and Shrink Boot Adapter


▲Up To Search▲   

 
Price & Availability of 440LS069M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X