Part Number Hot Search : 
2M914VT ODUCT M74HC40 2N412 FR024 PIC16C73 82N10 C5000
Product Description
Full Text Search
 

To Download 440LD084M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-084 EMI/RFI Tinel-Lock(R) Ring Adapter
Rotatable Coupling - Split Shell
440 F F 084 M 20 12 AI T1 Product Series Connector Designator Angle and Profile F = Split 45 D = Split 90 Basic Part No. Finish (Table II) G (Table III) A Thread (Table I) E (Table III) F (Table III) H (Table III) .525 (13.3) Anti-Rotation Device (Typ.) .94 (23.9) Max Tinel-Lock(R) Ring Supplied (Table V - Omit for none) Cable Entry (Table IV) Shell Size (Table I) Shrink Boot Options (Table IV - Omit for none)
440
CONNECTOR DESIGNATORS
A-F-H-L-S
ROTATABLE COUPLING FOR TINEL-LOCK(R) RING TERMINATIONS
C Typ. (Table I)
.94 (23.9) Max
Split 45
.272 (6.9) .135 (3.4) .005 (.1) Ref. J L (Table IV) (Table IV) K (Table IV) .88 (22.4) Max
Split 90
STYLE 2 (45 & 90 See Note 1)
.070 (1.8) Thermochromic Paint (Note 4) Tinel-Lock(R) Ring Option (See Table V) Tinel-Lock(R) is a registered trademark of Tyco
CAGE Code 06324 Printed in U.S.A.
(c) 2005 Glenair, Inc.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 62
EMI/RFI Tinel-Lock(R) Ring Adapter Rotatable Coupling - Split Shell
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size F G E Conn. Desig. Max Max Max H A-F-L-S .62 (15.7) .684 (17.4) .664 (16.9) 08 09 .68 (17.3) .754 (19.2) .664 (16.9) 11 10 .75 (19.1) .814 (20.7) .724 (18.4) 12 13 .78 (19.8) .874 (22.2) .784 (19.9) 15 14 .88 (22.4) .934 (23.7) .844 (21.4) 17 16 .94 (23.9) 1.004 (25.5) .914 (23.2) 18 19 .984 (25.0) 1.00 (25.4) 1.064 (27.0) 21 20 22 23 1.044 (26.5) 1.06 (26.9) 1.124 (28.5) 25 1.104 (28.0) 1.12 (28.4) 1.184 (30.1) 24 TABLE IV: CABLE ENTRY L +.008 (.2) Shrink Boot -.000 (.0) Option T1* .044 (1.1) 202K121-25-0 .044 (1.1) 202K132-25-0 .044 (1.1) 202K132-25-0 .044 (1.1) 202K142-25-0 .044 (1.1) 202K142-25-0 .044 (1.1) 202K153-25-0 .044 (1.1) 202K153-25-0 .069 (1.8) 202K163-25-0 .069 (1.8) 202K163-25-0 .069 (1.8) 202K174-25-0 .069 (1.8) 202K174-25-0
H Max .56 (14.2) .62 (15.7) .69 (17.5) .72 (18.3) .81 (20.6) .87 (22.1) .94 (23.9) 1.00 (25.4) 1.06 (26.9)
J Dash I.D. No. .250 (6.4) 04 .312 (7.9) 05 .375 (9.5) 06 .437 (11.1) 07 .500 (12.7) 08 .625 (15.9) 10 .750 (19.1) 12 .875 (22.2) 14 16 1.000 (25.4) 18 1.125 (28.6) 20 1.250 (31.8)
K Dia Max .375 (9.5) .437 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9)
Shrink Boot Option T2* 202K121-100-0 202K132-100-0 202K132-100-0 202K142-100-0 202K142-100-0 202K153-100-0 202K153-100-0 202K163-100-0 202K163-100-0 202K174-100-0 202K174-100-0
Tinel-Lock(R) Ring Entry Size 04 05 06 07 08 10 12 14 16 18 20
* Raychem Shrink Boot and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with "T1" Option (See Part Number Development) ** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number Development) - This is a Halogen Free System
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G, and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. See page 40 for Shrink Boot Reference Information. 4. The Tinel-Lock(R) ring designator must be specified according to the type of cable braid used. Tinel-Lock(R) rings are marked with thermochromic paint which changes color when the correct installation temperature is reached. BI rings are identified with a red spot.
(c) 2005 Glenair, Inc. CAGE Code 06324
TABLE V: TINEL-LOCK(R) RING Ring Braid Type Designator Single Layer 36 AWG AI Single Layer 34 AWG AI Single Layer 32 AWG BI Single Layer 30 AWG BI Double Layer 36 AWG BI Double Layer 34 AWG BI Double Layer 32 AWG CI
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 63
440
440-084


▲Up To Search▲   

 
Price & Availability of 440LD084M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X