Part Number Hot Search : 
B125C B6564608 FS120 SMCJ28 IRFI5210 TS5YL M3005N M3005N
Product Description
Full Text Search
 

To Download 440HW144XW20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-Banding Backshell with Shrink Boot Porch and Self-Locking Rotatable Coupling
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight T - 45 Elbow W - 90 Elbow Product Series 440 - EMI/RFI Non-Environmental Micro-Banding Backshells Drain Hole Option (Omit "D" if not required) Shrink Boot Option Shrink boot supplied with T option Available for S and T profiles only (Omit for none)
440-144 Composite Ultra Low Profile EMI/RFI
Composite Backshells
A
F H
MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Cable Entry (See Table IV) Omit for 90 Configuration Finish Symbol (See Table III)
SELF-LOCKING
ROTATABLE COUPLING ULTRA LOW PROFILE
Basic Part Number
440
H
S
144
XM
15
09
D
K
T
S
B
Anti-Decoupling Device TYP
Connector Designator F or H
Connector Shell Size (See Table II)
Band Option Band supplied with K option (Omit for none)
Slot Option S - Pigtail Termin. Slot (Omit for none)
.962 Max
C
.320 Typ
Pigtail Termination Slot
E
D Dia. Typ
F
D
Optional o.125 Drain Holes 3 Minimum Equally Spaced Typ G
Shrink Sleeve or Boot Groove Typ Raised Configuration (Mfr's Option)
E
Optional o.125 Drain Holes 3 Minimum Equally Spaced Typ
Shrink Sleeve or Boot Lip Accomodates 600-057-1 Micro-Band .32
H
F
J K (c) 2009 Glenair, Inc. Printed in U.S.A.
G
CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-70
Micro-Banding Backshell with Shrink Boot Porch and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 Entry Code Available for Straight and 45 Configuration 04 05 07 09 05 and 11 07 and 13 09 and 15 11 and 16 07, 13 and 17 G Max .63 (16.0) .66 (16.8) .72 (18.3) .83 (21.1) .91 (23.1) .93 (23.6) 1.04 (26.4) 1.12 (28.4) 1.18 (30.0) H .03 1.042 (26.5) 1.107 (28.1) 1.174 (29.8) 1.241 (31.5) 1.305 (33.1) 1.371 (34.8) 1.438 (36.5) 1.505 (38.2) 1.572 (39.9) J .304 (7.7) .432 (11.0) .546 (13.9) .670 (17.0) .796 (20.2) .902 (22.9) 1.027 (26.1) 1.152 (29.3) 1.276 (32.4) K .160 (4.1) .174 (4.4) .195 (5.0) .315 (8.0) .385 (9.8) .445 (11.3) .525 (13.3) .595 (15.1) .655 (16.6)
TABLE IV: CABLE ENTRY
Dash Number 04 05 07 09 11 13 15 16 17 D .03 .25 (6.4) .31 (7.9) .44 (11.2) .56 (14.2) .68 (17.3) .81 (20.6) .94 (23.9) 1.00 (25.4) 1.16 (29.5) E .06 .72 (18.3) .75 (19.1) .75 (19.1) .76 (19.3) .78 (19.8) .79 (20.1) .82 (20.8) .86 (21.8) .89 (22.6) F .09 .87 (22.1) .93 (23.6) 1.00 (25.4) 1.03 (26.2) 1.05 (26.7) 1.06 (26.9) 1.09 (27.7) 1.13 (28.7) 1.16 (29.5 ) XW XMT
TABLE III: FINISH
Symbol XM Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
NOTES
1. 2. 3. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-71
Composite Backshells
440-144 Composite Ultra Low Profile EMI/RFI
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 440HW144XW20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X