Part Number Hot Search : 
1252BL D7612 Y61CAD 3112D SLD1332V PHP3055E TWS4815Z ASI10590
Product Description
Full Text Search
 

To Download 440AH074NF08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-074 EMI/RFI Banding Adapter
Direct Coupling - Standard Profile
440
440 F S 074 NF 16 12-8 K P
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
Product Series Connector Designator Angle and Profile H = 45 J = 90 S = Straight Basic Part No.
Polysulfide (Omit for none) B = Band K = Precoiled Band (Omit for none) Length: S only (1/2 inch increments, e.g. 8 = 4.000 inches) Cable Entry (Table V)
DIRECT COUPLING
Finish (Table II) Shell Size (Table I) Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4) A Thread (Table I) Length * * Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 4) K* L* * (Table V)
B (Table I) STYLE 2 (STRAIGHT See Note 1)
.060 (1.5) Typ. .380 (9.7) Typ. J (Table III) G (Table IV)
J
E
(Table III) (Table IV)
B (Table I)
F (Table IV)
B (Table I)
H (Table IV)
Termination Area Free of Cadmium. Knurl or Ridges Mfr's Option
Polysulfide Stripes P Option
(c) 2005 Glenair, Inc.
Band Option (K Option Shown See Note 6)
CAGE Code 06324 Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 50
Direct Coupling - Standard Profile
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6) TABLE IV: ELBOW DIMENSIONS F Elbow E G Max Size Max Max 02 .639 (16.2) .890 (22.6) .750 (19.1) 03 .664 (16.9) .920 (23.4) .810 (20.6) 04 .688 (17.5) .940 (23.9) .870 (22.1) 05 .688 (17.5) .940 (23.9) .870 (22.1) 06 .688 (17.5) .940 (23.9) .870 (22.1) 07 .705 (17.9) .970 (24.6) .920 (23.4) 08 .732 (18.6) .990 (25.1) .980 (24.9) 09 .732 (18.6) .990 (25.1) .980 (24.9) 10 .748 (19.0) 1.000 (25.4) 1.020 (25.9) 11 .773 (19.6) 1.020 (25.9) 1.080 (27.4) 12 .773 (19.6) 1.020 (25.9) 1.080 (27.4) 13 .800 (20.3) 1.060 (26.9) 1.140 (29.0) 14 .800 (20.3) 1.060 (26.9) 1.140 (29.0) 15 .823 (20.9) 1.090 (27.7) 1.200 (30.5) 16 .823 (20.9) 1.090 (27.7) 1.200 (30.5)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
H Max 1.000 (25.4) 1.060 (26.9) 1.120 (28.4) 1.120 (28.4) 1.120 (28.4) 1.190 (30.2) 1.250 (31.8) 1.250 (31.8) 1.270 (32.3) 1.330 (33.8) 1.330 (33.8) 1.410 (35.8) 1.410 (35.8) 1.480 (37.6) 1.480 (37.6)
TABLE V: CABLE ENTRY K L Dash Dia Dia No. .125 (3.2) .250 (6.4) 02 .188 (4.8) .312 (7.9) 03 .250 (6.4) .375 (9.5) 04 .312 (7.9) .438 (11.1) 05 .375 (9.5) .500 (12.7) 06 .438 (11.1) .562 (14.3) 07 .500 (12.7) .625 (15.9) 08 .562 (14.3) .688 (17.5) 09 .625 (15.9) .750 (19.1) 10 .688 (17.5) .812 (20.6) 11 .750 (19.1) .875 (22.2) 12 .812 (20.6) .938 (23.8) 13 .875 (22.2) 1.000 (25.4) 14 .938 (23.8) 1.062 (27.0) 15 16 1.000 (25.4) 1.125 (28.6) 17 1.062 (27.0) 1.188 (30.2) 18 1.125 (28.6) 1.250 (31.8) 20 1.250 (31.8) 1.375 (34.9) 22 1.375 (34.9) 1.500 (38.1) 24 1.500 (38.1) 1.625 (41.3)
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development. 6. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 51
440
440-074 EMI/RFI Banding Adapter


▲Up To Search▲   

 
Price & Availability of 440AH074NF08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X