Part Number Hot Search : 
VCH162 DN74L TZ135B IR3205 91C10 V8PAL50 5012A P15N60
Product Description
Full Text Search
 

To Download 420SB002M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 420-002 SealtiteTM/Liquidtite Conduit Backshell
Direct Coupling - Low Profile
420 F S 002 M 16 03-6
42
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 6
CONNECTOR DESIGNATORS *
Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No.
Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Cable Entry (Table V) Shell Size (Table I) Finish (Table II)
DIRECT COUPLING
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4)
A Thread (Table I)
Length * O-Ring
Sealtite/Liquidtite Conduit or Equivalent (Customer Furnished)
B (Table I) STYLE 2 (STRAIGHT)
K **
L **
M **
* Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 4) E
N Wrench Flat (Table V)
** (Table V)
J
(Table III) (Table IV)
J G (Table III) (Table IV)
B (Table I)
F (Table IV)
B (Table I)
H (Table IV)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 42 - Page 4
Direct Coupling - Low Profile
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Sealtite is a trademark of Anaconda Corp. 6. When using Connector Designator B refer to pages 18 and 19 for part number development.
Elbow Size 01 02 03 04 05 06 07
TABLE IV: ELBOW DIMENSIONS E F G Max Max Max .630 (16.0) 1.870 (47.5) .709 (18.0) .692 (17.6) 1.930 (49.0) .734 (18.6) .848 (21.5) 2.130 (54.1) .990 (25.1) 1.036 (26.3) 2.320 (58.9) 1.090 (27.7) 1.130 (28.7) 2.470 (62.7) 1.325 (33.7) 1.317 (33.5) 2.620 (66.5) 1.827 (46.4) 1.348 (34.2) 2.710 (68.8) 2.027 (51.5)
H Max 1.940 (49.3) 1.960 (49.8) 2.120 (53.8) 2.290 (58.2) 2.400 (61.0) 2.820 (71.6) 2.820 (71.6)
Dash Conduit No. Size (Ref.) 01 3/8 02 1/2 03 3/4 04 1 05 1 1/4 06 1 1/2 07 2
TABLE V: CABLE ENTRY L Dimension K Dimension Min Max Max Min .484 (12.3) .710 (18.0) .504 (12.8) .690 (17.5) .622 (15.8) .840 (21.3) .642 (16.3) .820 (20.8) .820 (20.8) .840 (21.3) 1.030 (26.2) 1.050 (26.7) 1.041 (26.4) 1.066 (27.1) 1.290 (32.8) 1.315 (33.4) 1.380 (35.1) 1.410 (35.8) 1.630 (41.4) 1.660 (42.2) 1.575 (40.0) 1.600 (40.6) 1.875 (47.6) 1.900 (48.3) 2.020 (51.3) 2.045 (51.9) 2.350 (59.7) 2.375 (60.3)
M Max 1.155 (29.3) 1.282 (32.6) 1.531 (38.9) 1.781 (45.2) 2.218 (56.3) 2.468 (62.7) 3.031 (77.0)
N Max Wrench Flat 1.000 (25.4) 1.125 (28.6) 1.375 (34.9) 1.625 (41.3) 2.062 (52.4) 2.312 (58.7) 2.875 (73.0)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 42 - Page 5
42
420-002 SealtiteTM/Liquidtite Conduit Backshell


▲Up To Search▲   

 
Price & Availability of 420SB002M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X