Part Number Hot Search : 
BU806FI SS2003M BU806FI GOG96017 N74LS25 EM9765P 5KP24A MHW92
Product Description
Full Text Search
 

To Download 400SS015M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 400-015 TAG Ring Backshell
(R)
40
CONNECTOR DESIGNATORS
with Strain Relief Self-Locking Rotatable Coupling - Straight Only
400 F S 015 M 16 06 L 6 Product Series Connector Designator Angle and Profile S = Straight Basic Part No. Finish (Table II) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G, L) Cable Entry (Table IV, V) Shell Size (Table I)
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
A Thread (Table I)
Length * Ground Spring * Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) Shown with Style G Nut
E Typ. (Table I)
STYLE 2 (STRAIGHT See Note 1)
AntiRotation Device
STYLE F Light Duty (Table V) .416 (10.5) Approx. Cable Range
STYLE G Light Duty (Table IV) .072 (1.8) Approx.
Cable Entry
STYLE L Light Duty (Table V) .850 (21.6) Approx.
L
K
Cable Range
L
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 40 - Page 16
with Strain Relief Self-Locking Rotatable Coupling - Straight Only
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
Dash No. 02 03 04 05 06 07 08 09 10
TABLE IV: CABLE ENTRY K Cable Entry Max Max .545 (13.8) .250 (6.4) .670 (17.0) .375 (9.5) .795 (20.2) .500 (12.7) .920 (23.4) .625 (15.9) 1.045 (26.5) .750 (19.1) 1.170 (29.7) .875 (22.2) 1.295 (32.9) 1.000 (25.4) 1.420 (36.1) 1.125 (28.6) 1.670 (42.4) 1.250 (31.8)
Dash No. 02 03 04 05 06 07 08 09 10
TABLE V: CABLE ENTRY L Cable Max Min .968 (24.6) .125 (3.2) 1.046 (26.6) .250 (6.4) 1.156 (29.4) .250 (6.4) 1.218 (30.9) .375 (9.5) 1.343 (34.1) .500 (12.7) 1.468 (37.3) .625 (15.9) 1.593 (40.5) .625 (15.9) 1.718 (43.6) .750 (19.1) 1.843 (46.8) .875 (22.2)
Range Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 40 - Page 17
40
400-015 TAG Ring Backshell
(R)


▲Up To Search▲   

 
Price & Availability of 400SS015M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X