Part Number Hot Search : 
BT933 BF547 HMC132 UPD6133 TMP86F 15W10 BYV26EG 20C1X
Product Description
Full Text Search
 

To Download 370GB008B11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 370-008 Water-Tight Cable Sealing Backshell
with Strain Relief Standard Profile - Rotatable Coupling
370 G S 008 M 17 10 C 6
37
CONNECTOR DESIGNATOR ROTATABLE COUPLING
Product Series Connector Designator
Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (C, E)
G
Angle and Profile A = 90 B = 45 S = Straight Basic Part No.
Cable Entry (Tables IV, V) Shell Size (Table I) Finish (Table II)
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 5)
A Thread (Table I) C Typ. (Table I)
Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 5)
STYLE 2 (STRAIGHT See Note 1) Length .060 (1.52) 1.25 (31.8) Max
E (Table III)
G (Table III)
F (Table III) H (Table III)
STYLE 2 (45 & 90 See Note 1) STYLE C Medium Duty (Table IV) Clamping Bars STYLE E Medium Duty (Table V) L (See Note 3) M
J
Cable Range
K
Cable
N
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 16
with Strain Relief Standard Profile - Rotatable Coupling See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
Shell Size 11 13 15 17 19 23 25 29 33 TABLE III: ELBOW DIMENSIONS E G F Max Max Max 1.240 (31.5) .920 (23.4) 1.380 (35.1) 1.260 (32.0) .940 (23.9) 1.440 (36.6) 1.290 (32.8) .970 (24.6) 1.500 (38.1) 1.310 (33.3) .990 (25.1) 1.570 (39.9) 1.340 (34.0) 1.020 (25.9) 1.630 (41.4) 1.380 (35.1) 1.060 (26.9) 1.730 (43.9) 1.410 (35.8) 1.090 (27.7) 1.800 (45.7) 1.580 (40.1) 1.260 (32.0) 2.040 (51.8) 1.620 (41.1) 1.300 (33.0) 2.130 (54.1) H Max 1.060 (26.9) 1.120 (28.4) 1.190 (30.2) 1.250 (31.8) 1.330 (33.8) 1.410 (35.8) 1.480 (37.6) 1.720 (43.7) 1.810 (46.0) TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 03 04 06 08 10 12 16 20 24 28 32
J Max 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.281 (32.5) 1.281 (32.5) 1.406 (35.7) 1.656 (42.1) 1.906 (48.4) 1.906 (48.4) 2.000 (50.8)
TABLE IV: CABLE ENTRY Cable Range K L Max Ref Min Max .812 (20.6) .135 (3.4) .156 (4.0) .219 (5.6) .937 (23.8) .203 (5.2) .188 (4.8) .312 (7.9) 1.062 (27.0) .285 (7.2) .281 (7.1) .438 (11.1) 1.188 (30.2) .350 (8.9) .312 (7.9) .531 (13.5) 1.312 (33.3) .390 (9.9) .375 (9.5) .625 (15.9) 1.562 (39.7) .460 (11.7) .500 (12.7) .750 (19.1) 1.750 (44.5) .510 (13.0) .625 (15.9) .938 (23.8) 2.250 (57.2) .695 (17.7) .938 (23.8) 1.250 (31.8) 2.375 (60.3) .715 (18.2) 1.000 (25.4) 1.375 (34.9) 2.625 (66.7) .915 (23.2) 1.250 (31.8) 1.625 (41.3) 2.812 (71.4) 1.070 (27.2) 1.500 (38.1) 1.875 (47.6) 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G & H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Saddles are bottomed on Clamp Ears. 4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 5. Consult factory for shorter lengths on straight backshells.
Dash No. 03 04 06 08 10 12 16 20 24 28 32
M Max .739 (18.8) .739 (18.8) .739 (18.8) .739 (18.8) .791 (20.1) .880 (22.4) .901 (22.9) 1.031 (26.2) 1.250 (31.8) 1.250 (31.8) 1.312 (33.3)
TABLE V: CABLE ENTRY Cable Range N Max Min Max .812 (20.6) .156 (4.0) .219 (5.6) .937 (23.8) .188 (4.8) .312 (7.9) 1.062 (27.0) .281 (7.1) .438 (11.1) 1.188 (30.2) .312 (7.9) .531 (13.5) 1.312 (33.3) .375 (9.5) .625 (15.9) 1.562 (39.7) .500 (12.7) .750 (19.1) 1.750 (44.5) .625 (15.9) .938 (23.8) 2.250 (57.2) .938 (23.8) 1.250 (31.8) 2.375 (60.3) 1.000 (25.4) 1.375 (34.9) 2.625 (66.7) 1.250 (31.8) 1.625 (41.3) 2.812 (71.4) 1.500 (38.1) 1.875 (47.6)
Add "-445" to Specify Glenair's Non-Detent, ("NESTOR") Spring-Loaded, Self-Locking Coupling. See Page 41 for Details.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 17
37
370-008 Water-Tight Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 370GB008B11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X