Part Number Hot Search : 
TLP1217 BF096 BM324 25M020A 93000 LANKH 2A122K N6006A
Product Description
Full Text Search
 

To Download 330-20M-5EN-TNC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 330 Series Crystal Oscillator
Page 1 of 3
Crystal Oscillator Series Number Package Description Last Modified
330
FEATURES - HCMOS/TTL logic compatible - Wide frequency range - Low power consumption - 5V or 3.3V optional - RoHs / Lead Free compliant
Metal Dip Full Size
Clock Oscillators
July 01 2005
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Output Logic Input Voltage (VDD) Frequency Range (fO) Operating Temperature (TOPR) Storage Temperature (TSTG) Overall Frequency Stability CONDITIONS a+b+c+d (a) Frequency Tolerance (b) Temperature Stability (c) Input Voltage Stability (d) Load Stability Input Current (IDD) Aging Rise Time (TR) / Fall Time (TF) Rise Time (TR) / Fall Time (TF) Output Voltage High "1" VOH Output Voltage Low "0" VOL Duty Cycle Start-Up Time (TS) Jitter @ 25C < 66.660 MHz 66.660 MHz TTL Load HCMOS Load TTL Load HCMOS Load (One Sigma) 2.7 min. 0.4 max. 0.5 max. 50 10 (Std.) / 50 5 (Option) 10 max. 25 max. CHARACTERISTICS HCMOS / TTL Output 3.3 10% 0.50 ~ 125.000 5.0 10% 0.50 ~ 125.000 UNITS VDC MHz C C PPM mA PPM/Y nS nS VDC VDC % ms ps
0 ~ +70 (Std.) / -40 ~ 85 (Option) -55 ~ +125 20, 25, 50, 100 max. Inclusive of Overall Stability Inclusive of Overall Stability (Operating Temperature) Inclusive of Overall Stability (VDD 5%) Inclusive of Overall Stability (RL 5%) 10 ~ 45 max. 5 max. 10 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS) 4 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS) 2.4 min. VDD-0.5 min. 15 ~ 85 max.
PIN CONNECTIONS #1 #7 No Connection or Tri-State Enable High Case Ground
Oscilent Corporation | 330 Series Crystal Oscillator
Page 2 of 3
#8
Output
#14 Vdd
PART NUMBER GUIDE
Series Number Frequency Voltage Supply Option Frequency Tolerance & Stability (max.) Operating Temp. (C) Duty Cycle Pin 1 Connection Gullwing
330
Oscilent Clock Oscillators
- 2.0 M
-3
D= E= F= G= H=
E
100 PPM 50 PPM 25 PPM 20 PPM 10 PPM
N
Blank* = 0~+70 N = -40~+85
-T
Blank*= 5010% T = 505%
TS
NC = No Connnection TS = Tri-State Enable High
G
Blank* = Std. G = Gullwing
Enter your desired 5 = 5VDC frequency e.g. 3 = 3.3VDC 12.0M = 12.000MHz See table below for standard frequencies.
NOTE: - Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic. PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
STANDARD OSCILLATOR FREQUENCIES - GUIDE ONLY / OTHER FREQUENCIES AVAILABLE
FREQUENCY (1.000 - 9.8304MHz) 1.000 1.2288 1.8432 2.000 2.4576 3.579545 3.6864 4.000 4.9152 5.000 FREQUENCY (10.00 - 24.000MHz) 10.00 11.0592 12.000 12.288 12.800 14.31818 14.7456 15.9744 16.000 16.257 FREQUENCY (24.576 - 80.000MHz) 24.576 25.000 25.175 28.322 30.000 32.000 32.514 33.000 35.000 40.000
Oscilent Corporation | 330 Series Crystal Oscillator
Page 3 of 3
5.0688 6.000 6.144 7.3728 8.000 9.216 9.8304
16.384 17.734475 18.000 18.432 19.6608 20.000 24.000
48.000 50.000 64.000 65.000 66.666 80.000 -
NOTE: Other frequencies available. PLEASE SPECIFY IN PART NUMBER GUIDE
Series No.: 330
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 330-20M-5EN-TNC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X