Part Number Hot Search : 
L17T70 ST300S ST72632 MRF329 RCMX1 PDTA115E D1025 Q6511
Product Description
Full Text Search
 

To Download 319AS120XB08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 319-120 Composite EMI/RFI Backshell
with Shield Sock and Self-Locking Rotatable Coupling
Finish Symbol (See Table III) Optional Braid Material Omit for Standard (See Table IV)
Composite Backshells
CONNECTOR DESIGNATOR:
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Product Series 319 - EMI/RFI Shield Sock Assemblies
Angle and Profile S - Straight
Custom Braid Length Specify In Inches (Omit for Std. 12" Length)
SELF-LOCKING
B
ROTATABLE COUPLING LOW PROFILE
319
H
S
120
Basic Part Number
XB
15
B
R - 14
Connector Designator A, F, and H
Connector Shell Size (See Table II)
Split Ring / Band Option Split Ring (687-749) and Band (600-052-1) supplied with R option (Omit for none)
C
Anti-Rotation Device Crimp Ring 12.00 Min .40 Ref .15 Standard Shield IAW 107-030 Nickel / Copper. See Table III for optional material. Split Ring Glenair Part Number 687-749 EMI Shroud A Thread
D
E
K
F
Termination Area Free of Cadmium
Band Glenair Part Number 600-052-1
Detail "B" Finish XN
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-14
with Shield Sock and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 A Code .265 (6.7) .370 (9.4) .506 (12.9) .580 (14.7) .705 (17.9) .784 (19.9) .909 (23.1) 1.034 (26.3) 1.149 (29.2) K Diameter F Code .275 (7.0) .412 (10.5) .526 (13.4) .651 (16.5) .776 (19.7) .872 (22.1) 1.007 (25.6) 1.132 (28.8) 1.257 (31.9) H Code .264 (6.7) .390 (9.9) .504 (12.8) .630 (16.0) .756 (19.2) .843 (21.4) .969 (24.6) 1.091 (27.7) 1.217 (30.9)
TABLE III: FINISH
Symbol XB Finish Composite Material-No Plating, Color Black, Brass Interface Shroud and Adapter-Nickel Plated 2000 Hour Corrosion Resistant NiPTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM Composite Material-No Plating, Color Black and Brown, Brass Interface Shroud and Adapter-Selectively Cadmium Plated (See Detail B)
TABLE IV: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand Blend
(R)
XMT
Nickel/Copper 34awg Tin/Copper 34awg
XN
NOTES
1. 2. 3. 4. See Table I in Intro for front-end dimensional details. See composite thermoplastic shield sock assembly procedure for detailed installation instructions. Code F is for series I connectors only. Use mod code -475 for series III connector (connector less shroud) Coupling nuts supplied unplated.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-15
Composite Backshells
319-120 Composite EMI/RFI Backshell
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319AS120XB08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X