Part Number Hot Search : 
02024 LH5P8129 C291M ALC272 M215FAN MAX1846E V32F1CLC LT117
Product Description
Full Text Search
 

To Download 2SD1840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1840
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 100V(Min) *High Current Capability *Wide Area of Safe Operation *Complement to Type 2SB1230
APPLICATIONS *Designed for motor drivers, converters and other general high-current switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICP IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Collector Current-Pulse Base Current-Continuous Collector Power Dissipation @ Ta=25
w w
scs .i w
VALUE 110 UNIT V 100 6 V V 15 25 5 3 W 100 150 -55~150 A A A
.cn mi e
PC Collector Power Dissipation @ TC=25 TJ Tstg Junction Temperature Storage Temperature Range
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1840
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; RBE=
100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
110
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
B
0.8
V
VBE(sat)
Base -Emitter Saturation Voltage
IC= 6A; IB= 0.6A
B
1.5
V A
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
IEBO
Emitter Cutoff Current
hFE-1
DC Current Gain
hFE-2
DC Current Gain
hFE-1 Classifications P 50-100 Q
w w
scs .i w
VEB= 5V; IC= 0
IC= 1.5A; VCE= 2V
IC= 6A; VCE= 2V
.cn mi e
50 20
100
100
A
140
70-140
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X