Part Number Hot Search : 
PN5130 2SK2460N C2983 CDBF0540 AZ852 160MDSA3 GPC50 KBU6J
Product Description
Full Text Search
 

To Download 2SD1415 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1415
DESCRIPTION *With TO-220Fa package *High DC current gain *Low saturation voltage *Complement to type 2SB1020 *DARLINGTON APPLICATIONS *High power switching applications *Hammer drive,pulse motor drive applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 100 100 5 7 0.2 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1415
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=50mA; IB=0 IC=3A ;IB=6mA IC=7A ;IB=14mA IC=3A ;IB=6mA VCB=100V; IE=0 VEB=5V; IC=0 IC=3A ; VCE=3V IC=7A ; VCE=3V 2000 1000 MIN 100 0.9 1.2 1.5 1.5 2.0 2.5 100 3.0 15000 TYP. MAX UNIT V V V V A mA
SYMBOL V(BR)CEO VCEsat-1 VCEsat-2 VBEsat ICBO IEBO hFE-1 hFE-2
Switching times ton tstg tf Turn-on time Storage time Fall time IB1=-IB2=6mA VCC=45V ,RL=15A 0.8 3.0 2.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1415
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1415

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X