Part Number Hot Search : 
KA7531 F1405Z N1N759A A1671 B1522RW STV93 BFG540 PE4202
Product Description
Full Text Search
 

To Download 2SD1411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1411
DESCRIPTION *With TO-220Fa package *Low saturation voltage *Complementary to 2SB1018 APPLICATIONS *Power amplifier applications *High current switching applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2.0 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 100 80 5 7 1 30 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA; IB=0 IC=4A ;IB=0.4A IC=4A ;IB=0.4A VCB=100V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=1V IC=4A ; VCE=1V VCE=4V;IC=1A f=1MHz ; VCB=10V;IE=0 70 30 MIN 80
2SD1411
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
0.25 0.9
0.5 1.4 5 5 240
V V A A
10 250
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IB1=-IB2=0.3A VCC=30V ,RL=10A 0.4 2.5 0.5 s s s
hFE-1 Classifications O 70-140 Y 120-240
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1411
Fig.2 Outline dimensions(unindicated tolerance: 0.15 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1411
4


▲Up To Search▲   

 
Price & Availability of 2SD1411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X