Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download 2SD1126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1126
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 120V(Min) *High DC Current Gain : hFE= 1000(Min) @IC= 5A *Low Saturation Voltage
APPLICATIONS *Designed for power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE 120 V 120 V 7 V 10 A 15 A
UNIT
.cn mi e
IC
Collector Current-Continuous
ICP
Collector Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature
PC
50
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS IC= 25mA; RBE= MIN TYP.
2SD1126
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 200mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A; IB= 10mA
B
1.5
V
VCE(sat)-2 VBE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 0.1A IC= 5A; IB= 10mA
B
3.0
V
Base-Emitter Saturation Voltage
2.0
V
VBE(sat)-2 ICBO
Base-Emitter Saturation Voltage
IC= 10A; IB= 0.1A
Collector Cutoff Current
ICEO
Collector Cutoff Current
hFE
DC Current Gain
VECF
C-E Diode Forward Voltage
Switching times
w
ww
scs .i
IF= 10A
VCB= 120V; IE=0
VCE= 100V; RBE=
IC= 5A; VCE= 3V
.cn mi e
1000 0.8 8.0
3.5
V A A
100
10
20000
3.0
V
ton toff
Turn-on Time IC= 5A, IB1= -IB2= 10mA Turn-Off Time
s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X