Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download 2SC3692 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
www.jmnic.ocm
2SC3692
Silicon NPN Transistors
Features
(c)q (c)q With TO-220Fa package High speed ,power switching applications
BCE
Absolute Maximum Ratings Tc=25ae
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature RATING 100 60 5 7 30 150 -55~150 ae ae UNIT V V V A W
TO-220Fa
Electrical Characteristics Tc=25ae
SYMBOL ICBO IEBO ICEO VCBO VCEO(SUS) VEBO VCE(sat-1) VCE(sat-2) hFE-1 hFE-2 VBE(sat)1 VBE(sat)2 fT Cob PARAMETER Collector cut-off current Emitter cut-off current Collector cut-off current Collector-base breakdown voltage Collector-emitter Sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltages Collector-emitter saturation voltages Forward current transfer ratio Forward current transfer ratio Base-emitter saturation voltages Base-emitter saturation voltages Transition frepuency Collector Out put Capacitance IC=1A; VCE=10V IC=0, VCB=10V f=1MHz 150 100 MHz pF IC=6A; IB=0.3A 1.5 V IC=1.5A; VCE=2V 100 400 IC=6A; IB=0.3A 0.5 V IC=30mA; IB=0 60 V CONDITIONS VCB=60V; IE=0 VEB=5V; IC=0 MIN Typ. MAX 10 10 UNIT uA uA
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC3692

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X