Part Number Hot Search : 
HMC594 4HCT57 XC6216C TGP10 P1037 X55C2 LS11R3 74HC163
Product Description
Full Text Search
 

To Download 2SC3566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3566
DESCRIPTION *Low Collector Saturation Voltage *Fast Switching Speed
APPLICATIONS *Designed for high-speed switching, and is ideal for use as a driver in devices such as switching reglators,DC/DC converters, and high frequency power amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
ICM
Collector Current-Peak
w
ww
scs .i
80 60 12 5 10 2.5 1.5
V
V
V
.cn mi e
A
A
IB
B
Base Current-Continuous Collector Power Dissipation @ Ta=25
A
PC Total Power Dissipation @ TC=25 TJ Junction Temperature 25
W
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCEX(SUS)-1 VCEX(SUS)-2 VCE(sat) VBE(sat) ICBO ICER ICEX IEBO hFE-1 hFE-2 PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 3.0A ; IB= 0.3A, L=1mH IC= 3.0A ; IB1=-IB2= 0.3A, VBE(OFF)=5.0V, L=180H,clamped IC= 6.0A ; IB1= 0.6A; IB2= -0.3A, VBE(OFF)= -5.0V, L= 180H,clamped IC= 3.0A; IB= 0.3A IC= 3.0A; IB= 0.3A VCB= 60V; IE= 0 VCE= 60V; RBE= 51, Ta=125 MIN 60 80 60
2SC3566
MAX
UNIT V V V
0.6 1.5 10 1.0 10 1.0 10 40 40 200
V V A mA A mA A
VCE= 60V; VBE(off)= -1.5V VCE= 60V; VBE(off)= -1.5V, Ta=125
Switching times ton tstg tf
Turn-on Time Storage Time Fall Time
w w
K 100-200
w.
VEB= 5V; IC=0
IC= 0.3A; VCE= 5V IC= 3.0A; VCE= 5V
.cn mi cse is
0.5 IC= 3.0A ,RL= 17, IB1= -IB2= 0.3A,VCC 50V 3.0 0.5
s s s
hFE-2 Classifications M 40-80 L 60-120
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X