Part Number Hot Search : 
2409S ES2DA SGM8631 MJE1300 B4060 D2061 GL480 78S06
Product Description
Full Text Search
 

To Download 2SA1329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1329
DESCRIPTION With TO-220 package Complement to type 2SC3346 Low collector saturation voltage High speed switching time APPLICATIONS High current switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -80 -80 -6 -12 -2 40 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-50mA ,IB=0 IC=-6A; IB=-0.3A IC=-6A; IB=-0.3A VCB=-80V; IE=0 VEB=-6V; IC=0 IC=-1A ; VCE=-1V IC=-6A ; VCE=-1V IE=0 ; VCB=-10V;f=1MHz IC=-1A ; VCE=-5V 70 40 400 50 MIN -80
2SA1329
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
TYP.
MAX
UNIT V
-0.2 -0.9
-0.4 -1.2 -10 -10 240 |I |I
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IB1=- IB2=-0.3A RL=5| ;VCC=-30V 0.3 1.0 0.5 |I |I |I s s s
hFE-1 Classifications O 70-140 Y 120-240
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1329
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1329
4


▲Up To Search▲   

 
Price & Availability of 2SA1329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X