Part Number Hot Search : 
F332M CDBV0520 ER30011 CDB42L55 2SA766 ADP2301 T0805DM DTB543EE
Product Description
Full Text Search
 

To Download 254-120M-18-50GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 252 - 255
Page 1 of 4
SMD Quartz Crystal Series Number Package Description Last Modified
252 ~ 255
. FEATURES - Cost effective - Low profile - Space saving design - Tape and Reel
HC-49SM 4 Pad
SMD Quartz Crystal
Jan. 01 2002
.
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Frequency Range Frequency Tolerance Temperature Tolerance Operating Temperature Storage Temperature Shunt Capacitance Load Capacitance Drive Level Aging (First Year) Insulation Resistance CONDITIONS. fO Ref @ +25C TL TOPR TSTG CO CL DL @ +25C IR CHARACTERISTICS 3.579545 ~ 70.00 30 (Std.) / 15 , 50 (Option) 50 (Std.) / 30 , 100 (Option) -20 ~ +70 (Std.) / -40 ~+85 (Option) -40 ~ +85 7.0 max. 18.0 (Std.) / 10 ~ 50 and Series (Option) 1.0 max. 5.0 500 (DC100 10V) min. UNITS MHz PPM PPM C C pF pF mW PPM/Y Mohm
.
TABLE 1 - OPERATION MODE AND MOTIONAL RESISTANCE (RS)
FREQUENCY RANGE (MHz) 3.579545 ~ 4.999 5.0 ~ 5.999 6.0 ~ 7.999 8.0 ~ 8.999 9.0 ~ 9.999 10.0 ~ 14.999 MODE Fundamental/AT Fundamental/AT Fundamental/AT Fundamental/AT Fundamental/AT Fundamental/AT ohm max. 200 150 120 90 80 70 FREQUENCY RANGE (MHz) 15.0 ~ 15.999 16.0 ~ 23.999 24.0 ~ 30.999 24.0 ~ 40.32 24.576 ~ 29.999 30.0 ~ 70.0 MODE Fundamental/AT Fundamental/AT Fundamental/AT Fundamental/BT 3rd OT/AT 3rd OT/AT ohm max. 60 50 40 40 150 100
..
Oscilent Corporation | 252 - 255
Page 2 of 4
Series Layout 252 253 254 255 Fig. A Fig. B Fig. A Fig. B
Dim. L 4.0mm 5.0mm
.
PART NUMBER GUIDE
Series Number Frequency Load Capacitance Tolerance @ +25oC Tolerance Over Temp ( oC ) Operating Temp ( oC ) Packaging**
252
HC-49SM 252:L=4.0 (A) 253:L=4.0 (B) 254:L=5.0 (A) 255:L=5.0 (B)
- 12.0M
See table below for standard freq. and enter here e.g. 2.048M for 2.048 MHz OR enter any desire frequency.
- 18
- 50
N
Blank* = 50 PPM G= 30 PPM N= 100 PPM S= W=
W
-20~+70 -40~+85
- TR
Blank* = Bulk TR = Tape/Reel
Enter desired Blank * = 30 PPM capacitance here. 15 = 15 PPM See table below 50 = 50 PPM for standard load capacitance e.g. 20 for 20pF or Enter SR for Series.
NOTE: Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic. **PACKAGING: Click on the packaging name above for tape/reel specifications
.
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/ OTHER FREQ./LOADS
AVAILABLE FREQUENCY (MHz) 3.579545 3.6864 4.000 LOAD (pF) Series Std. Std. Std. 12 13 16 17 Std. 18 20 Std. Std. 30 -
Oscilent Corporation | 252 - 255
Page 3 of 4
4.032 4.096 4.194304 4.433618 4.9152 5.000 5.0688 5.185 5.9904 6.000 6.144 6.5536 7.3728 8.000 9.216 9.8304 10.000 11.000 11.0592 12.000 12.000393 12.288 14.31818 14.7456 15.000 16.000 16.000312 16.257 16.9344 18.000 18.432 19.6608 20.000 22.1184 24.000(F) 24.00014 (F) 40.00 (OT) 40.32 (OT)
Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. -
Std. -
-
Std. Std. Std. -
-
Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. -
Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std.
Std. Std. Std. Std. Std. Std. -
Oscilent Corporation | 252 - 255
Page 4 of 4
FREQUENCY (MHz)
Series
12
13
16 LOAD (pF)
17
18
20
32
F = Fundamental | OT = 3RD Overtone NOTE: Other frequencies and load capacitance available. Please consult Oscilent for part numbers.
Series No.: 252 to 255
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 254-120M-18-50GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X