Part Number Hot Search : 
TPD4125K BAL18WK A4810 SR100 40000 P1015 MPC5645S MC13224V
Product Description
Full Text Search
 

To Download 250-009MT18-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 for MIL-DTL-38999 Series I Type Connectors
1.250 (31.8)
250-009 Shorting Plug
Product Series
Basic Number
Shell Size 09 11 13 15 17 19 21 23 25
Grounding Ring
Insert Arrangement Per MIL-DTL-38999 Series I MIL-STD-1560
Alternate Key Position A, B, C, D, (N = Normal)
A Over Knrul
250 - 009
NF
11 - 5
P
B
Knurl Style Manufacturer's Option Socket Insert
Connector Material and Finish
See Table II for Options
P - Socket Contacts S - Plug Contacts
CA DA NA AA BA
TABLE I: CONNECTOR DIMENSIONS AND ALTERNATE KEYWAY POSITIONS
SHELL SIZE 09 11 13 15 17 19 21 23 25 A MAX .900 (22.9) 1.030 (26.2) 1.205 (30.6) 1.325 (33.7) 1.450 (36.8) 1.565 (39.8) 1.690 (42.9) 1.795 (45.6) 1.920 (48.8) ALTERNATE KEYWAY POSITIONS NA 95A 95A 95A 95A 95A 95A 95A 95A 95A AA 77A 81A 75A 74A 77A 77A 77A 80A 80A BA 67A 63A 61A 65A 65A 65A 69A 69A CA DA 113A
Figure I Master Keyway Position Face View Shown Insert Arrangement Does Not Rotate with Master Keyway
123A 109A 127A 115A 129A 116A 125A 113A 125A 113A 125A 113A 121A 110A 121A 110A
TABLE II: FINISH
SYM B M N NF MT FINISH Cadmium Plate/Olive Drab Electroless Nickel Cadmium O.D. Over Nickel Plate l Cadmium O.D. Over Electroless Nickel (500 Hr. Salt Spray) Ni-PTFE 1000 Hour GreyTM (Nickel Fluorocarbon Polymer)
APPLICATION NOTES
1. 2. 3. Assembly identified with manufacturer's name and part number, space permitting. All contacts are shorted to each other and to the shell, maximum resistance between contacts and shell shall be 2.5 milliohms. Material/finish: Barrel, coupling nut, cover--aluminum alloy/See Table II. Contacts, grounding ring--copper alloy/gold plate Grounding wafer--copper/tin plate Wave washer--CRES/passivate Insulators--high grade dielectric/N.A. Compression disc, o-ring--silicone/N.A. 4. Metric Dimensions (mm) are indicated in parentheses.
(c) 2008 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
D-25
Environmental Connectors
D


▲Up To Search▲   

 
Price & Availability of 250-009MT18-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X