Part Number Hot Search : 
SC5027 MAX310 1N3491R GMBT1036 LC1F1154 FDZ293P FR153S 10040
Product Description
Full Text Search
 

To Download 2381592X750Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
FEATURES
* * * * *
COMPLIANT Zinc oxide disc, epoxy coated Straight leads Straight leads with flange (2381 592 and 593 series only) Kinked leads Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC * Certified according to UL1449, VDE/IEC 61051 and CSA
RoHS
APPLICATION
* Suppression of transients
DESCRIPTION QUICK REFERENCE DATA
PARAMETER Maximum continuous voltage: RMS DC Maximum non-repetitive transient current INRP (8 x 20 s) Robustness of terminations Drop test: Height of fall Detailed specification Storage temperature Operating temperature 1 based on CECC 42000 - 40 to + 125 - 40 to + 85 C C m 14 to 680 18 to 895 100 to 6500 10 V V A N VALUE UNIT
The varistors consist of a disc of low- ceramic material with two tinned solid copper leads. They are coated with a layer of ochre coloured epoxy, which provides electrical, mechanical and climatic protection. The encapsulation is resistant to all cleaning solvents in accordance with "IEC 60068-2-45".
MOUNTING
The varistors are suitable for processing on automatic insertion and cutting and bending equipment. Varistors with flanged leads provide better positioning on printed-circuit boards (PCB) and more accurate control over component height. This is important for hand mounting and automatic insertion techniques; see outlines of flanged leads drawing. Typical Soldering 235 C, duration: 5 s (Pb-bearing) 245 C, duration: 5 s (Lead (Pb)-free) Resistance to soldering heat 260 C, duration: 10 s max.
ORDERING INFORMATION
The varistors are available in a number of packaging options: * Bulk * On tape on reel * On tape in ammopack The basic ordering code for each option is given in tables mutitled Varistors on Tape on Reel, Varistors on Tape in Ammopack and Varistors in Bulk. To complete the catalog number and to determine the required operating parameters, see Electrical Data and Ordering Information table.
MARKING
The varistors are marked with the following information: * Maximum continuous RMS voltage * Series number (592, 593, 594, 595 or 596) * Manufacturers logo * Date of manufacture (YYWW)
INFLAMMABILITY
The varistors are non-flammable. The encapsulation is made of flammable resistant epoxy in accordance with UL94V-0.
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM MAXIMUM VOLTAGE (3) VOLTAGE at CONTINUOUS at 1 mA STATED VOLTAGE CURRENT RMS (2) (V) DC (V) (V) V (V) 48 43 43 43 43 60 53 53 53 53 I (A) 1.0 2.5 5.0 10.0 20.0 1.0 2.5 5.0 10.0 20.0 MAXIMUM ENERGY (4) (10 x 1000 s) (J) 0.5 1.7 4.3 5.4 8.0 0.7 2.0 5.3 6.9 10.0 MAXIMUM NON-REP. TYPICAL TRANSIENT CAPACITANCE CURRENT (5) at 1 kHz INRP (8 x 20 s) (A) 100 250 500 1000 2000 100 250 500 1000 2000 (pF) 1300 2800 6000 15 000 30 000 1050 2000 4000 10 000 20 000 CATALOG NUMBERS (1)
12 NC (6) 2381 592 x140y 2381 593 x140y 2381 594 x140y 2381 595 x140y 2381 596 x140y 2381 592 x170y 2381 593 x170y 2381 594 x170y 2381 595 x170y 2381 596 x170y
SAP (7) VDRS05A014xyE VDRS07B014xyE VDRS10D014xyE VDRS14G014xyE VDRS20M014ByE VDRS05A017xyE VDRS07B017xyE VDRS10D017xyE VDRS14G017xyE VDRS20M017ByE
14
18
22
17
22
27
www.vishay.com 16
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM MAXIMUM VOLTAGE (3) VOLTAGE at CONTINUOUS at 1 mA STATED VOLTAGE CURRENT RMS (2) (V) DC (V) (V) V (V) 73 65 65 65 65 86 77 77 77 77 96 93 93 90 93 123 115 110 105 110 145 135 130 130 135 145 140 140 140 165 165 165 165 165 190 200 200 200 200 230 250 250 250 250 310 340 340 340 340 I (A) 1.0 2.5 5.0 10.0 20.0 1.0 2.5 5.0 10.0 20.0 1.0 2.5 5.0 10.0 20.0 1.0 2.5 5.0 10.0 20.0 1.0 2.5 5.0 10.0 20.0 5.0 10.0 25.0 50.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 MAXIMUM ENERGY (4) (10 x 1000 s) (J) 0.8 2.5 6.5 8.8 12.0 0.9 3.0 7.7 9.4 14.0 1.1 3.6 9.2 12.0 17.0 1.4 4.4 11.0 14.0 20.0 1.6 5.2 13.0 17.0 24.0 2.6 7.0 12.0 21.0 2.9 8.3 15.0 24.0 56.0 3.4 10.0 18.0 29.0 64.0 4.1 13.0 22.0 37.0 88.0 5.5 17.0 30.0 56.0 114.0 MAXIMUM NON-REP. TYPICAL TRANSIENT CAPACITANCE CURRENT (5) at 1 kHz INRP (8 x 20 s) (A) 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 100 250 500 1000 2000 400 1200 2500 4500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 (pF) 900 1500 3000 7500 15 000 500 1350 2600 6500 13 000 700 1600 2700 6000 12 000 560 1300 2200 4800 9600 460 1000 1800 3800 7600 370 900 1500 3100 290 700 1200 2300 4700 240 530 1000 1900 3900 180 450 800 1500 3000 130 320 580 1050 2100 CATALOG NUMBERS (1)
12 NC (6) 2381 592 x200y 2381 593 x200y 2381 594 x200y 2381 595 x200y 2381 596 x200y 2381 592 x250y 2381 593 x250y 2381 594 x250y 2381 595 x250y 2381 596 x250y 2381 592 x300y 2381 593 x300y 2381 594 x300y 2381 595 x300y 2381 596 x300y 2381 592 x350y 2381 593 x350y 2381 594 x350y 2381 595 x350y 2381 596 x350y 2381 592 x400y 2381 593 x400y 2381 594 x400y 2381 595 x400y 2381 596 x400y 2381 592 x500y 2381 593 x500y 2381 594 x500y 2381 595 x500y 2381 592 x600y 2381 593 x600y 2381 594 x600y 2381 595 x600y 2381 596 x600y 2381 592 x750y 2381 593 x750y 2381 594 x750y 2381 595 x750y 2381 596 x750y 2381 592 x950y 2381 593 x950y 2381 594 x950y 2381 595 x950y 2381 596 x950y 2381 592 x131y 2381 593 x131y 2381 594 x131y 2381 595 x131y 2381 596 x131y
SAP (7) VDRS05A020xyE VDRS07B020xyE VDRS10D020xyE VDRS14G020xyE VDRS20M020ByE VDRS05A025xyE VDRS07B025xyE VDRS10D025xyE VDRS14G025xyE VDRS20M025ByE VDRS05A030xyE VDRS07B030xyE VDRS10D030xyE VDRS14G030xyE VDRS20M030ByE VDRS05A035xyE VDRS07B035xyE VDRS10D035xyE VDRS14G035xyE VDRS20M035ByE VDRS05A040xyE VDRS07B040xyE VDRS10D040xyE VDRS14G040xyE VDRS20M040ByE VDRS05C050xyE VDRS07H050xyE VDRS10P050xyE VDRS14T050xyE VDRS05C060xyE VDRS07H060xyE VDRS10P060xyE VDRS14T060xyE VDRS20W060ByE VDRS05C075xyE VDRS07H075xyE VDRS10P075xyE VDRS14T075xyE VDRS20W075ByE VDRS05C095xyE VDRS07H095xyE VDRS10P095xyE VDRS14T095xyE VDRS20W095ByE VDRS05C130xyE VDRS07H130xyE VDRS10P130xyE VDRS14T130xyE VDRS20W130ByE
20
26
33
25
31
39
30
38
47
35
45
56
40
56
68
50
65
82
60
85
100
75
100
120
95
125
150
130
170
205
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 17
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM MAXIMUM VOLTAGE (3) VOLTAGE at CONTINUOUS at 1 mA STATED VOLTAGE CURRENT RMS (2) (V) DC (V) (V) V (V) 350 370 370 370 360 395 400 400 400 395 410 455 455 455 455 560 600 600 600 595 600 650 650 650 650 695 710 710 710 710 750 800 800 800 775 800 850 850 850 842 940 920 920 920 920 1000 1025 1025 1025 1025 I (A) 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 MAXIMUM ENERGY (4) (10 x 1000 s) (J) 6.3 21.0 33.0 57.0 124.0 7.1 20.0 36.0 59.0 134.0 7.3 23.0 41.0 67.0 158.0 10.0 30.0 54.0 88.0 208.0 11.0 33.0 58.0 96.0 240.0 12.0 36.0 63.0 104.0 264.0 13.0 40.0 71.0 117.0 280.0 15.0 44.0 77.0 120.0 296.0 19.5 39.0 78.0 156.0 312.0 18.0 51.0 67.0 110.0 328.0 MAXIMUM NON-REP. TYPICAL TRANSIENT CAPACITANCE CURRENT (5) at 1 kHz INRP (8 x 20 s) (A) 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 400 1200 2500 4500 6500 (pF) 120 290 540 950 1900 110 270 490 850 1700 90 230 430 750 1500 70 170 320 540 1100 60 160 300 480 960 55 140 270 440 900 50 130 240 400 810 45 120 220 370 750 42 110 200 325 660 40 95 180 280 570 CATALOG NUMBERS (1)
12 NC (6) 2381 592 x141y 2381 593 x141y 2381 594 x141y 2381 595 x141y 2381 596 x141y 2381 592 x151y 2381 593 x151y 2381 594 x151y 2381 595 x151y 2381 596 x151y 2381 592 x171y 2381 593 x171y 2381 594 x171y 2381 595 x171y 2381 596 x171y 2381 592 x231y 2381 593 x231y 2381 594 x231y 2381 595 x231y 2381 596 x231y 2381 592 x251y 2381 593 x251y 2381 594 x251y 2381 595 x251y 2381 596 x251y 2381 592 x271y 2381 593 x271y 2381 594 x271y 2381 595 x271y 2381 596 x271y 2381 592 x301y 2381 593 x301y 2381 594 x301y 2381 595 x301y 2381 596 x301y 2381 592 x321y 2381 593 x321y 2381 594 x321y 2381 595 x321y 2381 596 x321y 2381 592 x351y 2381 593 x351y 2381 594 x351y 2381 595 x351y 2381 596 x351y 2381 592 x381y 2381 593 x381y 2381 594 x381y 2381 595 x381y 2381 596 x381y
SAP (7) VDRS05C140xyE VDRS07H140xyE VDRS10P140xyE VDRS14T140xyE VDRS20W140ByE VDRS05C150xyE VDRS07H150xyE VDRS10P150xyE VDRS14T150xyE VDRS20W150ByE VDRS05C175xyE VDRS07H175xyE VDRS10P175xyE VDRS14T175xyE VDRS20W175ByE VDRS05C230xyE VDRS07H230xyE VDRS10P230xyE VDRS14T230xyE VDRS20W230ByE VDRS05C250xyE VDRS07H250xyE VDRS10P250xyE VDRS14T250xyE VDRS20W250ByE VDRS05C275xyE VDRS07H275xyE VDRS10P275xyE VDRS14T275xyE VDRS20W275ByE VDRS05C300xyE VDRS07H300xyE VDRS10P300xyE VDRS14T300xyE VDRS20W300ByE VDRS05C320xyE VDRS07H320xyE VDRS10P320xyE VDRS14T320xyE VDRS20W320ByE VDRS05C350xyE VDRS07H350xyE VDRS10P350xyE VDRS14T350xyE VDRS20W350ByE VDRS05C385xyE VDRS07H385xyE VDRS10P385xyE VDRS14T385xyE VDRS20W385ByE
140
180
220
150
200
240
175
225
275
230
300
360
250
320
390
275
350
430
300
385
470
320
420
510
350
460
560
385
505
620
www.vishay.com 18
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM MAXIMUM VOLTAGE (3) VOLTAGE at CONTINUOUS at 1 mA STATED VOLTAGE CURRENT RMS (2) (V) DC (V) (V) V (V) 1100 1120 1120 1120 1120 1200 1240 1240 1240 1240 1355 1355 1355 1500 1500 1500 1650 1815 I (A) 5.0 10.0 25.0 50.0 100.0 5.0 10.0 25.0 50.0 100.0 25.0 50.0 100.0 25.0 50.0 100.0 100.0 100.0 MAXIMUM ENERGY (4) (10 x 1000 s) (J) 20.0 56.0 73.0 120.0 344.0 21.0 63.0 82.0 135.0 360.0 89.0 145.0 376.0 98.0 160.0 408.0 448.0 496.0 MAXIMUM NON-REP. TYPICAL TRANSIENT CAPACITANCE CURRENT (5) at 1 kHz INRP (8 x 20 s) (A) 400 1200 2500 4500 6500 400 1200 2500 4500 6500 2500 4500 6500 2500 4500 6500 6500 6500 (pF) 35 85 165 250 510 30 75 150 225 460 135 220 450 120 180 370 320 270 CATALOG NUMBERS (1)
12 NC (6) 2381 592 x421y 2381 593 x421y 2381 594 x421y 2381 595 x421y 2381 596 x421y 2381 592 x461y 2381 593 x461y 2381 594 x461y 2381 595 x461y 2381 596 x461y 2381 594 x511y 2381 595 x511y 2381 596 x511y 2381 594 x551y 2381 595 x551y 2381 596 x551y 2381 596 x621y 2381 596 x681y
SAP (7) VDRS05C420xyE VDRS07H420xyE VDRS10P420xyE VDRS14T420xyE VDRS20W420ByE VDRS05C460xyE VDRS07H460xyE VDRS10P460xyE VDRS14T460xyE VDRS20W460ByE VDRS10P510xyE VDRS14T510xyE VDRS20W510ByE VDRS10P550xyE VDRS14T550xyE VDRS20W550ByE VDRS20W625ByE VDRS20W680ByE
420
560
680
460
615
750
510
670
820
550 625 680 Notes
(1) (2)
745 825 895
910 1000 1100
The products are certified according to UL (E98144), VDE (40002622) and CSA (219883) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based on multiplying the peak voltage by a factor of 0.707. The voltage measured at 1 mA meets the requirements of "paragraph 4.3 of CECC specification 42000". The tolerance on the voltage at 1 mA is 10 %. High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 s is given as a reference for longer duration pulses. This pulse can be characterised by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following "IEC 60060-2, section 6" ). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula: E = K x Vp x Ip x t2 where: a) K is dependent on the value of t2 when the value of t1 is between 8 s and 10 s; see Peak Current as a Function of Pulse Width drawing A current wave of 8 x 20 s (requirement of "paragraph B.2.10.1 of CECC specification 42000" ) is used as a standard for pulse current and clamping voltage ratings. The maximum non-repetitive transient current is given for one pulse applied during the life of the component. For composition of the 12NC part number replace "x" and "y" by figures from the sections "Varistors in Bulk", "Varistors on Tape in Ammopack" and "Varistors on Tape on Reel". For composition of the SAP part number: Replace "x" by B for bulk type T for tape and reel A for tape and ammopack Replace "y" by S F G H K L M for straight leads for straight leads with flange (bulk only) for straight leads with flange and H0 = 16 mm (tape and reel/ammo) for straight leads with flange and H0 = 18.25 mm (tape and reel/ammo) for kinked leads (bulk only) for kinked leads with H0 = 16 mm (tape and reel/ammo) for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
(3)
(4)
(5)
(6)
(7)
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 19
2381 59. ...../VDRS.......E
Vishay BCcomponents
ELECTRICAL CHARACTERISTICS ELECTRICAL DATA
PARAMETER Maximum continuous voltage: RMS DC Maximum non-repetitive transient current (INRP) (8 x 20 s) : 2381 592 ...../VDRS05......E 2381 593 ...../VDRS07......E 2381 594 ...../VDRS10......E 2381 595 ...../VDRS14......E 2381 596 ...../VDRS20......E Thermal resistance: 2381 592 ...../VDRS05......E 2381 593 ...../VDRS07......E 2381 594 ...../VDRS10......E 2381 595 ...../VDRS14......E 2381 596 ...../VDRS20......E Maximum dissipation: 2381 592 ...../VDRS05......E 2381 593 ...../VDRS07......E 2381 594 ...../VDRS10......E 2381 595 ...../VDRS14......E 2381 596 ...../VDRS20......E Temperature coefficient of voltage at 1 mA maximum Voltage proof between interconnected leads and case Storage temperature Operating temperature VALUE 14 to 680 18 to 895 100 or 400 250 or 1200 500 or 2500 1000 or 4500 2000 or 6500 80 70 60 50 40 100 250 400 600 1000 0.05 2500 - 40 to + 125 - 40 to + 85 UNIT V V A A A A A K/W K/W K/W K/W K/W mW mW mW mW mW %/K V C C
Varistors
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF PULSE WIDTH
Ip (%) 100 90 t2 (s) 20 50 100 1000 K 1 1.2 1.3 1.4
Maximum Dissipation Maximum Energy Maximum Transient Current 100 %
50
0 - 40
85
Tamb (C)
125
10 0 t1 t2 t (s)
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D NOM. 5.0 7.0 10.0 14.0 20.0 D MAX. 7.0 9.0 13.5 17.0 23.0 A MAX. 9.0 11.0 15.5 19.0 25.0 A0 MAX. 11.0 13.0 18.0 23.0 28.0 L MIN. 24.0 24.0 17.0 16.0 24.0 T MAX. 6.5 6.5 8 8 10 d 0.6 0.05 0.6 0.05 0.8 0.05 0.8 0.05 1.0 0.05 F 5 1.0 5 1.0 7.5 1.0 7.5 1.0 10 1.0 CATALOG NUMBER 2381 592 ...../VDRS05......E 2381 593 ...../VDRS07......E 2381 594 ...../VDRS10......E 2381 595 ...../VDRS14......E 2381 596 ...../VDRS20......E
www.vishay.com 20
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
VARISTORS IN BULK
TYPE Straight leads; see Outline of components with straight leads drawing (1) Straight leads with flange; see Outline of components with flanged leads drawing Kinked leads; see Outline of components with kinked leads drawing Packing quantities 14 V to 95 V 130 V to 385 V 420 V to 460 V 485 V to max. V Note
(1)
2381 592 ..... O 5 mm 14 V to 460 V 5...6 7...6 6...6
2381 593 ..... O 7 mm 14 V to 460 V 5...6 7...6 6...6
2381 594 ..... O 10 mm 14 V to 550 V 5...6 - 6...6
2381 595 ..... O 14 mm 14 V to 550 V 5...6 - 6...6
2381 596 ..... O 20 mm 14 V to 680 V 5...6 - 6...6
250 250 250 -
250 250 250 250
250 250 200 150
100 100 100 100
50 50 50 50
Outline of the O 20 mm differs from the other dimensions
DIMENSIONS in millimeters: see Component Dimensions and Catalog Numbers Table
OUTLINE of component with Straight Leads OUTLINE of component with Kinked Leads
D T
D
T
A
1 min.
A0
d L F d
F
L
OUTLINE of component with Flanged Leads
D T
A0 0.3
F d
L
1.4 to 1.6
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 21
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
VARISTORS ON TAPE IN AMMOPACK
TYPE Straight leads H = 18 mm H = 20 mm See drawing Taped version with straight leads Straight leads with flange H0 = 16 mm H0 = 18.25 mm See drawing Taped version with flanged leads Kinked leads H0 = 18.25 mm H0 = 16 mm See drawing Taped version with kinked leads Packing quantities 14 V to 210 V 230 V to max. V Note
(1)
2381 592 ..... O 5 mm 14 V to 460 V
2381 593 ..... O 7 mm 14 V to 460 V
2381 594 ..... O 10 mm 14 V to 550 V
2381 595 ..... O 14 mm 14V to 550 V
0...7
0...7
0...7 -
0...7 -
1...7 2...7
1...7 2...7
-
-
3...7 8...7
3...7 8...7
3...7 8...7
3...7 8...7
1500 (1) 1000
1500 (1) 1000
500 500
500 500
Except for 35 and 40 V = 1000 pieces
DIMENSIONS OF AMMOPACK in millimeters
340 max. 52 or 55 max.
250 max.
www.vishay.com 22
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
VARISTORS ON TAPE AND REEL
TYPE Straight leads H = 18 mm H = 20 mm See drawing Taped version with straight leads Straight leads with flange H0 = 16 mm H0 = 18.25 mm See drawing Taped version with flanged leads Kinked leads H0 = 18.25 mm H0 = 16 mm See drawing Taped version with kinked leads Packing quantities 14 V to 250 V 275 V to 300 V 320 V to 350 V 385 V to max. V 2381 592 ..... O 5 mm 14 V to 460 V 0...6 2381 593 ..... O 7 mm 14 V to 460 V 0...6 2381 594 ..... O 10 mm 14 V to 550 V 0...6 2381 595 ..... O 14 mm 14 V to 550 V 0...6 -
1...6 2...6
1...6 2...6
-
-
3...6 8...6
3...6 8...6
3...6 8...6
3...6 8...6
1500 1500 1000 1000
1500 1500 1000 1000
1000 750 500 500
750 750 500 500
PACKAGING TAPED VERSION WITH STRAIGHT LEADS (only for 2381 592 ...../VDRS05.....E and 2381 593...../VDRS07.....E)
P T D p p h h
A
d F W2 L W0 W1 W H
P0
P1
D0
T1
t
TAPED VERSION WITH STRAIGHT LEADS (only for 2381 594 ...../VDRS10.....E and 2381 595 ...../VDRS14.....E)
P D T p p h h
A
d H W2 W0 W1 W
F
P1
P0
D0
T1
t
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 23
2381 59. ...../VDRS.......E
Vishay BCcomponents
TAPED VERSION WITH KINKED LEADS (only for 2381 592 ...../VDRS05.....E and 2381 593 ...../VDRS07.....E)
Varistors
TAPED VERSION WITH KINKED LEADS (only for 2381 594 ...../VDRS10.....E and 2381 595 ...../VDRS14.....E)
P D p p h T h D
P T p p h h
A0 1 min. 1 min. F W2 L W0 W1 W W0 W1 W H0 W2 H0 d
A0
d
P0
P1
D0
F
P1
P0
D0
T1
t
T1
t
TAPED VERSION WITH FLANGED LEADS (only for 2381 592 ...../VDRS05.....E and 2381 593 ...../VDRS07.....E)
DIMENSIONS OF REELS IN MILLIMETERS
P D p p h
T h
A0
d F W2 L W0 W1 W H0
+ -
356 max.
+ -
356 max.
P0
P1
D0
T1
t
56 max.
60 max.
For 2381 592 ...../ VDRS05.....E and 2381 593 ...../VDRS07.....E
For 2381 594 ...../ VDRS10.....E and 2381 595 ...../VDRS14.....E
www.vishay.com 24
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
TAPING DATA (based on "IEC 60286-2" )
SYMBOL PARAMETER 592 A A0 D D0 d F H H0 h P P0 P1 p T t W W0 W1 W2 Notes
(1) (2) (3) (4)
DIMENSIONS/TOLERANCE 593 11.0 max. 13.0 max. 9.0 max. 4.0 0.2 0.6 0.05 5.0 + 0.5/- 0.2 20.0 + 2.0/- 0.0 16.0 or 18.25 0.5 0.0 2.0 12.7 1.0 12.7 0.3 3.85 0.7 0.0 1.3 7.0 max. 7.0 max. 1.7 max. 18.0 1.0/- 0.5 10 min. 9.0 0.5 3.0 max. 8.0 max. 8.0 max. 8.95 0.7 25.4 1.0 0.8 0.05 7.5 0.8 18.0 + 2.0/- 0.0 594 15.5 max. 18.0 max. 13.5 max. 595 19.0 max. 23.0 max. 17.0 max.
Mounting height Mounting height Body diameter Feed hole diameter Lead wire diameter Lead to lead distance (1) Distance component to tape center (4) Lead wire clinch height Component alignment Pitch of componentsopd Feed hole pitch (2) Feed hole center to lead center (1) Component alignment Total thickness Total tape thickness (3) Tape width Hold down tape width Hole position Hold down tape position
9.0 max. 11.0 max. 7.0 max.
Guaranteed between component and tape Cumulative pitch-error 1.0 mm to 20 pitches With cardboarded tape from 0.5 mm 0.1 For 2381 595 0511y and 2381 595 0551y: H = 20 1 mm
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 25
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
V/I CHARACTERISTICS, 14 V TO 40 V (RMS); 2381 592 ...../VDRS05.....E
V/I CHARACTERISTICS, 50 V TO 460 V (RMS); 2381 592 ...../VDRS05.....E
V/I CHARACTERISTICS, 14 V TO 40 V (RMS); 2381 593 ...../VDRS07.....E
www.vishay.com 26
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
V/I CHARACTERISTICS, 50 V TO 460 V (RMS); 2381 593 ...../VDRS07.....E
V/I CHARACTERISTICS, 14 V TO 40 V (RMS); 2381 594 ...../VDRS10.....E
V/I CHARACTERISTICS, 50 V TO 550 V (RMS); 2381 594 ...../VDRS10.....E
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 27
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
V/I CHARACTERISTICS, 14 V TO 40 V (RMS); 2381 595 ...../VDRS14.....E
V/I CHARACTERISTICS, 50 V TO 550 V (RMS); 2381 595 ...../VDRS14.....E
V/I CHARACTERISTICS, 14 V TO 40 V (RMS); 2381 596 ...../VDRS20.....E
max. leakage current
1000
max. clamping voltage
100
.400. .350. .300. .250. .200. .170. .140.
10
1 1E-5
1E-4
1E-3
1E-2
1E-1 CURRENT
1E+0
1E+1
1E+2
1E+3
1E+4
www.vishay.com 28
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
V/I CHARACTERISTICS, 50 V TO 680 V (RMS); 2381 596 ...../VDRS20.....E
max. leakage current
10 000
max. clamping voltage
1000
100
.681. .621. .551. .511. .461. .421. .381. .351. .321. .301. .271. .251. .231. .171. .151. .141. .131. .950. .750. .600. .500.
10 1E-5
1E-4
1E-3
1E-2
1E-1 CURRENT (A)
1E+0
1E+1
1E+2
1E+3
1E+4
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 14 V TO 40 V (RMS); 2381 592 ...../VDRS05.....E
1000
100
1
10 100 10 1000 10 000 100 000 1 000 000
1
0.1 10 100 1000 10000 100000
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 50 V TO 460 V (RMS); 2381 592 ...../VDRS05.....E
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 29
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 14 V TO 40 V (RMS); 2381 593 ...../VDRS07.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 50 V TO 460 V (RMS); 2381 593 ...../VDRS07.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 14 V TO 40 V (RMS); 2381 594 ...../VDRS10.....E
www.vishay.com 30
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 50 V TO 320 V (RMS); 2381 594 ...../VDRS10.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 385 V TO 550 V (RMS); 2381 594 ...../VDRS10.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 14 V TO 40 V (RMS); 2381 595 ...../VDRS14.....E
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 31
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 50 V TO 320 V (RMS); 2381 595 ...../VDRS14.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 385 V TO 550 V (RMS); 2381 595 ...../VDRS14.....E
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 14 V TO 40 V (RMS); 2381 596 ...../VDRS20.....E
10 000
1 1000 10 100 1000 100 10 000 100 000 1 000 000 10
1 10 100 1000 10 000
www.vishay.com 32
For technical questions, contact: nlr@vishay.com
Document Number: 29081 Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 60 V TO 300 V (RMS); 2381 596 ...../VDRS20.....E
10 000 Inrp (A) 1000
1 10 100 1000 10 000
100
100 000 1 000 000
10
1 10 10
2
10
3
tp (s)
10
4
MAXIMUM APPLICABLE TRANSIENT CURRENT AS A FUNCTION OF PULSE DURATION, 320 V TO 680 V (RMS); 2381 596 ...../VDRS20.....E
10 000 Inrp (A) 1000
1 10 100 1 000 10 000
100
1 00 000 1 000 000
10
1 10
102
103
tp (s)
104
Document Number: 29081 Revision: 09-Oct-08
For technical questions, contact: nlr@vishay.com
www.vishay.com 33
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 2381592X750Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X