Part Number Hot Search : 
GM5ZS012 YG972 IS89C64 M65856 T8301 SA060 1102B D1NS4
Product Description
Full Text Search
 

To Download 2020-4017-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2020 Series
Directional Couplers Mini, Octave Bandwidth
Rev. V4
Features
* * * * Smallest and Lightest Couplers Available 0.5 through 18 GHz, including Wideband Units High Directivity - Low VSWR Meets MIL-E-5400 Environments
Outline Drawing
Description
These miniature couplers are designed to provide sampling of the RF Power propagating in one direction on a transmission line.
Note: All dimensions are .020, except mounting hole diameters ( .005) and mounting hole location ( .010).
Mechanical Specifications
Case Style
1 2 3 4 5 6 7* 8
A Inch (mm)
1.00 (25.4) 1.00 (25.4) 1.16 (29.4) 1.16 (29.4) 1.78 (45.2) 1.78 (45.2) 3.00 (76.2) 1.00 (25.4)
B Inch (mm)
N/A N/A 0.34 (8.7) 0.34 (8.7) 0.94 (23.8) 0.94 (23.8) 1.00 (25.4) N/A
C Inch (mm)
0.50 (12.7) 0.50 (12.7) 0.66 (16.7) 0.66 (16.7) 1.28 (32.5) 1.28 (32.5) 2.50 (64.5) 0.50 (12.7)
D Inch (mm)
0.55 (13.9) 0.50 (12.7) 0.50 (12.7) 0.55 (13.9) 0.50 (12.7) 0.55 (13.9) 0.75 (19.1) 0.63 (15.9)
E Inch (mm)
0.22 (5.6) 0.22 (5.6) 0.22 (5.6) 0.22 (5.6) 0.22 (5.6) 0.22 (5.6) 0.31 (7.9) 0.22 (5.6)
Weight oz
0.62 0.60 0.64 0.67 0.82 0.87 1.50 0.67
Weight g
17.6 17.0 18.2 19.0 23.2 23.3 43.0 19.0
* Case Style 7 has four mounting holes located symmetrically to the two shown dotted in figure.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
2020 Series
Directional Couplers Mini, Octave Bandwidth
Rev. V4
Specifications
VSWR Secondary Line (Max) Input Power Avg. Refl. (W) Coupling (Include. Freq. Sens.(dB) VSWR Primary Line (Max)
Insertion Loss Max (dB)
Avg. In. Input Power (W)
Power (Input) Pk. (kW)
Freq. Sensitivity (dB)
Directivity Min (dB)
Freq. Range (GHz)
M/A-COM MIL-C-15370/9 P/N 2
MIL Dash No.
Case Style
2020-6600-06 2020-6601-10 2020-6602-20 2020-6603-30 2020-6604-06 2020-6605-10 2020-6606-20 2020-6607-30 2020-6608-06 2020-6609-10 2020-6610-20 2020-6611-30 2020-6612-06 2020-6613-10 2020-6614-20 2020-6615-30 2020-6616-06 2020-6617-10 2020-6618-20 2020-6619-30 2020-6620-06 2020-6621-10 2020-6622-20 2020-6623-30 2020-6624-06 2020-6625-10 2020-6626-20 2020-6627-30 2020-6628-06 2020-6629-10 2020-6630-20 2020-6631-30
1. 12 dB from 12.4 to 18.0 GHz 2. Mil spec couplers are offered as commercial equivalents only.
Part Number
7 7 7 7 5 5 5 6 3 3 3 4 2 2 2 1 2 2 2 1 2 1 1 1 2 1 1 8 2 1 1 8
0.5-1.0
6 1.0 10 1.0 20 1.0 30 1.0 6 1.0 10 1.0 20 1.0 30 1.0 6 1.0 10 1.0 20 1.0 30 1.0 6 1.0 10 1.0 20 1.0 30 1.0 6 0.75 10 0.75 20 0.75 30 0.75 6 1.0 10 0.75 20 0.75 30 1.0 6 1.0 10 1.0 20 1.0 30 1.0 6 0.75 10 0.75 20 0.75 30 0.75
0.60 0.75 0.75 0.75 0.60 0.75 0.75 0.75 0.60 0.75 0.75 0.75 0.60 0.75 0.75 0.75 0.50 0.50 0.50 0.50 0.50 0.40 0.50 0.50 0.50 0.50 0.75 0.75 0.40 0.40 0.50 0.50
0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.40 0.40 0.30 0.30 0.60 0.40 0.50 0.50 0.60 0.40 0.50 0.50
25 25 25 20 25 25 25 25 22 22 22 22 20 20 20 20 22 20 20 20 15 20 18 17 15 20 151 151 15 20 15 12
1.10 1.10 1.10 1.20 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.35 1.30 1.25 1.35 1.35 1.30 1.45 1.45 1.40 1.30 1.45 1.45
1.10 1.10 1.10 1.20 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.35 1.35 1.25 1.35 1.35 1.40 1.45 1.45 1.40 1.40 1.45 1.45
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
4 10 50 50 4 10 50 50 4 10 50 50 4 10 50 50 4 10 50 50 4 10 50 50 4 10 50 50 4 10 50 50
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 3 3 3 3 2 2 2 2
-- -- -- -- -100 -200 -300 -400 -500 -600 -700 -800 -- -- -- -- -900 -100 -110 -- -120 -130 -140 -180 -- -- -- -- -- -- -17 --
-- -- -- -- 2020-4015-06 2020-4015-10 2020-4015-20 2020-4015-30 2020-4016-06 2020-4016-10 2020-4016-20 2020-4016-30 -- -- -- -- 2020-4017-06 2020-4017-10 2020-4017-20 -- 2020-4018-06 2020-4018-10 2020-4018-20 2020-4018-30 -- -- -- -- -- -- 2020-4114-20 --
1.0-2.0
2.0-4.0
2.6-5.2
4.0-8.0
7.0-12.4
7.0-18.0
12.4-18.0
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of 2020-4017-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X