|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
XCM519 Series GENERAL DESCRIPTION ETR2421-003 600mA Synchronous Step-Down DC/DC Converter + Low Voltage Input LDO The XCM519 series is a multi combination module IC which comprises of a 600mA driver transistor built-in synchronous step-down DC/DC converter and a low voltage input LDO regulator. The device is housed in small USP-12B01 package which is ideally suited for space conscious applications. Battery operated portable products require high efficiency so that a dual DC/DC converter is often used. The XCM519 can replace this dual DC/DC to eliminate one inductor and reduce output noise. The DC/DC converter and the LDO regulator blocks are isolated in the package so that noise interference from the DC/DC to the LDO regulator is minimal. A low output voltage and low On-resistance LDO regulator is added in series to the DC/DC output so that one another low output voltage is created with a high efficiency and low noise. With comparison to the dual DC/DC solution, one inductor can be eliminated which results in parts reduction and board space saving. APPLICATIONS Mobile phones, Smart phones Bluetooth equipment Portable communication modems FEATURES *Performance depends on external components and wiring on PCB wiring. Portable game consoles TYPICAL APPLICATION CIRCUIT (TOP VIEW) * The dashed lines denote the connection through-holes at the backside of the PC board. using TYPICAL PERFORMANCE CHARACTERISTICS Dropout Voltage vs. Output Current VR O UT= 1 .2 V Dropout Voltage: Vdif(mV) 300 250 200 150 100 50 0 0 100 200 300 400 Output Current: IOUT(mA) Ta=25 VBIAS=3.0V VBIAS=3.3V VBIAS=3.6V VBIAS=4.2V VBIAS=5.0V Standard Voltage Combinations : DC/DC XCM519xx01Dx 1.8V XCM519xx02Dx 1.8V XCM519xx03Dx 1.5V XCM519xx04Dx 1.8V XCM519xx05Dx 1.5V *Other combinations are available as semi-custom products. 1/49 XCM519 Series PIN CONFIGURATIOIN PIN No. 1 2 3 4 5 6 7 8 9 10 11 (TOP VIEW) 12 XCM519 DCOUT AGND EN1 VIN2 VSS2 VROUT EN2 NC VBIAS VIN1 PGND Lx XC9235/XC9236 VOUT AGND CE VIN PGND Lx XC6601 VIN VSS VOUT CE VBIAS (BOTTOM VIEW) NOTE: * A dissipation pad on the reverse side of the package should be electrically isolated. *1: Electrical potential of the XC9235/XC9236's dissipation pad should be VSS level. *2: Electrical potential of the XC6601's dissipation pad should be VSS level. Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release when the pad needs to be connected to the circuit. PIN ASSIGNMENT PIN No 1 2 3 4 5 6 7 8 9 10 11 12 XCM519 DCOUT AGND EN1 VIN2 VSS2 VROUT EN2 NC VBIAS VIN1 PGND Lx FUNCTIONS DC/DC Block: Output Voltage DC/DC Block: Analog Ground DC/DC Block: Chip Enable Voltage Regulator Block: Power Input Voltage Regulator Block: Ground Voltage Regulator Block: Output Voltage Regulator Block: Enable No Connection Voltage Regulator Block: Power Input DC/DC Block: Power Input DC/DC Block: Power Ground DC/DC Block: Switching 2/49 XCM519 Series PRODUCT CLASSIFICATION Ordering Information XCM519A XCM519B DESIGNATOR DC/DC BLOCK PWM fixed control DC/DC BLOCK PWM/PFM automatic switching control DESCRIPTION SYMBOL See the chart below Internally set sequential number relating to output voltage (See the chart below) D R USP-12B01 Embossed tape, standard feed DESCRIPTION Oscillation Frequency and Options Output Voltage Package Device Orientation DESIGNATOR DC/DC BLOCK OSCILLATION FREQUENCY A B C D 1.2M 3.0M 1.2M 3.0M CL AUTO DISCHARGE Not Available Not Available Available Available SOFT START Standard Standard High Speed High Speed Voltage Regulator BLOCK Pull-down Not Available Not Available Not Available Not Available DESIGNATOR DCOUT 01 02 03 04 05 1.8V 1.8V 1.5V 1.8V 1.5V VROUT 1.2V 1.5V 1.2V 1.0V 1.0V 3.0V. *When the DCOUT pin is connected to VIN2, DCOUT pin output voltage can be fixed in the range of 1.0V *This series are semi-custom products. For other combinations of output voltages please consult with your Torex sales contact. 3/49 XCM519 Series BLOCK DIAGRAMS XC9235A/XC9236A Phase Compensation XC9235B/XC9236B (CL Available with CL Discharge, High Speed Soft-Start Phase Compensation VOUT R2 Current Feedback Current Limit VOUT R2 Current Feedback Current Limit Error Amp. PWM Comparator Logic Synch Buffer Drive Error Amp. PWM Comparator Logic Synch Buffer Drive R1 Lx VIN R1 VSHORT Lx VIN VSHORT Vref with Soft Start, CE PWM/PFM Selector Vref with Soft Start, CE PWM/PFM Selector CE/ UVLO Cmp Ramp Wave Generator OSC UVLO Cmp VSS UVLO R3 Ramp Wave Generator OSC VSS CE UVLO R3 R4 CE/MODE Control Logic R4 CE/MODE Control Logic XC6601B (Without Pull-down) * XC9235 control scheme is a fixed PWM because that the "CE/MODE Control Logic" outputs a low level signal to the "PWM/PFM Selector". * XC9236 control scheme is an auto PWM/PFM switching because the "CE/MODE Control Logic" outputs a high level signal to the "PWM/PFM Selector". *Diodes inside the circuit are an ESD protection diode and a parasitic diode. MAXIMUM ABSOLUTE RATINGS PARAMETER VIN1Voltage Lx Voltage DCOUT Voltage EN1 Voltage Lx Current VBIAS Voltage VIN2 Voltage VROUT Current VROUT Voltage EN2 Voltage Power Dissipation (Ta=25 ) USP-12B01 SYMBOL VIN1 VLx VDCOUT VEN1 ILx VBIAS VIN2 IVROUT VROUT VEN2 Pd Tj Topr Tstg -55 - 0.3 RATINGS - 0.3 - 0.3 - 0.3 VSS - 0.3 VSS - 0.3 700 VSS - 0.3 VSS - 0.3 VSS - 0.3 150 125 -40 +85 +125 (*1) Ta=25 UNITS V V V V mA 7.0 7.0 V V mA V V mW 6.5 6.5 6.5 VIN1 + 0.3 or 6.5 1500 VBIAS + 0.3 VIN2 + 0.3 6.5 Junction Temperature Operating Temperature Range Storage Temperature Range (*1) IVROUT=Less than Pd / (VIN2-VROUT) 4/49 XCM519 Series ELECTRICAL CHARACTERISTICS XCM519xA (DC/DC BLOCK) PARAMETER Output Voltage Operating Voltage Range Maximum Output Current UVLO Voltage Supply Current Stand-by Current Oscillation Frequency PFM Switching Current PFM Duty Limit Maximum Duty Ratio Minimum Duty Ratio Efficiency (*2) VDCOUT=1.8V, fOSC=1.2MHz, Ta=25 CONDITIONS When connected to external components, VIN1 = VEN1 =5.0V, IOUT1 =30mA When connected to external components, (*8) VIN1=DCOUT(E)+2.0V, VEN1=1.0V VEN1=VIN1, DCOUT=0V, (*1, *10) Voltage which Lx pin holding "L" level VIN1=VEN1=5.0V, DCOUT=DCOUT(E)x1.1V (XCM519AA) (XCM519BA) MIN. 1.764 2.7 600 1.00 1020 120 100 900 0.65 VSS - 0.1 TYP. 1.800 1.40 22 15 0 1200 160 200 92 0.35 0.42 0.45 0.52 0.01 0.01 1050 100 MAX. 1.836 6.0 1.78 50 33 1.0 1380 200 0 0.55 0.67 0.66 0.77 1.0 1.0 1350 6.0 0.25 0.1 A kHz mA % % % % A A mA ppm/ V V A UNITS CIRCUIT V V mA V SYMBOL VDCOUT VIN1 IOUT1MAX VUVLO IDD ISTB fOSC VIN1=5.0V, VEN1=0V, DCOUT=DCOUT(E)x1.1V When connected to external components, (*11) VIN1=DCOUT(E)+2.0V,VEN1=1.0V, IOUT1=100mA When connected to external components, (*11) VIN1=VDCOUT(E)+2.0V, VEN1 =VIN1, IOUT1=1mA DLIMIT_PFM DMAX DMIN EFFI RLXH RLXH RLXL RLXL ILEAKH ILEAKL ILIM DCOUT / (DCOUT VEN1H VEN1L IEN1H IEN1L topr) VEN1=VIN1=(C-1), IOUT1=1mA (*11) VIN1= VEN1 =5.0V, DCOUT=DCOUT(E)x0.9V VIN1= VEN1 =5.0V, DCOUT=DCOUT(E)x1.1V When connected to external components, (*7) VEN1=VIN1 DCOUT(E)+1.2V , IOUT1 =100mA (*3) VIN1= VEN1 =5.0V, DCOUT=0V,ILX=100mA VIN1= VEN1 =3.6V, DCOUT=0V,ILX=100mA VIN1= VEN1 =5.0V VIN1= VEN1=3.6V (*4) (*4) (*3) Lx SW "H" ON Resistance 1 Lx SW "H" ON Resistance 2 Lx SW "L" ON Resistance 1 Lx SW "L" ON Resistance 2 Lx SW "H" Leak Current Lx SW "L" Leak Current Current Limit Output Voltage Temperature Characteristics (*9) (*5) (*5) VIN1= DCOUT=5.0V, VEN1 =0V, VLX=0V VIN1= DCOUT=5.0V, VEN1 =0V, VLX=5.0V VIN1=VEN1=5.0V, DCOUT=DCOUT(E)x0.9V IOUT1 =30mA -40 Topr 85 DCOUT=0V, Applied voltage to VEN, (*10) Voltage changes Lx to "H" level DCOUT=0V, Applied voltage to VEN, (*10) Voltage changes Lx to "L" level VIN1=VEN1=5.0V, DCOUT=0V EN1 "H" Level Voltage EN1 "L" Level Voltage EN1 "H" Current EN1 "L" Current VIN1=5.0V, VEN1 =0V, DCOUT=0V - 0.1 0.1 A When connected to external components, 0.5 1.0 2.5 ms Soft Start Time tSS VEN1 =0V VIN1, IOUT1=1mA VIN= VEN=5.0V, DCOUT=0.8x DCOUT(E) Latch Time tLAT 1.0 20.0 ms (*6) Short Lx at 1 resistance Sweeping DCOUT, VIN1=VEN1= 5.0V, Short Lx at Short Protection VSHORT 0.675 0.900 1.125 V 1 resistance, DCOUT voltage which Lx becomes Threshold Voltage "L" level within 1ms Test conditions: Unless otherwise stated, VIN = 5.0V, VDCOUT(E)= Setting voltage NOTE: *1: Including hysteresis width of operating voltage. *2: EFFI = { ( output voltage output current ) ( input voltage input current) } 100 *3: ON resistance ( )= (VIN - Lx pin measurement voltage) 100mA *4: Design value *5: When temperature is high, a current of approximately 10 A (maximum) may leak. *6: Time until it short-circuits DCOUT with GND via 1 of resistor from an operational state and is set to Lx=0V from current limit pulse generating. *7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V. *8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes. If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance. *9: Current limit denotes the level of detection at peak of coil current. *10: "H" VIN VIN - 1.2V, "L" + 0.1V - 0.1V *11: XCM519A series exclude IPFM and MAXIPFM because those are only for the PFM control's functions. * The electrical characteristics above are when the other channel is in stop mode. 5/49 XCM519 Series ELECTRICAL CHARACTERISTICS (Continued) XCM519xB 1ch (DC/DC BLOCK) PARAMETER Output Voltage Operating Voltage Range Maximum Output Current UVLO Voltage Supply Current Stand-by Current Oscillation Frequency PFM Switching Current PFM Duty Limit Maximum Duty Ratio Minimum Duty Ratio Efficiency Lx SW "H" ON Resistance 1 Lx SW "H" ON Resistance 2 Lx SW "L" ON Resistance 1 Lx SW "L" ON Resistance 2 Lx SW "H" Leak Current Lx SW "L" Leak Current Current Limit Output Voltage Temperature Characteristics (*9) (*5) (*5) VDCOUT=1.8V, fOSC=3.0MHz, Ta=25 CONDITIONS When connected to external components, VIN1 = VEN1 =5.0V, IOUT1 =30mA When connected to external components, (*8) VIN1=VDCOUT(E)+2.0V, VEN1=1.0V VEN1=VIN1, DCOUT=0V, (*1, *10) Voltage which Lx pin holding "L" level VIN1=VEN1=5.0V, DCOUT= VIN1=5.0V, VEN1=0V, DCOUT= x1.1V (XCM519AB) (XCM519BB) x1.1V MIN. 1.764 2.7 600 1.00 2550 170 x0.9V x1.1V 100 900 0.65 VSS - 0.1 TYP. 1.800 1.40 46 21 0 3000 220 200 86 0.35 0.42 0.45 0.52 0.01 0.01 1050 100 MAX. 1.836 6.0 1.78 65 35 1.0 3450 270 300 0 0.55 0.67 0.66 0.77 1.0 1.0 1350 6.0 0.25 0.1 A kHz mA % % % % A A mA ppm/ V V A UNITS CIRCUIT V V mA V SYMBOL VDCOUT VIN1 IOUT1MAX VUVLO IDD ISTB fOSC IPFM DLIMIT_PFM DMAX DMIN EFFI RLXH RLXH RLXL RLXL ILEAKH ILEAKL When connected to external components, VIN1= +2.0V,VEN1=1.0V, IOUT1=100mA When connected to external components, (*11) VIN1= +2.0V, VEN1 =VIN1, IOUT1=1mA VEN1=VIN1=(C-1) IOUT1=1mA VIN1=VEN1 =5.0V, DCOUT= VIN1=VEN1 =5.0V, DCOUT= (*11) When connected to external components, VEN1=VIN1 +1.2V, IOUT1 =100mA (*3) VIN1= VEN1 =5.0V, DCOUT=0V,ILX=100mA VIN1= VEN1 =3.6V, DCOUT=0V,ILX=100mA VIN1= VEN1 =5.0V VIN1= VEN1=3.6V (*4) (*4) (*3) VIN1= DCOUT=5.0V, VEN1 =0V, VLX=0V VIN1= DCOUT=5.0V, VEN1 =0V, VLX=5.0V VIN1=VEN1=5.0V, DCOUT= IOUT1 =30mA -40 Topr 85 x0.9V EN1 "H" Level Voltage EN1 "L" Level Voltage EN1 "H" Current EN1 "L" Current VEN1H VEN1L IEN1H IEN1L DCOUT=0V, Applied voltage to VEN, (*10) Voltage changes Lx to "H" level DCOUT=0V, Applied voltage to VEN, (*10) Voltage changes Lx to "L" level VIN1=VEN1=5.0V, DCOUT=0V VIN1=5.0V, VEN1 =0V, DCOUT=0V - 0.1 0.1 A When connected to external components, 0.5 0.9 2.5 ms Soft Start Time tSS VEN1 =0V VIN1, IOUT1=1mA VIN1=VEN1=5.0V, DCOUT=0.8x Latch Time tLAT 1.0 20 ms (*6) Short Lx at 1 resistance Sweeping DCOUT, VIN1=VEN1=5.0V, Short Lx at Short Protection VSHORT 1 resistance, DCOUT voltage which Lx becomes 0.675 0.900 1.125 V Threshold Voltage "L" level within 1ms Test conditions: Unless otherwise stated, VIN1=5.0V, VDCOUT(E)= Nominal voltage NOTE: *1: Including hysteresis width of operating voltage. *2: EFFI = { ( output voltage output current ) ( input voltage input current) } 100 *3: ON resistance ( )= (VIN - Lx pin measurement voltage) 100mA *4: Design value *5: When temperature is high, a current of approximately 10 A (maximum) may leak. *6: Time until it short-circuits DCOUT with GND via 1 of resistor from an operational state and is set to Lx=0V from current limit pulse generating. *7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V. *8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes. If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance. *9: Current limit denotes the level of detection at peak of coil current. *10: "H" VIN VIN - 1.2V, "L" + 0.1V - 0.1V *11: XCM519A series exclude IPFM and DLIMIT_PFM because those are only for the PFM control's functions. * The electrical characteristics above are when the other channel is in stop mode. 6/49 XCM519 Series ELECTRICAL CHARACTERISTICS (Continued) XCM519xC 1ch (DC/DC BLOCK) PARAMETER Output Voltage Operating Voltage Range Maximum Output Current Voltage Supply Current Stand-by Current Oscillation Frequency PFM Switching Current PFM Duty Limit Maximum Duty Ratio Minimum Duty Ratio Efficiency Lx SW "H" ON Resistance 1 Lx SW "H" ON Resistance 2 Lx SW "L" ON Resistance 1 Lx SW "L" ON Resistance 2 Lx SW "H" Leak Current Current Limit Output Voltage Temperature Characteristics (*9) (*5) VDCOUT=1.8V, fOSC=1.2MHz, Ta=25 CONDITIONS When connected to external components, VIN1=VEN1=5.0V,IOUT1=30mA When connected to external components, (*8) VIN1=DCOUT(E)V+2.0V,VEN1=1.0V VEN1=VIN1 DCOUT=0V, (*1, *10) Voltage which Lx pin holding "L" level VIN1=VEN1=5.0V,DCOUT=DCOUT(E)x1.1V VIN1=5.0V,VEN1=0V,DCOUT=DCOUT(E)x1.1V When connected to external components, VIN1=DCOUT(E)V+2.0V,VEN1=1.0V, IOUT1=100mA When connected to external components, (*11) VIN1=DCOUT(E)V+2.0V,VEN1=VIN1, IOUT1=1mA VEN1=VIN1=(C-1)IOUT1=1mA (*11) SYMBOL VDCOUT VIN1 IOUT1MAX VUVLO IDD ISTB fOSC IPFM DLIMIT_PFM DMAX DMIN EFFI RLXH RLXH RLXL RLXL ILEAKH ILIM DCOUT / (DCOUT VEN1H VEN1L IEN1H IEN1L tSS TLAT VSHORT RDCHG topr) MIN. 1.764 2.7 600 1.00 1020 120 100 900 0.65 VSS - 0.1 - 0.1 1.0 0.675 200 TYP. 1.800 1.40 22 15 0 1200 160 200 92 0.35 0.42 0.45 0.52 0.01 1050 100 0.25 0.900 300 MAX. 1.836 6.0 1.78 50 33 1.0 1380 200 UNITS CIRCUIT V V mA V A A kHz mA % VIN1=VEN1=5.0V,DCOUT=DCOUT(E)x0.9V VIN1=VEN1=5.0V,DCOUT=DCOUT(E)x1.1V When connected to external components, (*7) VEN1=VIN1 DCOUT(E)+1.2V , IOUT1=100mA (*3) VIN1=VEN1=5.0V,DCOUT=0V,ILX=100mA VIN1=VEN1=3.6V,DCOUT=0V,ILX=100mA VIN1=VEN1=5.0V VIN1=VEN1=3.6V (*4) (*4) (*3) 0 0.55 0.67 0.66 0.77 1.0 1350 6.0 0.25 0.1 0.1 0.40 20 1.150 450 % % % A mA ppm/ V V A A ms ms V VIN1=DCOUT=5.0V,VEN1=0V,LX=0V VIN1=VEN1=5.0V,DCOUT=DCOUT(E)x0.9V IOUT1=30mA, -40 Topr 85 EN1 "H" Level Voltage EN1 "L" Level Voltage EN1 "H" Current EN1 "L" Current Soft Start Time Latch Time Short Protection Threshold Voltage CL Discharge DCOUT=0V, Applied voltage to VEN1, (*10) Voltage changes Lx to "H" level DCOUT=0V, Applied voltage to VEN1, (*10) Voltage changes Lx to "L" level VIN1=VEN1=5.0V,DCOUT=0V VIN1=5.0V,VEN1=0V,DCOUT=0V When connected to external components, VEN1=0VVIN1, IOUT1=1mA VIN1=VEN1=5.0V, DCOUT=0.8x (*6) Short Lx at 1 resistance Sweeping DCOUT, VIN1=VEN1=5.0V, Short Lx at 1 resistance, DCOUT voltage which Lx becomes "L" level within 1ms VIN1=5.0V, LX=5.0V,VEN1=0V, DCOUT=Open Test conditions: Unless otherwise stated, VIN1=5.0V, VDCOUT(E)= Nominal voltage NOTE: *1: Including hysteresis width of operating voltage. *2: EFFI = { ( output voltage output current ) ( input voltage input current) } 100 *3: ON resistance ( )= (VIN - Lx pin measurement voltage) 100mA *4: Design value *5: When temperature is high, a current of approximately 10 A (maximum) may leak. *6: Time until it short-circuits DCOUT with GND via 1 of resistor from an operational state and is set to Lx=0V from current limit pulse generating. *7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V. *8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes. If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance. *9: Current limit denotes the level of detection at peak of coil current. *10: "H" VIN VIN - 1.2V, "L" + 0.1V - 0.1V *11: XCM519A series exclude IPFM and DLIMT_PFM because those are only for the PFM control's functions. * The electrical characteristics above are when the other channel is in stop mode. 7/49 XCM519 Series ELECTRICAL CHARACTERISTICS (Continued) XCM519xD 1ch (DC/DC BLOCK) PARAMETER Output Voltage Operating Voltage Range Maximum Output Current Voltage Supply Current Stand-by Current Oscillation Frequency PFM Switching Current PFM Duty Limit Maximum Duty Ratio Minimum Duty Ratio Efficiency Lx SW "H" ON Resistance 1 Lx SW "H" ON Resistance 2 Lx SW "L" ON Resistance 1 Lx SW "L" ON Resistance 2 Lx SW "H" Leak Current Current Limit Output Voltage Temperature Characteristics (*9) (*5) DCOUT=1.8V, fOSC=3.0MHz, Ta=25 CONDITIONS When connected to external components, VIN1=VEN1=5.0V, IOUT1=30mA When connected to external components, (*8) VIN1=DCOUT(E)V+2.0V,VEN1=1.0V VEN1=VIN1 DCOUT=0V, (*1, *10) Voltage which Lx pin holding "L" level VIN1=VEN1=5.0V,DCOUT=DCOUT(E)x1.1V VIN1=5.0V,VEN1=0V, DCOUT=DCOUT(E)x1.1V When connected to external components, VIN1=DCOUT(E)V+2.0V, VEN1=1.0V, IOUT1=100mA When connected to external components, (*11) VIN1=DCOUT(E)V+2.0V, VEN1=VIN1, IOUT1=1mA VEN1=VIN1=(C-1)IOUT1=1mA (*11) SYMBOL VDCOUT VIN1 IOUT1MAX VUVLO IDD ISTB fOSC IPFM DLIMIT_PFM DMAX DMIN EFFI RLXH RLXH RLXL RLXL ILEAKH ILIM DCOUT / (DCOUT VEN1H VEN1L IEN1H IEN1L tSS tLAT VSHORT RDCHG topr) MIN. 1.764 2.7 600 1.00 2550 170 100 900 0.65 VSS - 0.1 - 0.1 1.0 0.675 200 TYP. 1.800 1.40 46 21 0 3000 220 200 86 0.35 0.42 0.45 0.52 0.01 1050 100 0.32 0.900 300 MAX. 1.836 6.0 1.78 65 35 1.0 3450 270 300 0 0.55 0.67 0.66 0.77 1.0 1350 6.0 0.25 0.1 0.1 0.50 20 1.150 450 UNITS CIRCUIT V V mA V A A kHz mA % % % % A mA ppm/ V V A A ms ms V VIN1=VEN1=5.0V, DCOUT=DCOUT(E)x0.9V VIN1=VEN1=5.0V, DCOUT=DCOUT(E)x1.1V When connected to external components, (*7) VEN1=VIN1 DCOUT(E)+1.2V ,IOUT1=100mA (*3) VIN1=VEN1=5.0V, DCOUT=0V, ILX=100mA VIN1=VEN1=3.6V, DCOUT=0V, ILX=100mA VIN1=VEN1=5.0V VIN1=VEN1=3.6V (*4) (*4) (*3) VIN1=DCOUT=5.0V,VEN1=0V, LX=0V VIN1=VEN1=5.0V, DCOUT=DCOUT(E)x0.9V IOUT1=30mA -40 Topr 85 EN1 "H" Level Voltage EN1 "L" Level Voltage EN1 "H" Current EN1 "L" Current Soft Start Time Latch Time Short Protection Threshold Voltage CL Discharge DCOUT=0V, Applied voltage to VEN1, (*10) Voltage changes Lx to "H" level DCOUT=0V, Applied voltage to VEN1, (*10) Voltage changes Lx to "L" level VIN1=VEN1=5.0V, DCOUT=0V VIN1=5.0V,VEN1=0V, DCOUT=0V When connected to external components, VEN1=0VVIN1, IOUT1=1mA VIN1=VEN1=5.0V, DCOUT=0.8x (*6) Short Lx at 1 resistance Sweeping DCOUT, VIN1=VEN1=5.0V, Short Lx at 1 resistance, DCOUT voltage which Lx becomes "L" level within 1ms VIN1=5.0V, LX=5.0V, VEN1=0V, DCOUT=Open Test conditions: Unless otherwise stated, VIN1=5.0V, VDCOUT(E)= Nominal voltage NOTE: *1: Including hysteresis width of operating voltage. *2: EFFI = { ( output voltage output current ) ( input voltage input current) } 100 *3: ON resistance ( )= (VIN - Lx pin measurement voltage) 100mA *4: Design value *5: When temperature is high, a current of approximately 10 A (maximum) may leak. *6: Time until it short-circuits DCOUT with GND via 1 of resistor from an operational state and is set to Lx=0V from current limit pulse generating. *7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V. *8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes. If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance. *9: Current limit denotes the level of detection at peak of coil current. *10: "H" VIN VIN - 1.2V, "L" + 0.1V - 0.1V *11: XCM519A series exclude IPFM and DLIMT_PFM because those are only for the PFM control's functions. * The electrical characteristics above are when the other channel is in stop mode. 8/49 XCM519 Series ELECTRICAL CHARACTERISTICS (Continued) PFM Switching Current (IPFM) by Oscillation Frequency and Output Voltage 1.2MHz SETTING VOLTAGE VDCOUT(E)1.2 1.2VVDCOUT(E)1.75 1.8VVDCOUT(E) 3.0MHz SETTING VOLTAGE VDCOUT(E)1.2 1.2VVDCOUT(E)1.75 1.8VVDCOUT(E) MIN. 190 180 170 TYP. 260 240 220 MIN. 140 130 120 TYP. 180 170 160 (mA) MAX. 240 220 200 (mA) MAX. 350 300 270 Measuring Maximum IPFM Limit, VIN Voltage fOSC (C-1) 1.2MHz VDCOUT(E)+0.5V 3.0MHz VDCOUT(E)+1.0V Minimum operating voltage is 2.7V ex.) Although when VDCOUT(E)=1.2V, fOSC=1.2MHz, (C-1)=1.7V the (C-1) becomes 2.7V because of the minimum operating voltage 2.7V. Soft-Start Time Chart (XCM519xC/ XCM519xD Series Only) PRODUCT SERIES fOSC 1200kHz XCM519AC 1200kHz 1200kHz 1200kHz XCM519BC 1200kHz 1200kHz XCM519xD 3000kHz 3000kHz OUTPUT VOLTAGE 0.8 1.5 1.8 2.5 0.8 2.5 0.8 1.8 VDCOUT(E)<1.5 VDCOUT(E)<1.8 VDCOUT(E)<2.5 VDCOUT(E)<4.0 VDCOUT(E)<2.5 VDCOUT(E)<4.0 VDCOUT(E)<1.8 VDCOUT(E)<4.0 MIN. TYP. 250 320 250 320 250 320 250 320 MAX. 400 500 400 500 400 500 400 500 s s s s s s s s 9/49 XCM519 Series XCM519xx 2ch (REGULATOR BLOCK) PARAMETER Bias Voltage Input Voltage (*1) (*2) ELECTRICAL CHARACTERISTICS (Continued) SYMBOL VBIAS VIN2 VROUT(E) (*3) CONDITIONS VEN2 =VBIAS,VIN2=VROUT(T)+0.3V VBIAS=VEN2=3.6V VBIAS=VEN2=3.6V,VIN2=VROUT(T)+0.3V, IROUT=1mA VEN2 =VBIAS ,VBIAS -VROUT(T) VIN2 =VROUT(T)+0.5V VEN2 =VBIAS ,VBIAS -VROUT(T) VIN2 =VROUT(T)+0.5V VEN2 =VBIAS ,VBIAS -VROUT(T) VIN2 =VROUT(T)+0.5V VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.3V, 1mA IVROUT 100mA VEN2 =VBIAS , IOUT=100mA VEN2 =VBIAS , IOUT=200mA VEN2 =VBIAS , IOUT=300mA VEN2 =VBIAS , IOUT=400mA VBIAS=VEN2=3.6V,VIN2=VROUT(T)+0.3V VROUT(T)=OPEN VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.3V VROUT(T)=OPEN VROUT(T) 0.95V,VBIAS=VEN2=3.6V, 0.95V,VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.05V, VROUT=VROUT(T) - 0.05V VROUT(T) VIN2=1.0V, VROUT=VROUT(T) - 0.05V 1.5V 1.3V 1.2V MIN. 2.5 1.0 -0.02 TYP. VOUT(T) E-0 (*4) (*5) MAX. 6.0 3.0 +0.02 UNITS CIRCUIT V V V mA mA mA mV mV mV mV mV Output Voltage Maximum Output Current1 Maximum Output Current2 Maximum Output Current3 Load Regulation Dropout Voltage1 Dropout Voltage2 Dropout Voltage3 Dropout Voltage4 Supply Current 1 Supply Current 2 IOUTMAX1 IOUTMAX2 IOUTMAX3 VROUT Vdif1 Vdif2 Vdif3 Vdif4 (*7) (*7) (*7) (*7) 200 300 400 - 8 E-1 E-2 E-3 E-4 (*6) (*6) (*6) (*6) 17 IBIAS IIN2 8 - 25 1.0 45 2.5 A A Bias Current (*10) IBIASMAX - 1.0 2.5 mA Stand-by Current 1 Stand-by Current 2 IBIAS_STB IIN_STB VBIAS=6.0V,VIN2=3.0V, VEN2=VSS2 VBIAS=6.0V,VIN2=3.0V, VEN2=VSS2 VROUT(T) VROUT(T)+1.2V 1.3V VBIAS 1.3V 6.0V, VIN2 3.0V, 6.0V, - 0.01 0.01 0.10 0.35 A A Bias Regulation VROUT / ( VBIAS VROUT) VIN2=VROUT(T)+0.3V, VEN2 =VBIAS , IOUT=1mA VROUT(T) 2.5V VROUT(T) VBIAS - 0.01 0.3 %/V VIN2=VROUT(T)+0.3V, VEN2 =VBIAS , IOUT=1mA 0.90V,VROUT(T)+0.1V 0.90V,1.0V VIN2 VROUT / ( VIN2 VROUT) VBIAS=VEN2=3.6V,IOUT=1mA VROUT(T) 3.0V VBIAS=VEN2=3.6V,IOUT=1mA Bias Voltage UVLO Input Voltage UVLO VBIAS Ripple Rejection VIN2 Ripple Rejection VBIAS_UVLO VIN_UVLO VBIAS_PSRR VIN_PSRR VEN2 =VBIAS,VIN2 =VROUT(T)+0.3V,IOUT=1mA VBIAS=VEN2=3.6V, IVROUT=1mA VBIAS=3.6VDC+0.2Vp-pAC,VIN2=VROUT(T)+0.3V, IOUT=30mA,f=1kHz VIN2=VOUT(T)+0.3VDC+0.2Vp-pAC, VBIAS=3.6V, IOUT=30mA,f=1kHz 1.37 0.07 2.0 0.4 40 60 2.5 0.6 V V dB dB Input Regulation - 0.01 0.1 %/V 10/49 XCM519 Series XCM519xx 2ch (REGULATOR BLOCK) (Continued) PARAMETER Output Voltage Temperature Characteristics Limit Current Short Current Thermal Shutdown Detect Temperature Thermal Shutdown Release Temperature TSD Hysteresis Width CL Auto-Discharge Resistance EN2 "H" Level Voltage EN2 "L" Level Voltage EN2 "H" Level Current EN2 "L" Level Current Soft Start Time (*11) ELECTRICAL CHARACTERISTICS (Continued) SYMBOL CONDITIONS MIN. 400 VBIAS=3.6V, VIN2= VROUT(T)+0.3V, VEN2= VSS VROUT=VROUT(T) VBIAS=3.6V,VIN2=VROUT(T)+0.3V VBIAS=3.6V,VIN2=VROUT(T)+0.3V VBIAS=VEN2=6.0V, VIN2=VROUT(T)+0.3V VBIAS=6.0V, VEN2=VSS,VIN2=VROUT(T)+0.3V VBIAS=3.6V VIN2=VROUT(T)+0.3V VEN2=0V 3.6V IOUT=1mA 290 0.75 -0.1 -0.1 100 TYP. 100 80 150 125 25 430 MAX. 610 6.0 0.16 0.1 0.1 410 V V A A s UNITS CIRCUIT ppm/ mA mA ( VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.3V , IOUT=30mA, VROUT/ - 40 Topr 85 Topr VROUT) ILIM ISHORT TTSD TTSR TTSD TTSR VROUT=VROUT(T) 0.95, VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.3V VBIAS=VEN2=3.6V, VIN2=VROUT(T)+0.3V, VROUT=0V Junction Temperature Junction Temperature RDCHG VEN2H VEN2L IEN2H IEN2L tSS NOTE: * 1: Please use Bias voltage VBIAS within the range VBIAS -VROUT(T) 0.9V * 2: Please use Input voltage VIN within the range VIN VBIAS * 3: VROUT(E) : Effective output voltage * 4: VROUT(T) : Specified output voltage * 5: E-0 = Please refer to the table named OUTPUT VOLTAGE CHART * 6: E-1 = Please refer to the table named DROPOUT VOLTAGE CHART (*8) (*9) * 7: Vdif={VIN21 -VROUT1 } * 8: VIN21 : The input voltage when VOUT1 appears as input voltage is gradually decreased. * 9: VROUT1 : A voltage equal to 98% of the output voltage while maintaining an amply stabilized output voltage when VBIAS<3.0V at VIN2= VBIAS, VBIAS 3.0V at VIN2=VBIAS input to the VBIAS pin. *10 : IBIASMAX : A supply current at the VBIAS pin providing for the output current (IVROUT) . *11: tSS : Time that VROUT becomes more than VROUT(E) 0.9V after the EN2 pin is input 0.75V as EN2 "H" level voltage. * The electrical characteristics above are when the other channel is in stop mode. OUTPUT VOLTAGE CHART NOMINAL OUTPUT VOLTAGE (V) VROUT(T) 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 E-0 OUTPUT VOLTAGE (V) VROUT MIN. 0.680 0.730 0.780 0.830 0.880 0.930 0.980 1.030 1.080 1.130 1.180 1.230 MAX. 0.720 0.770 0.820 0.870 0.920 0.970 1.020 1.070 1.120 1.170 1.220 1.270 NOMINAL OUTPUT VOLTAGE (V) VROUT(T) 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 E-0 OUTPUT VOLTAGE (V) VROUT MIN. 1.280 1.330 1.380 1.430 1.480 1.530 1.580 1.630 1.680 1.730 1.780 MAX. 1.320 1.370 1.420 1.470 1.520 1.570 1.620 1.670 1.720 1.770 1.820 11/49 XCM519 Series DROPOUT VOLTAGE CHART E-1 NOMINAL OUTPUT VOLTAGE (V) Vgs VROUT(T) 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 DROPOUT VOLTAGE1 (mV) Vdif1 VBIAS =3.0(V) (*1) VBIAS =3.3(V) Vgs (V) 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 Vdif (mV) TYP. 35 36 MAX. 300 250 200 150 100 61 VBIAS =3.6(V) Vgs (V) 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 Vdif (mV) TYP. 33 34 MAX. 300 250 200 150 100 56 Vgs (V) VBIAS =4.2(V) Vdif (mV) TYP. 30 31 MAX. 300 250 200 150 100 50 49 50 Vgs (V) VBIAS =5.0(V) Vdif (mV) TYP. 27 28 MAX. 300 250 200 150 100 50 44 45 Vdif (mV) TYP. 40 41 MAX. 300 250 200 150 100 68 (V) 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 2.95 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 4.30 4.25 4.20 4.15 4.10 4.05 4.00 3.95 3.90 3.85 3.80 3.75 3.70 3.65 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 42 38 34 31 28 43 40 35 32 28 46 72 41 63 36 58 32 29 48 75 42 65 38 59 32 51 29 46 51 81 43 68 40 61 33 52 29 47 54 87 46 72 41 63 34 53 30 47 57 61 63 67 70 74 79 92 94 97 104 113 131 154 48 75 42 65 34 54 30 48 51 81 43 68 35 56 31 48 54 87 46 72 36 58 31 49 57 92 48 75 38 59 32 49 *1): Vgs is a Gate -Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T). 12/49 XCM519 Series DROPOUT VOLTAGE CHART (Continued) E-2 NOMINAL OUTPUT VOLTAGE (V) Vgs VROUT(T) 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 DROPOUT VOLTAGE 2 (mV) Vdif2 VBIAS =3.0(V) (*1) VBIAS =3.3(V) Vgs (V) 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 Vdif (mV) TYP 74 76 MAX 300 250 200 150 117 123 VBIAS =3.6(V) Vgs (V) 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 Vdif (mV) TYP 68 70 MAX 300 250 200 150 110 111 Vgs (V) VBIAS =4.2(V) Vdif (mV) TYP 62 63 MAX 300 250 200 150 100 98 VBIAS =5.0(V) Vgs (V) 4.30 4.25 4.20 4.15 4.10 4.05 4.00 3.95 3.90 3.85 3.80 3.75 3.70 3.65 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 Vdif (mV) TYP 57 58 MAX 300 250 200 150 100 88 Vdif (mV) TYP 81 85 MAX 300 250 200 150 131 139 (V) 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 2.95 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 88 78 72 63 58 90 81 74 64 58 96 146 85 127 76 114 65 101 59 90 101 154 88 131 78 117 67 103 59 91 108 170 90 139 81 123 68 106 60 92 115 179 96 146 85 127 70 108 61 93 122 129 135 145 154 165 175 192 197 206 223 248 293 353 101 154 88 131 72 110 62 94 108 170 90 139 74 111 63 95 115 179 96 146 76 114 63 97 122 192 101 154 78 117 64 98 *1): Vgs is a Gate -Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T). 13/49 XCM519 Series DROPOUT VOLTAGE CHART (Continued) E-3 NOMINAL OUTPUT VOLTAGE (V) Vgs VVROUT(T) 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 DROPOUT VOLTAGE 3 (mV) Vdif3 VBIAS =3.0(V) (*1) VBIAS =3.3(V) Vgs (V) 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 Vdif(mV) TYP 115 117 MAX 300 250 200 181 VBIAS =3.6(V) Vgs (V) 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 Vdif(mV) TYP 107 109 MAX 300 250 200 167 Vgs (V) VBIAS =4.2(V) Vdif(mV) TYP 95 96 MAX 300 250 200 150 148 151 VBIAS =5.0(V) Vgs (V) 4.30 4.25 4.20 4.15 4.10 4.05 4.00 3.95 3.90 3.85 3.80 3.75 3.70 3.65 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 Vdif(mV) TYP 89 90 MAX 300 250 200 150 132 134 Vdif(mV) TYP 130 134 MAX 300 250 200 204 (V) 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 2.95 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 138 119 111 97 90 145 216 130 190 115 170 98 91 153 227 134 197 117 176 101 153 92 137 161 239 138 204 119 181 105 155 93 139 173 264 145 216 130 190 107 159 93 140 184 289 153 227 134 197 109 163 94 141 196 209 222 239 256 - 313 323 344 388 442 - 161 239 138 204 111 167 95 142 173 264 145 216 115 170 96 145 184 289 153 227 117 176 97 148 196 313 161 239 119 181 98 151 *1): Vgs is a Gate -Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T). 14/49 XCM519 Series DROPOUT VOLTAGE CHART (Continued) E-4 NOMINAL OUTPUT VOLTAGE (V) Vgs VVROUT(T) 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 DROPOUT VOLTAGE 4(mV) Vdif4 VBIAS =3.0(V) (*1) VBIAS =3.3(V) Vgs (V) 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 Vdif(mV) TYP 157 164 MAX 300 272 VBIAS =3.6(V) Vgs (V) 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 Vdif(mV) TYP 146 150 MAX 300 250 Vgs (V) VBIAS =4.2(V) Vdif(mV) TYP 129 131 MAX 300 250 246 246 VBIAS =5.0(V) Vgs (V) 4.30 4.25 4.20 4.15 4.10 4.05 4.00 3.95 3.90 3.85 3.80 3.75 3.70 3.65 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 Vdif(mV) TYP 116 118 MAX 300 250 231 231 Vdif(mV) TYP 189 195 MAX 300 277 (V) 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 2.95 2.90 2.85 2.80 2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 201 277 170 272 153 250 134 119 206 277 189 272 157 250 136 246 121 231 218 277 227 334 376 195 272 272 277 296 164 250 250 248 255 139 246 246 215 219 125 231 231 189 191 231 201 170 142 128 248 206 189 146 128 264 418 218 315 195 266 150 224 129 193 281 460 231 334 201 277 153 228 129 195 - - 248 376 206 296 157 234 131 198 - - 264 418 218 315 164 241 134 202 - - 281 460 231 334 170 248 136 205 *1): Vgs is a Gate -Source voltage of the driver transistor that is defined as the value of VBIAS - VROUT (T). 15/49 XCM519 Series TYPICAL APPLICATION CIRCUIT L DCOUT C L1 1 2 EN1 3 4 DCOUT AVSS EN1 VIN2 VSS2 VROUT Lx 12 PVSS 11 VIN1 10 VBIAS 9 CIN1 VIN CIN2 5 CBIAS EN2 NC 8 EN2 7 VROUT CL2 6 DC/DC BLOCK L CIN1 CL1 CBIAS CIN2 CL2 : : : : : : fOSC=3.0MHz (NR3015 TAIIYO YUDEN) (Ceramic) (Ceramic) (Ceramic) (Ceramic) (Ceramic) DC/DC BLOCK L CIN1 CL1 CBIAS CIN2 CL2 : : : : : : fOSC=1.2MHz (NR4018 TAIIYO YUDEN) (Ceramic) (Ceramic) (Ceramic) (Ceramic) (Ceramic) 1.5 H 10 F 10 F 1F 1F 4.7 F 4.7 H 10 F 10 F 1F 1F 4.7 F OPERATIONAL EXPLANATION DC/DC BLOCK The DC/DC block of the XCM519 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase compensation circuit, output voltage adjustment resistors, P-channel MOSFET driver transistor, N-channel MOSFET switching transistor for the synchronous switch, current limiter circuit, UVLO circuit and others. (See the block diagram above.) The series ICs compare, using the error amplifier, the voltage of the internal voltage reference source with the feedback voltage from the DCOUT pin through split resistors, R1 and R2. Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle. This process is continuously performed to ensure stable output voltage. The current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low ESR capacitor such as a ceramic capacitor is used ensuring stable output voltage. 16/49 XCM519 Series OPERATIONAL EXPLANATION (Continued) Limit #ms Limit #ms 17/49 XCM519 Series OPERATIONAL EXPLANATION (Continued) Ton FOSC IPFM PFM Duty Limit Lx Lx I Lx IPFM 0mA I Lx IPFM 0mA IPFM IPFM CL High Speed Discharge XCM519xC/ XCM519xD series can quickly discharge the electric charge at the output capacitor (CL) when a low signal to the CE pin which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the LX pin and the VSS pin. When the IC is disabled, electric charge at the output capacitor (CL) is quickly discharged so that it may avoid application malfunction. Discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor value (CL) as ( =C x R), discharge time of the output voltage after discharge via the N channel transistor is calculated by the following formula. V = VDCOUT(T) e -t / or t = Ln ( V / VDCOUT(T) ) V : Output voltage after discharge VDCOUT (T): Output voltage t: Discharge time :C R C= Capacitance of Output capacitor (CL) R= CL auto-discharge resistance Output Voltage Dischage Characteristics Rdischg = 300 TYP 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 CL=10uF CL=20uF CL=50uF Discharge Time t (ms) 18/49 XCM519 Series OPERATIONAL EXPLANATION (Continued) Voltage Regulator BLOCK The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The N-channel MOSFET which is connected to the VROUT pin is then driven by the subsequent output signal. The output voltage at the VROUT pin is controlled & stabilized by a system of negative feedback. VBIAS pin is power supply pin for output voltage control circuit, protection circuit and CE circuit. When output current increase, the VBIAS pin supplies output current also. VIN2 pin is connected to a driver transistor and provides output current. In order to obtain high efficient output current through low on-resistance, please take enough Vgs (=VBIAS - VROUT (T)) of the driver transistor. Output current triggers operation of constant current limiter and fold-back circuit, heat generation triggers operation of thermal shutdown circuit, the driver transistor circuit is forced OFF when VBIAS or VIN2 voltage goes lower than UVLO voltage. Further, the IC's internal circuitry can be shutdown via the EN2 pin's signal. Figure 1: XC6601B Series NOMINAL VOLTAGE 0.7V1.8V BIAS CAPACITOR CBIAS CBIAS=1.0F INPUT CAPACITOR CIN2 CIN2=1.0F OUTPUT CAPACITOR CL2 CL2=4.7F Recommended Values of CBIAS, CIN2, CL2 19/49 XCM519 Series OPERATIONAL EXPLANATION (Continued) With the XCM519, the inrush current from VIN2 to VROUT for charging CL at start-up can be reduced and makes the VIN2 stable. The soft-start time is optimized to 240 A (TYP.) at VROUT=1.2V internally. Soft-start time is defined as the VROUT reaches 90% of VROUT (E) from the time when CE H threshold 0.75V is input to the CE pin. Figure2: Example of the inrush current wave form at IC start-up. EN2 Input Voltage VEN2(V) Inrush Current IRUSH (mA) Figure3: Timing chart at IC start-up V = VROUT(E)x e -t/ , or =lnVROUT(E) / V V : Output voltage after discharge, VROUT(E) : Output voltage, t: Discharge time, : CL auto-discharge resistance R Output capacitor (CL) value C 20/49 XCM519 Series OPERATIONAL EXPLANATION (Continued) NOTE ON USE 1. When the DC/DC converter and the VR are connected as VIN1=VBIAS, VDCOUT=VIN2, the following points should be noted. When the DC/DC load is changed drastically during a light load of the VR, a fluctuation may happen in tenths of mV. This value can be reduced by increasing CL1 load capacitance at the DC/DC in order to reduce a voltage drop during load transient. 1ch:DC/DC VOUT:50mV/div 1ch:DC/DC VOUT:50mV/div 2ch:VR VOUT:50mV/div 2ch:VR VOUT:50mV/div 4ch:VR IOUT:200mA/div 4ch:VR IOUT:200mA/div 20s/div 2. 50s/div It is recommended that both CIN1 and CBIAS are connected to each pin separately. When one capacitor is used instead of the two, this capacitor should be placed in 10 F or more as close as the VIN1 and the PGND (AGND) pins of the DC/DC circuit. Please ensure it by testing on the actual product design. 3. It is recommended that both CL1 and CIN2 are connected to each pin separately. When one capacitor is used instead of the two, this capacitor should be selected in 4.7 F or bigger. Please ensure it by testing on the actual product design. 4. CL2 of the VR is recommended 4.7 A. When larger value is used in CL2, the larger value is also used in CL1 as in proportional. Please be noted that when CL2 capacitance of the VR is getting large, an inrush current increases at VR start-up, DC/DC short circuit protection starts to operate, as a result, the IC may happen to stop. DCOUT(1V/div) IIN2(500mA/div) VROUT(1V/div) EN2(5V/div) * VR inrush current IIN2 makes DC/DC short-circuit protection to start, as a result, the IC may happen to stop. The left waver forms are taken at CL1=10 contrast to the recommended 4.7 However, it improves when CL1=20 F). F. , CL2=10 F(in 50us/div 21/49 XCM519 Series NOTE ON USE (Continued) 5. When the input-output voltage differential is small in the DC/DC converter and heavy load condition, a duty cycle is getting large and keeps the 100% duty cycle in a several period cycles. At the time of duty cycle transition to 100% or from 100%, noise may appear on the voltage regulator output. Please evaluate this on the actual design board when the condition is in small input-output voltage differential and heavy load. When the load is changed at the DC/DC converter, ringing may happen in some load conditions of DC/DC and VR at the timing of turn on and turn off. The ringing can be reduced by increasing CIN1 capacitance or placing a resistor over 10k between VIN1 and VBIAS pins. In order to turn off the input voltage, the EN2 pin should be turned off first. If the input voltage is turned off with keeping VR operation, the VROUT voltage goes up instantaneously as a result of the VR bias voltage transient. 6. 7. VIN(5V/div) DCOUT(500mV/div) VROUT(500mV/div) 200us/div 8. When the DCOUT pin is connected to the VIN2 pin and the bias voltage (VBIAS) is taken from the other power supply, EN1 and EN2 should be started up 10 s later than VBIAS. If EN1 and EN2 is turned on within 10 s, inrush current like 1A may happen which result in starting the DC/DC short-circuit protection. 9. It is recommended to test this in the actual product design board. 22/49 XCM519 Series NOTE ON USE (Continued) 7. When the peak current which exceeds limit current flows within the specified time, the built-in P-ch driver transistor turns off. During the time until it detects limit current and before the built-in transistor can be turned off, the current for limit current flows; therefore, care must be taken when selecting the rating for the external components such as a coil. 8. Care must be taken when laying out the PC Board, in order to prevent misoperation of the current limit mode. Depending on the state of the PC Board, latch time may become longer and latch operation may not work. In order to avoid the effect of noise, the board should be laid out so that input capacitors are placed as close to the IC as possible. 9. Use of the IC at voltages below the recommended voltage range may lead to instability. 10. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device. 11. When the IC is used in high temperature, output voltage may increase up to input voltage level at no load because of the leak current of the driver transistor. 12. The current limit is set to 1350mA (MAX.) at typical. However, the current of 1350mA or more may flow. In case that the current limit functions while the DCOUT pin is shorted to the GND pin, when P-ch MOSFET is ON, the potential difference for input voltage will occur at both ends of a coil. For this, the time rate of coil current becomes large. By contrast, when N-ch MOSFET is ON, there is almost no potential difference at both ends of the coil since the DCOUT pin is shorted to the GND pin. Consequently, the time rate of coil current becomes quite small. According to the repetition of this operation, and the delay time of the circuit, coil current will be converged on a certain current value, exceeding the amount of current, which is supposed to be limited originally. Even in this case, however, after the over current state continues for several ms, the circuit will be latched. A coil should be used within the stated absolute maximum rating in order to prevent damage to the device. Current flows into P-ch MOSFET to reach the current limit (ILIM). The current of ILIM or more flows since the delay time of the circuit occurs during from the detection of the current limit to OFF of P-ch MOSFET. Because of no potential difference at both ends of the coil, the time rate of coil current becomes quite small. Lx oscillates very narrow pulses by the current limit for several ms. The circuit is latched, stopping its operation. Delay LX ILIM ILX Limit > mS ms 13. 14. 15. In order to stabilize VIN1's voltage level and oscillation frequency, we recommend that a by-pass capacitor (CIN) be connected as close as possible to the VIN1 & VSS pins. High step-down ratio and very light load may lead an intermittent oscillation. During PWM / PFM automatic switching mode, operating may become unstable at transition to continuous mode. Please verify with actual parts. 23/49 XCM519 Series NOTE ON USE (Continued) 16. Please note the inductance value of the coil. The IC may enter unstable operation if the combination of ambient temperature, setting voltage, oscillation frequency, and L value are not adequate. In the operation range close to the maximum duty cycle, The IC may happen to enter unstable output voltage operation even if using the L values listed below. The Range of L Value fOSC 3.0MHz 1.2MHz 0.8V VOUT VOUT<4.0V 2.5V VOUT 1.0 3.3 4.7 VOUT 2.5V L Value H H H 2.2 6.8 6.8 H H H *When a coil less value of 4.7 H is used at fOSC=1.2MHz or when a coil less value of 1.5H is used at fOSC=3.0MHz, peak coil current more easily reach the current limit ILMI. In this case, it may happen that the IC can not provide 600mA output current. Instructions of pattern layouts Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. In order to stabilize VIN1 VIN2 VBIAS DCOUT VROUT voltage level, we recommend that a by-pass capacitor (CIN1 CIN2 CBIAS CL1 CL2) be connected as close as possible to the VIN1 VIN2 VBIAS DCOUT VROUT and GND VSS pins. 3. Please mount each external component as close to the IC as possible. 4. Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance. 5. VSS AGND PGND VSS ground wiring is recommended to get large area. The IC may goes into unstable operation as a result of VSS voltage level fluctuation during the switching. 6. This series' internal driver transistors bring on heat because of the output current (IOUT) and ON resistance of driver transistors. 1. L AGND L EN1 CL1 PGND DCOUT Lx Ceramic Capacitor VIN2 CIN3 IC CIN1 VBIAS VIN1 CL2 VSS VROUT EN2 Front CIN2 Inductor Back 24/49 XCM519 Series TEST CIRCUITS < Circuit No.1 > Wave Form Measure Point < Circuit No.2 > VIN1 EN1 Lx DCOUT CL L A CIN A V 1uF VIN1 EN1 Lx DCOUT AGND PGND AGND PGND VBIAS VIN2 EN2 VROUT VBIAS VIN2 EN2 VROUT External Components L : 1.5H(NR3015) 3.0MHz 4.7H(NR4018) 1.2MHz CIN : 4.7F(ceramic) CL :10F(ceramic) < Circuit No.3 > Wave Form Measure Point < Circuit No.4 > VIN1 EN1 Lx DCOUT Rpulldown 200 VIN1 EN1 1F Lx DCOUT 1F V 100mA AGND PGND AGND PGND VBIAS VIN2 EN2 VROUT VBIAS VIN2 EN2 VROUT < Circuit No.5 > ILeakH < Circuit No.6 > VIN1 ICEH Lx DCOUT A Wave Form Measure Point VIN1 ILeakL Lx DCOUT 1F A ICEL EN1 EN1 1F V ILIM AGND PGND AGND PGND VBIAS VIN2 EN2 VROUT VBIAS VIN2 EN2 VROUT < Circuit No.7 > Wave Form Measure Point < Circuit No.8 > ILx VIN1 EN1 1uF Lx Ilat VIN1 EN1 Rpulldown 1 1uF Lx DCOUT A DCOUT AGND PGND AGND PGND VBIAS VIN2 EN2 VROUT VBIAS VIN2 EN2 VROUT < Circuit No.9 > A CIN VIN1 EN1 Lx DCOUT AGND PGND VBIAS VIN2 EN2 VROUT 25/49 XCM519 Series TEST CIRCUITS (Continued) < Circuit No.10 > VIN1 EN1 Lx DCOUT AGND PGND A A V SW1 VBIAS VIN2 VROUT A CL2 4.7uF SW2 A V CIN2 1.0uF CBIAS 1.0uF EN2 VSS V V < Circuit No.11 > VIN1 EN1 Lx DCOUT AGND PGND SW1 VBIAS SW2 VROUT A CL2 4.7uF VIN2 EN2 V V VSS CIN2 SW3 1.0uF CBIAS SW4 1.0uF V RL < Circuit No.12 > VIN1 EN1 Lx DCOUT Waveform measure AGND PGND VBIAS Waveform measure VIN2 EN2 VSS 1.0uF CBIAS 1.0uF VROUT A CL2 4.7uF V V V RL V CIN2 * For the timing chart, please refer to 26/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS 1ch:DC/DC Block (1) Efficiency vs. Output Current DCOUT=1.8V,1.2MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=1.8V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 100 90 80 Efficency:EFFI(%) PWM/PFM Automatic Sw itching Control 100 90 80 Efficency:EFFI(%) PWM/PFM Automatic Sw itching Control 70 60 50 40 30 20 10 0 0.1 VIN= 4.2V 3.6V PWM Control VIN= 4.2V 3.6V 70 60 50 40 30 20 10 0 VIN= 4.2V 3.6V PWM Control VIN= 4.2V 3.6V 1 10 100 1000 0.1 1 10 100 1000 Output Current:IOUT(mA) Output Current:IOUT(mA) (2) Output Voltage vs. Output Current DCOUT=1.8V,1.2MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=1.8V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 2.1 2.0 Output Voltage:Vout(V) 1.9 1.8 1.7 PWM Control 1.6 1.5 0.1 1 10 100 1000 Output Current:IOUT(mA) PWM/PFM Automatic Sw itching Control VIN4.2V,3.6V Output Voltage:Vout(V) 2.1 2.0 1.9 1.8 1.7 1.6 1.5 0.1 1 10 100 1000 Output Current:IOUT(mA) PWM/PFM Automatic Sw itching Control VIN4.2V,3.6V PWM Control (3) Ripple Voltage vs. Output Current DCOUT=1.8V,1.2MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=1.8V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 100 100 80 Ripple Voltage:Vr(mV) Ripple Voltage:Vr(mV) 80 60 PWM Control VIN4.2V,3.6V 40 PWM/PFM Automatic Sw itching Control VIN4.2V 3.6V 60 PWM Control VIN4.2V,3.6V 40 PWM/PFM Automatic Sw itching Control VIN4.2V 3.6V 20 20 0 0.1 1 10 100 1000 Output Current:IOUT(mA) 0 0.1 1 10 100 1000 Output Current:IOUT(mA) 27/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (4) Oscillation Frequency vs. Ambient Temperature DCOUT=1.8V,1.2MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=1.8V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 1.5 Oscillation Frequency : FOSC(MHz) Oscillation Frequency : FOSC(MHz) 1.4 1.3 1.2 1.1 1.0 0.9 0.8 -50 -25 0 25 50 75 100 VIN=3.6V 3.5 3.4 3.3 3.2 3.1 3.0 2.9 2.8 2.7 2.6 2.5 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () Ambient Temperature: Ta () VIN=3.6V (5) Supply Current vs. Ambient Temperature DCOUT=1.8V,1.2MHz 40 35 Supply Current : IDD (A) 30 25 20 15 10 5 0 -50 VIN=4.0V Supply Current : IDD (A) VIN=6.0V 40 35 30 25 20 15 10 5 0 -50 DCOUT=1.8V,3.0MHz VIN=6.0V VIN=4.0V -25 0 25 50 75 100 -25 0 25 50 75 100 Ambient Temperature: Ta ( ) Ambient Temperature: Ta () (6) Output Voltage vs. Ambient Temperature DCOUT=1.8V,3.0MHz 2.1 2.0 1.9 1.8 1.7 1.6 1.5 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () (7) UVLO Voltage vs. Ambient Temperature DCOUT=1.8V,3.0MHz 1.8 1.5 UVLO Voltage : UVLO (V) 1.2 0.9 0.6 0.3 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () EN=VIN EN=VIN CE=VIN Output Voltage : VOUT (V) VIN=3.6V 28/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (8) EN "H" Voltage vs. Ambient Temperature DCOUT=1.8V,3.0MHz 1.0 CE "H" Voltage : VCEH (V) 0.9 CE "L" Voltage : VCEL (V) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta ( ) VIN=3.6V VIN=5.0V (9)EN" L" Voltage vs. Ambient Temperature DCOUT=1.8V,3.0MHz 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () VIN=3.6V VIN=5.0V (10) Soft Start Time vs. Ambient Temperature DCOUT=1.8V,3.0MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=1.8V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 5 5 Soft Start Time : TSS (ms) 3 Soft Start Time : TSS (ms) 4 4 3 2 VIN=3.6V 2 VIN=3.6V 1 1 0 -50 -25 0 25 50 75 100 0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () Ambient Temperature: Ta () (11) "Pch / Nch" Driver on Resistance vs. Input Voltage DCOUT=1.8V,3.0MHz Lx SW ON Resistance:RLxH,RLxL () 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3 4 5 6 Input Voltage : VIN (V) Pch on Resistance Nch on Resistance 29/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (12) XCM519xC/ XCM519xD Rise Wave Form DCOUT=1.2V,1.2MHz L=4.7 H (NR4018), CIN1=10 F, CL1=10 F DCOUT=3.3V,3.0MHz L=1.5 H (NR3015), CIN1=10 F, CL1=10 F VIN1=5.0V IOUT=1.0mA VIN1=5.0V IOUT=1.0mA VOUT 0.5V/div VOUT 1.0V/div EN 0.0V 1.0V EN 0.0V 1.0V 100 s/div 100 s/div (13) XCM519xC/ XCM519xD Soft-Start Time vs. Ambient Temperature DCOUT=1.2V,1.2MHz L=4.7 H(NR4018), CIN1=10 F, CL1=10 F DCOUT=3.3V,3.0MHz L=1.5 H(NR3015), CIN1=10 F, CL1=10 F 500 500 Soft Start Time :TSS (s) Soft Start Time :TSS (s) 400 400 300 300 200 VIN=5.0V IOUT=1.0mA 200 VIN=5.0V IOUT=1.0mA 100 100 0 -50 -25 0 25 50 75 100 0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() Ambient Temperature: Ta() (14) XCM519xC/ XCM519xD CL Discharge Resistance vs. Ambient Temperature DCOUT=3.3V,3.0MHz 600 VIN=6.0V VIN=4.0V 400 CL Discharge Resistance: ( ) 500 300 200 100 -50 -25 0 25 50 75 100 Ambient Temperature: Ta () 30/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (15) Load Transient Response DCOUT=1.2V,1.2MHz(PWM/PFM Automatic Switching Control) L=4.7 H(NR4018), CIN1=10 VIN1=3.6V, EN1=VIN1 IOUT=1mA 100mA IOUT =1mA 300mA F(ceramic), CL1=10 F(ceramic), Topr=25 1ch : IOUT 1ch : IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 50 s/div 50 s/div IOUT=100mA 1mA IOUT=300mA 1mA 1ch : IOUT 1ch : IOUT 2ch VOUT: 50mV/div 200 s/div 2ch VOUT: 50mV/div 200 s/div 31/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (15) Load Transient Response (Continued) DCOUT=1.2V,1.2MHz(PWM Control) L=4.7 H(NR4018), CIN1=10 VIN1=3.6V, EN1=VIN1 IOUT=1mA 100mA IOUT=1mA 300mA F(ceramic), CL1=10 F(ceramic), Topr=25 1ch: IOUT 1ch: IOUT 2ch VOUT : 50mV/div 2ch VOUT: 50mV/div 50 s/div 50 s/div IOUT=100mA 1mA IOUT=300mA 1mA 1ch: IOUT 1ch: IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 200 s/div 200 s/div 32/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (15) Load Transient Response (Continued) DCOUTT=1.8V,3.0MHz(PWM/PFM Automatic Switching Control) L=1.5 H(NR3015), CIN1=10 VIN1=3.6V, EN=VIN1 IOUT=1mA 100mA IOUT=1mA 300mA F(ceramic), CL1=10 F(ceramic),Topr=25 1ch : IOUT 1ch : IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 50 s/div 50 s/div IOUT=100mA 1mA IOUT=300mA 1mA 1ch : IOUT 1ch : IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 200 s/div 200 s/div 33/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (15) Load Transient Response (Continued) DCOUT=1.8V,3.0MHz(PWM Control) L=1.5 H(NR3015), CIN1=10 VIN1=3.6V, EN1=VIN1 IOUT=1mA 100mA IOUT=1mA 300mA F(ceramic), CL1=10 F(ceramic), Topr=25 1ch : IOUT 1ch : IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 50 s/div 50 s/div IOUT=100mA 1mA IOUT=300mA 1mA 1ch : IOUT 1ch : IOUT 2ch VOUT : 50mV/div 2ch VOUT : 50mV/div 200 s/div 200 s/div 34/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) 2ch:Regulator Block (1) Output Voltage vs. Output Current VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.0V VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 0.8 Output Voltage: VROUT(V) 0.6 0.4 0.2 0.0 0 100 200 300 400 500 600 700 Output Current: IOUT(mA) Ta=-40 Ta=25 Ta=85 0.8 Output Voltage: VROUT(V) 0.6 0.4 0.2 0.0 0 100 200 300 400 500 600 Output Current: IOUT(mA) 700 VIN2=1.0V VIN2=1.2V VIN2=1.5V VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.5V VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 1.4 Output Voltage: VROUT(V) Output Voltage: VROUT(V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 500 600 700 Output Current: IOUT(mA) Ta=-40 Ta=25 Ta=85 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 500 600 700 Output Current: IOUT(mA) VIN2=1.3V VIN2=1.5V VIN2=1.8V VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =2.1V VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 Ta=-40 Ta=25 Ta=85 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 Output Voltage: VROUT(V) Output Voltage: VROUT(V) VIN2=1.9V VIN2=2.1V VIN2=2.3V 200 300 400 500 600 Output Current: IOUT(mA) 700 200 300 400 500 600 Output Current: IOUT(mA) 700 35/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) 2 Output Voltage vs. Bias Voltage VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.0V, Ta=25 VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.0V, Ta=25 0.9 Output Voltage: VROUT(V) 0.8 0.7 0.6 0.5 1.7 1.9 2.1 2.3 2.5 Bias Voltage: VBIAS(V) IOUT=30mA IOUT=100mA 0.9 Output Voltage: VROUT(V) IOUT=0mA IOUT=0mA 0.8 IOUT=30mA IOUT=100mA 0.7 0.6 0.5 2.5 3 3.5 4 4.5 5 5.5 6 Bias Voltage: VBIAS(V) VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.5V, Ta=25 VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.5V, Ta=25 1.4 Output Voltage: VROUT(V) IOUT=0mA 1.4 Output Voltage: VROUT(V) IOUT=0mA IOUT=30mA IOUT=100mA IOUT=30mA IOUT=100mA 1.3 1.3 1.2 1.2 1.1 1.1 1.0 1.7 1.9 2.1 2.3 2.5 Bias Voltage: VBIAS(V) 1.0 2.5 3 3.5 4 4.5 5 5.5 6 Bias Voltage: VBIAS(V) VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =2.1V, Ta=25 VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =2.1V, Ta=25 2.0 Output Voltage: VROUT(V) IOUT=30mA IOUT=100mA 2.0 Output Voltage: VROUT(V) IOUT=0mA IOUT=0mA IOUT=30mA IOUT=100mA 1.9 1.9 1.8 1.8 1.7 1.7 1.6 1.8 2 2.2 2.4 2.6 2.8 3 Bias Voltage: VBIAS(V) 1.6 3 3.5 4 4.5 5 5.5 6 Bias Voltage: VBIAS(V) 36/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (3) Output Voltage vs. Input Voltage VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 0.9 Output Voltage: VROUT(V) IOUT=30mA 0.9 Output Voltage: VROUT(V) IOUT=0mA IOUT=0mA 0.8 0.7 0.6 0.5 0.5 0.6 0.7 IOUT=100mA 0.8 IOUT=30mA IOUT=100mA 0.7 0.6 0.5 0.8 0.9 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 Bias Voltage: VBIAS(V) Bias Voltage: VBIAS(V) VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 1.4 Output Voltage: VROUT(V) IOUT=0mA 1.4 Output Voltage: VROUT(V) IOUT=0mA IOUT=30mA IOUT=100mA 1.3 1.3 IOUT=30mA IOUT=100mA 1.2 1.1 1.2 1.1 1.0 1 1.1 1.2 1.3 1.4 Bias Voltage: VBIAS(V) 1.0 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 Bias Voltage: VBIAS(V) VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, Ta=25 2.0 Output Voltage: VROUT(V) IOUT=30mA IOUT=100mA 2.0 Output Voltage: VROUT(V) IOUT=0mA IOUT=0mA IOUT=30mA IOUT=100mA 1.9 1.9 1.8 1.8 1.7 1.7 1.6 1.6 1.7 1.8 1.9 2 Bias Voltage: VBIAS(V) 1.6 2 2.2 2.4 2.6 2.8 3 Bias Voltage: VBIAS(V) 37/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) 4Dropout Voltage vs. Output Current VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) Ta=25 VROUT=1.2V (Vgs (*1) =2.4V) VBIAS=3.6V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) 300 Dropout Voltage: Vdif(mV) 250 200 150 100 50 0 0 100 200 300 Output Current: IOUT(mA) 400 VBIAS=3.0V VBIAS=3.3V VBIAS=3.6V VBIAS=4.2V VBIAS=5.0V 400 Dropout Voltage: Vdif(mV) Ta=-40 300 200 100 0 0 Ta=25 Ta=85 100 200 300 Output Current: IOUT(mA) 400 VROUT=1.2V (Vgs(*1)=1.8V) CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.0V VROUT=1.2V (Vgs(*1)=3.0V) CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=4.2V 400 Dropout Voltage: Vdif(mV) Ta=-40 400 Dropout Voltage: Vdif(mV) Ta=-40 Ta=25 Ta=85 300 200 100 0 0 300 200 100 0 Ta=25 Ta=85 100 200 300 Output Current: IOUT(mA) 400 0 100 200 300 Output Current: IOUT(mA) 400 VROUT=1.2V (Vgs(*1)=2.1V) CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.3V VROUT=1.2V (Vgs(*1)=3.8V) CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=5.0V 400 Dropout Voltage: Vdif(mV) Ta=-40 400 Dropout Voltage: Vdif(mV) Ta=-40 300 200 100 0 0 Ta=25 Ta=85 300 200 100 0 Ta=25 Ta=85 100 200 300 Output Current: IOUT(mA) 400 0 100 200 300 Output Current: IOUT(mA) 400 *1): Vgs is a Gate -Source voltage of the driver transistor that is defined as the value of VBIAS - VOUT(T). A value of the dropout voltage is determined by the value of the Vgs. 38/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (5) Supply Bias Current vs. Bias Voltage VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.0V (6) Supply Input Current vs. Input Voltage VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V Supply Bias Current: IBIAS(A) Supply Input Current: IIN(A) 40 30 20 10 0 0 1 2 3 4 5 6 Bias Voltage: VBIAS(V) Ta=-40 Ta=25 Ta=85 2.0 Ta=-40 1.5 1.0 0.5 0.0 0 0.5 1 1.5 2 Ta=25 Ta=85 2.5 3 Input Voltage: VIN(V) VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VIN2 =1.5V VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V Supply Bias Current: IBIAS(A) Supply Input Current: IIN(A) 40 30 20 Ta=-40 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 0.5 1 1.5 2 2.5 3 Ta=-40 Ta=25 Ta=85 10 0 0 1 2 3 4 Ta=25 Ta=85 5 6 Bias Voltage: VBIAS(V) Input Voltage: VIN(V) VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VROUT=1.8V VIN2 =2.1V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V Supply Bias Current: IBIAS(A) Supply Input Current: IIN(A) 40 30 20 10 0 0 1 2 3 4 5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 0.5 1 1.5 2 Ta=-40 Ta=25 Ta=85 Ta=-40 Ta=25 Ta=85 6 2.5 3 Bias Voltage: VBIAS(V) Input Voltage: VIN(V) 39/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (7) Output Voltage vs. Ambient Temperature VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.0V (8) Supply Bias Current vs. Ambient Temperature VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.0V 0.72 0.71 0.70 0.69 0.68 0.67 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() IOUT=1mA IOUT=30mA IOUT=100mA Supply Bias Current: IBIAS(A) 0.73 Output Voltage: VROUT(V) 40 35 30 25 20 15 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.5V VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.5V 1.22 1.21 1.20 1.19 1.18 1.17 -50 -25 0 25 50 75 100 IOUT=1mA IOUT=30mA IOUT=100mA Supply Bias Current: IBIAS(A) 1.23 Output Voltage: VROUT(V) 40 35 30 25 20 15 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() Ambient Temperature: Ta() VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =2.1V VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =2.1V 1.83 1.82 1.81 1.80 1.79 1.78 1.77 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() IOUT=1mA IOUT=30mA IOUT=100mA Supply Bias Current: IBIAS(A) 40 35 30 25 20 15 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() 40/49 Output Voltage: VROUT(V) XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (9) Supply Input Current vs. Ambient Temperature VROUT=0.7V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.0V Supply Input Current: IIN(A) 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() VROUT=1.2V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.5V Supply Input Current: IIN(A) 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() VROUT=1.8V CIN2 =CBIAS=1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =2.1V Supply Input Current: IIN(A) 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta() 41/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (10) Bias Transient Response C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) 1.1 VIN2=1.0V, IOUT=30mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage 1.0 4 1.0 1.1 VROUT =0.7V C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) VIN2=1.0V, IOUT=200mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage 4 VROUT =0.7V Output Voltage VR OUT(V) Bias Voltage V BIAS(V) 0.8 2 0.8 2 0.7 Output Voltage 1 0.7 Output Voltage 1 0.6 0 0.6 0 0.5 Time (40usec/div) -1 0.5 Time (40usec/div) -1 1.6 C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) VIN2=1.5V, IOUT=30mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage VROUT =1.2V C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) 1.6 VIN2=1.5V, IOUT=200mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage VROUT =1.2V 1.5 4 1.5 4 Output Voltage VR OUT(V) Bias Voltage V BIAS(V) 1.3 2 1.3 2 1.2 1 1.2 Output Voltage 1 1.1 Output Voltage 0 1.1 0 1.0 Time (40usec/div) -1 1.0 Time (40usec/div) -1 C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) 2.2 VIN2=2.1V, IOUT=30mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage 2.1 4 2.0 2.1 VROUT =1.8V C IN2=1.0F(ceramic), C BIAS=0F(ceramic), CL2=4.7F(ceramic) VIN2=2.1V, IOUT=200mA, tr=tf=5.0sec, Ta=25 5 Bias Voltage 4 VROUT =1.8V Output Voltage VR OUT(V) Bias Voltage V BIAS(V) 1.9 2 1.8 2 1.8 Output Voltage 1 1.7 Output Voltage 1 1.7 0 1.6 0 1.6 Time (40usec/div) -1 1.5 Time (40usec/div) -1 42/49 Bias Voltage V BIAS(V) 2.0 3 Output Voltage VR OUT(V) 1.9 3 Bias Voltage V BIAS(V) 1.4 3 Output Voltage VR OUT(V) 1.4 3 Bias Voltage V BIAS(V) 0.9 3 Output Voltage VR OUT(V) 0.9 3 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (11) Input Transient Response CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 1.1 Input Voltage 1.0 2 1.0 3 1.1 VROUT =0.7V CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 3 Input Voltage 2 VROUT =0.7V Output Voltage VR OUT(V) Input Voltage V IN2(V) 0.8 0 0.8 0 0.7 Output Voltage 0.6 -1 0.7 Output Voltage -1 -2 0.6 -2 0.5 Time (20usec/div)div) Time (20 s / -3 0.5 Time (20usec/div) Time (20 s / div) -3 1.6 CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 4 Input Voltage VROUT =1.2V 1.6 CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 4 Input Voltage VROUT =1.2V 1.5 3 1.5 3 Output Voltage VR OUT(V) Input Voltage V IN2(V) 1.3 1 1.3 1 1.2 Output Voltage 1.1 0 1.2 0 -1 1.1 Output Voltage -1 1.0 Time (20usec/div)div) Time (20 s / -2 1.0 Time (20usec/div) Time (20 s / div) -2 2.2 CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 5 Input Voltage VROUT =1.8V CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 2.2 Input Voltage 5 VROUT =1.8V 2.1 4 2.1 4 Output Voltage VR OUT(V) 1.9 2 1.9 2 1.8 1 1.8 Output Voltage 1 1.7 Output Voltage 0 1.7 0 1.6 Time (20usec/div) Time (20 s / div) -1 1.6 Time (20 Time (20usec/div) s / div) -1 Input Voltage V IN2(V) Input Voltage V IN (V) 2.0 3 Output Voltage VR OUT(V) 2.0 3 Input Voltage V IN2(V) 1.4 2 Output Voltage VR OUT(V) 1.4 2 Input Voltage V IN2(V) 0.9 1 Output Voltage VR OUT(V) 0.9 1 43/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (12) Load Transient Response VROUT =0.7V 0.9 CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, VIN2=1.0V, tr=tf=5.0sec, Ta=25 Output Voltage 0.7 Output Voltage VR OUT(V) 400 Output Voltage VR OUT(V) Output Current IOUT(mA) 0.7 500 0.9 Output Voltage 400 Output Current IOUT(mA) Output Current IOUT(mA) Output Current IOUT(mA) VROUT =0.7V CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, VIN2=1.0V, tr=tf=5.0sec, Ta=25 500 0.5 300 0.5 300 0.3 Output Current 0.1 100mA 10mA -0.1 200 0.3 Output Current 0.1 200mA 200 100 100 10mA 0 -0.1 0 TimeTime (45usec/div) (45 s / div) Time (45 s / div) Time (45usec/div) CIN2=CBIAS=1.0F(ceramic), C L2=4.7F(ceramic) VBIAS=3.6V, VIN2=1.5V, tr=tf=5.0sec, Ta=25 1.4 Output Voltage 1.2 Output Voltage VR OUT(V) 400 Output Voltage VR OUT(V) Output Current IOUT(mA) 1.2 500 1.4 VROUT =1.2V CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, VIN2=1.5V, tr=tf=5.0sec, Ta=25 500 Output Voltage 400 VROUT =1.2V 1.0 300 1.0 300 0.8 Output Current 0.6 100mA 200 0.8 Output Current 0.6 200mA 200 100 100 10mA 10mA 0.4 Time (45 s / div) 0 0.4 Time (45 Time (45usec/div) Time (45usec/div) s / div) 0 CIN2=CBIAS=1.0F(ceramic), C L2=4.7F(ceramic) VBIAS=3.6V, VIN2=2.1V, tr=tf=5.0sec, Ta=25 2.0 Output Voltage 1.8 Output Voltage VR OUT(V) 400 Output Voltage VR OUT(V) Output Current IOUT(mA) 1.8 500 2.0 VROUT =1.8V VROUT =1.8V CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, VIN2=2.1V, tr=tf=5.0sec, Ta=25 500 Output Voltage 400 1.6 300 1.6 300 1.4 Output Current 1.2 100mA 10mA 1.0 Time (45usec/div) 200 1.4 Output Current 1.2 200mA 200 100 100 10mA 0 1.0 Time (45usec/div) 0 44/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (13) CE Rising Response Time VROUT =0.7V VROUT =0.7V 3.0 CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=1.0V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 4 3.0 CIN2=C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=1.0V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 4 2.5 EN2 Input Voltage 3 EN2 Input Voltage V EN2(V) 2.5 EN2 Input Voltage 3 EN2 Input Voltage V EN2(V) EN2 Input Voltage V EN2 (V) EN2 Input Voltage V EN2(V) Output Voltage VR OUT(V) 2.0 2 Output Voltage VR OUT(V) 2.0 2 1.5 1 1.5 1 1.0 Output Voltage 0 1.0 Output Voltage 0 0.5 -1 0.5 -1 0.0 Time (100usec/div) -2 0.0 Time (100usec/div) -2 Time (100 s / div) Time (100 s / div) 3.0 CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=1.5V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 4 VROUT =1.2V 3.0 CIN2=C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=1.5V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 4 VROUT =1.2V 2.5 EN2 Input Voltage 3 EN2 Input Voltage V EN2(V) 2.5 EN2 Input Voltage 3 Output Voltage VR OUT(V) 2.0 2 Output Voltage VR OUT(V) 2.0 2 1.5 Output Voltage 1 1.5 Output Voltage 1 1.0 0 1.0 0 0.5 -1 0.5 -1 0.0 -2 0.0 -2 Time (100 Time (100usec/div) s / div) Time (100 Time (100usec/div) s / div) 3.0 CIN2=CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=2.1V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 4 VROUT =1.8V 3.0 CIN2=C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VIN2=2.1V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 4 VROUT =1.8V 2.5 EN2 Input Voltage 3 2.5 EN2 Input Voltage 3 EN2 Input Voltage V CE(V) Output Voltage VR OUT(V) 2.0 2 Output Voltage VR OUT(V) 2.0 2 1.5 1 1.5 1 1.0 Output Voltage 0 1.0 Output Voltage 0 0.5 -1 0.5 -1 0.0 -2 0.0 -2 Time (100 s / div) Time (100usec/div) Time (100 s / div) Time (100usec/div) 45/49 XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (14) VIN Rising Response Time CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 3 VROUT =0.7V 2.5 2.5 CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 3 VROUT =0.7V 2.0 Input Voltage Output Voltage VR OUT(V) 2 Output Voltage VR OUT(V) 2.0 Input Voltage 2 Input Voltage V IN (V) 1.5 1 1.5 1 1.0 Output Voltage 0 1.0 Output Voltage 0 0.5 -1 0.5 -1 0.0 Time (100usec/div) -2 0.0 Time (100usec/div) -2 CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) 2.5 VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 3 2.5 VROUT =1.2V CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 3 VROUT =1.2V Input Voltage 2.0 Output Voltage VR OUT(V) 2 Output Voltage VR OUT(V) 2.0 Input Voltage 2 Input Voltage V IN (V) 1.5 Output Voltage 1 1.5 Output Voltage 1 1.0 0 1.0 0 0.5 -1 0.5 -1 0.0 Time (100usec/div) -2 0.0 Time (100usec/div) -2 2.5 OUT CIN2=0.1F(ceramic), CBIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=30mA, tr=tf=5.0sec, Ta=25 3 VR =1.8V 2.5 OUT CIN2 =0.1F(ceramic), C BIAS=1.0F(ceramic), CL2=4.7F(ceramic) VBIAS=3.6V, IOUT=200mA, tr=tf=5.0sec, Ta=25 3 VR =1.8V Input Voltage 2.0 Output Voltage VR OUT(V) 2 Output Voltage VR OUT(V) 2.0 Input Voltage 2 Input Voltage V IN (V) 1.5 1 1.5 1 1.0 0 1.0 0 0.5 Output Voltage -1 0.5 Output Voltage -1 0.0 Time (100usec/div) -2 0.0 Time (100usec/div) -2 46/49 Input Voltage V IN (V) Input Voltage V IN (V) Input Voltage V IN (V) XCM519 Series TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (15) Bias Voltage Ripple Rejection Rate VROUT=0.7V CBIAS=0F, CIN2 =1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6VDC+0.2Vp-pAC, VIN2 =1.0V, IOUT=30mA, Ta=25 (16) Input Voltage Ripple Rejection Rate VROUT=0.7V CBIAS=1.0F(ceramic), CIN2 =0F, CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.0VDC+0.2Vp-pAC, IOUT=30mA, Ta=25 80 70 VBIAS_PSRR(dB) 60 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 80 70 60 VIN_PSRR(dB) 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 Frequency (kHz) Frequency (kHz) VROUT=1.2V CBIAS=0F, CIN2 =1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6VDC+0.2Vp-pAC, VIN2 =1.5V, IOUT=30mA, Ta=25 VROUT=1.2V CBIAS=1.0F(ceramic), CIN2 =0F, CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =1.5VDC+0.2Vp-pAC, IOUT=30mA, Ta=25 80 70 60 VBIAS_PSRR(dB) 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 80 70 60 VIN_PSRR(dB) 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 Frequency (kHz) Frequency (kHz) VROUT=1.8V CBIAS=0F, CIN2 =1.0F(ceramic), CL2 =4.7F(ceramic) VBIAS=3.6VDC+0.2Vp-pAC, VIN2 =2.1V, IOUT=30mA, Ta=25 VROUT=1.8V CBIAS=1.0F(ceramic), CIN2 =0F, CL2 =4.7F(ceramic) VBIAS=3.6V, VIN2 =2.1VDC+0.2Vp-pAC, IOUT=30mA, Ta=25 80 70 VBIAS_PSRR(dB) 60 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 80 70 VIN_PSRR(dB) 60 50 40 30 20 10 0 0.01 0.1 1 10 100 1000 10000 Frequency (kHz) Frequency (kHz) 47/49 XCM519 Series PACKAGING INFORMATION USP-12B01 2 .80 .08 2 .30 .08 1234 567 8 MAX 0 . 6 (0 .4 ) (0 .4 ) (0 .4 ) (0 .4 ) (0 .4 ) (0 .25 ) (0 .15 ) 0 .25 .05 0 0 .2 .05 0 0 .2 .05 0 0 .2 .05 0 0 .2 .05 0 0 .2 .05 0 0 .250 .1 1 2 3 4 5 6 1 .30 .1 0 .40 .1 * Au plate thickness: Minimum 0.3 Au m in0 .3u m m 0 .250 .1 12 11 10 9 1 .20 .1 0 .70 .05 8 7 *The side of pins is not plated, nickel is exposed. Au 1 20/1 1 .20 .1 0 .70 .05 *Pin #1 is wider than other pins. mm UNIT: mm USP-12B01 Reference Pattern Layout USP-12B01 Reference Metal Mask Design 0 .45 1 .35 1 .35 0 .90 0 .90 0 .45 0 .65 0 .65 0 .25 0 .25 0 .35 1 .30 1 .30 0 .95 0 .95 0 .55 0 .55 0 .25 0 .25 0 .35 1 .05 0 .95 0 .65 0 .55 0 .25 0 .15 0 .25 0 .30 0 .025 0 .025 0 .025 0 .025 1 .05 0 .95 0 .65 0 .55 0 .25 0 .15 0 .05 0 .15 0 .05 0 .05 0 .20 0 .05 1 .30 1 .60 0 .10 0 .10 0 .20 0 .50 0 .20 1 .30 1 .60 0 .15 0 .40 0 .15 48/49 0 .60 1 .10 1 .55 0 .60 1 .10 1 .55 XCM519 Series 1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. The products in this datasheet are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this datasheet within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this datasheet may be copied or reproduced without the prior permission of TOREX SEMICONDUCTOR LTD. 49/49 |
Price & Availability of XCM519AB02DR |