Part Number Hot Search : 
N2120 1N3600UR ULCE17A AK1220 AN602 A2790 AN5150N 16X5R
Product Description
Full Text Search
 

To Download WRB0503ZP-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WRA_ZP-3W & WRB_ZP-3W Series
3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Wide (2:1) Input Range Operating Temperature:-40 to +85C Short circuit protection(automatic recovery) 1500VDC Isolation Internal SMD construction Metal Shielding Package No Heat Sink Required Industry Standard Pinout MTBF>1,000,000 hours RoHS Compliance
PRODUCT PROGRAM
Input Part Number WRA0505ZP-3W WRA0509ZP-3W WRA0512ZP-3W WRA0515ZP-3W WRB0503ZP-2W WRB0505ZP-3W WRB0512ZP-3W WRB0515ZP-3W WRA1205ZP-3W WRA1209ZP-3W 5 4.5-9 11 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 9 12 15 3.3 5 12 15 5 9 12 12 9-18 22 15 3.3 5 12 15 5 9 12 24 18-36 40 15 3.3 5 12 15 5 9 12 48 36-72 80 15 3.3 5 12 15 Output Current (mA) Max 300 166 125 100 600 600 250 200 300 166 125 100 600 600 250 200 300 166 125 100 909 600 250 200 300 166 125 100 909 600 250 200 Min 30 16 12 10 60 60 25 20 30 16 12 10 60 60 25 20 30 16 12 10 90 60 25 20 30 16 12 10 90 60 25 20 68 70 71 71 65 68 71 71 76 78 79 80 71 76 79 80 78 79 80 81 76 78 81 82 78 79 80 81 76 78 80 81 Effiecincy (%, Typ)
APPLICATIONS
The WRB_ZP-3W &WRA_ZP-3W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 2:1); 2) Where isolation is necessary between input and output(isolation voltage1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
WRA1212ZP-3W WRA1215ZP-3W WRB1203ZP-2W WRB1205ZP-3W WRB1212ZP-3W WRB1215ZP-3W WRA2405ZP-3W WRA2409ZP-3W WRA2412ZP-3W WRA2415ZP-3W WRB2403ZP-3W WRB2405ZP-3W WRB2412ZP-3W WRB2415ZP-3W WRA4805ZP-3W WRA4809ZP-3W
MODEL SELECTION WRB0512ZP-3W
Ra ted Power Packag e Style Output Voltage Input Voltage Produ ct S eries
WRA4812ZP-3W WRA4815ZP-3W WRB4803ZP-3W WRB4805ZP-3W WRB4812ZP-3W WRB4815ZP-3W
*Input voltage can't exceed this value, or will cause the permanent damage. Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
ISOLATION SPECIFICATIONS
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Item Isolation voltage Isolation resistance
Test conditions Tested for 1 minute and 1 mA max Test at 500VDC
Min 1500 1000
Typ
Max
Units VDC M
Isolation capacitance Input/Output
85
pF
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_ZP-3W & WRB_ZP-3W
A/1-2008
Page 1 of 2
OUTPUT SPECIFICATIONS
Item Test conditions Min 0.3 Typ Max Units W Output power See below products program Positive voltage accuracy Refer to recommended circuit Negative voltage accuracy Refer to recommended circuit 10% to 100% load(WRB_ZP_3W) Load regulation 10% to 100% load(WRA_ZP_3W)* Line regulation Temperature drift Ripple & Noise** Switching frequency Input voltage from low to high Refer to recommended circuit 20MHz bandwidth 100% load, nominal input voltage 50 300 3 1 3 3 5 0.5 0.75 0.5 0.2 1 0.5 0.03 %/C 100 mVp-p KHz
APPLICATION NOTE
Requirement on output load In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra loading, or contact our company for other lower output power products. Recommended Circuit All the WRA_ZP-3W & WRB_ZP-3W Series Min -40 -55 15 Typ Max 95 85 125 300 0.2 Free air convection Continuous, automatic recovery Copper, Nickel Coated 1000 15 K hours g W
GND Single Output Vin
Cin
%
*Dual output models unbalanced load: 5%. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature No-load power consumption Cooling Short circuit protection Case material MTBF Weight 1.5mm from case for 10 seconds Test Conditions Units % C
have been tested according to the following recommended testing circuit before leaving factory (Figure 1). This series should be tested under load.
Vin
Cin
+Vout
DC
DC
0V -Vout
+Vout
DC
DC
0V
GND
Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
(Figure 1) If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General: Cin: 5V&12V 100F 24V&48V 10F-47F Cout: 10F/100mA Output External Capacitor Table(Table 1) Single Vout Cout Dual Vout Cout (VDC) (uF) (VDC) (uF) 3.3 2200 5 680 5 1000 9 470 12 470 12 330 15 330 15 220 Input Current When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module
TYPICAL CHARACTERISTICS
100
Operating Temp.( C )
OUTLINE DIMENSIONS& PIN CONNECTIONS
First Angle Projection
(0.094) RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), di amete r:1.0 0mm(0 .039 inch) Dual Output
23 22 16 14
32.00(1.260)
20.00 (0.787)
(0.600)
23
11
( Bottom View )
23 22 16 14
23 9 11
2.54 (0.100) 22.86 (0.900)
4.57 (0.180)
Single Output
23 22 16 14
standard. Input current of power supply should afford the startup current of this kind of DC/DC module (See figure 2), General: Ip 1.4*Iin-max
Input Current(A)
( Side View )
10.00 (0.394)
23
11
Ip
0.50 (0.020)
FOOTPRINT DETAILS Pin 2,3 9 11 14 16 22,23 Single GND No Pin NC +Vo 0V Vi n Dual GND 0V -Vo +Vo 0V Vin
4.10 (0.161)
Input Voltage Range
Note: Unit:mm(inch) Pin diameter:0.50mm(0.020inch) Pin tolera nces:0.10mm(0.004inch) Gen eral tolerances: 0.2 5mm( 0.010inch)
Input Voltage (V)
NC:No Connection
No parallel connection or plug and play.
WRA_ZP-3W & WRB_ZP-3W A/1-2008 Page 2 of 2
MORNSUN reserves the copyright
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of WRB0503ZP-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X