Part Number Hot Search : 
SZ155B MZP4733 2SB940 1000A 600ETT L1005A 50005 600ETT
Product Description
Full Text Search
 

To Download WP06R24D15C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WP06RC
5-6 Watt High Density, Wide Input Range DC/DC Converter
RoHS Compliant 2:1 Input Voltage Range OperatingTemperatureRange: -40C to +100C Industrial Standard 24 Pin DIL ustrial 24 Metal Case Low Profile 0.4 In Inch Short Circuit Protection Protecti T Temperature Shutdown wn
LETE nt model e OBSO
u ce r repla s fo m
The WP06RC SERIES is a family of high performance DC/DC converters rs that offers regulated output power over three input voltage ranges of 9-18V, 18-36V, and 34-75V and over a wide operating temperature range of -40C to +100C without derating. The 200kHz switching frequency and flyback converter topology provide
optimum performance in a spacem saving package. The design utilizes packa all surface mounted components, including magnetics, to provide enhanced reliability. All models will operate under no-load conditions, although a minimum load is specified for load regulation measurement purposes.
ontact C
The converter is packaged in a metal case for improved EMI shielding and immunity, and for superior thermal performance. Applications include: Telecommunications, Battery Powered Systems, Portable Instruments, Process Control Equipment, Transportation Equipment and Distributed Power Systems.
PRODUCT SELECTION CHART
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
NOMINAL INPUT VOLTAGE (VDC) 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 RATED OUTPUT VOLTAGE (VDC) 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 OUTPUT CURRENT (mA) MIN LOAD 100 42 33 +/-50 +/-21 +/-17 100 50 40 +/-50 +/-25 +/-20 100 50 40 +/-50 +/-25 +/-20 RATED LOAD 1,000 416 333 +/-500 +/-208 +/-167 1,000 500 400 +/-500 +/-250 +/-200 1,000 500 400 +/-500 +/-250 +/-200 INPUT CURRENT (mA) MIN LOAD 75 75 75 75 75 75 35 40 40 35 40 40 18 22 22 18 22 22 RATED LOAD 540 520 520 540 520 520 265 305 305 265 310 310 130 150 150 133 151 151 EFFICIENCY (%) 75 77 77 75 77 77 79 80 80 79 80 80 80 81 81 78 81 81
MODEL* WP06R12S05**C WP06R12S12**C WP06R12S15**C WP06R12D05**C WP06R12D12**C WP06R12D15**C WP06R24S05**C WP06R24S12**C WP06R24S15**C WP06R24D05**C WP06R24D12**C WP06R24D15**C WP06R48S05**C WP06R48S12**C WP06R48S15**C WP06R48D05**C WP06R48D12**C WP06R48D15**C
NOTES:
Other input to output voltages may be available. Please consult factory. * See page 2 for complete model number specifications.
For full details go to www.murata-ps.com/rohs
ISO9001
CERTIFIED
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
WPO6RC.C01 Page 1 of 4
WP06RC
5-6 Watt High Density, Wide Input Range DC/DC Converter
SPECIFICATIONS, ALL MODELS
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
PARAMETER INPUT
INPUT Voltage Range
CONDITIONS
MIN
9 18 34
TYP
12 24 48 20
MAX
18 36 75
UNITS
VDC VDC VDC mAp-p W W W % %/C % % % % mVp-p
Reflected Ripple Current OUTPUT Rated Power
12V Input Models 5V Output Models All Other Models 0.02 Low Line to High Line Min. Load to Rated Load BW = 5Hz to 20MHz 30
Voltage Setpoint Accuracy Temperature Coefficient Line Regulation - Singles Line Regulation - Duals Load Regulation - Singles Load Regulation - Duals Ripple & Noise GENERAL ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current Switching Frequency MTTF per MIL-HDBK-217, Rev. F Ground Benign Package Weight TEMPERATURE Specification (Ambient) Operation (Case) Storage
OUTPUT
5.0 5.0 6.0 1.5 0.25 1.0 0.5 2.0 50
60 Hz, 10 Seconds
1500 1500 10 200 15 200 1200 15 -40 -40 -55 +71 +100 +125
VISO = 240VAC, 60Hz Circuit Stress Method TA = +25C
GENERAL
VDC VPK G pF Arms KHz KHr g C C C
Derate linearly from 71C
REMOTE ON/OFF CONTROL
Logic Compatibility ..............................CMOS or Open Collector TTL EC On .......................................................... Open Circuit or > 3VDC EC Off .................................................................................... < 1VDC Shutdown Idle Current .................................................................1mA Control Common ......................................................................... -Vin
ORDERING INFORMATION
WP06R XXYZZ Device Family 5-6W regulated DC/DC Model Number xx = Input Voltage y = Number of Outputs (S=single; D=dual) zz = Output Voltage Case Connection (Specify N=Neg. or P=Pos.) P = Positive InputConnection N = Negative Input Connection Remote On/Off (Optional) RoHS Compliant P/N R C
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Protection (At TA+25C, nominal input voltage) .................................Continuous Internal Power Dissipation ......................................................... 1.5W Max Case Temperature ..........................................................+100C
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
WPO6RC.C01 Page 2 of 4
WP06RC
5-6 Watt High Density, Wide Input Range DC/DC Converter
MECHANICAL
1.260" (32.00)
TOP VIEW
0.787" (20.00)
Number 2 3 5 9 10 11 14 15 16 22 23
PIN CONNECTIONS
Pin Function Singles -Vin -Vin On/Off (Optional) No Connection No Connection No Connection +Vout No Connection +Vin +Vin Duals -Vin -Vin On/Off (Optional) Com No Connection -Vout +Vout No Connection -Vout Com +Vin +Vin
WP06RC
0.394" (10.00)
SIDE VIEW
0.256" (6.50)
0.020" (0.50) 0.180" (4.57) 0.093" (2.36)
0.020" (0.50) 0.100" (2.54)
14 15 16
22 23
BOTTOM VIEW
0.600" (15.24)
11 10 9
5
32
NOTES: 1) All dimensions in inches (mm). 2) MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is UNS C36000 brass plated with matte tin 100 micro-inches min., over nickel, 40-80 micro-inches.
0.600" (15.24)
0.200" (5.08)
SIMPLIFIED CIRCUIT SCHEMATIC
+Vo +Vin
Com
Control -Vo
-Vin Optical Isolation Voltage Reference
THERMAL DERATING CURVE
Extended operating area For extended temperature operation, a forced air flow 500 LFM is required.
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
WPO6RC.C01 Page 3 of 4
WP06RC
5-6 Watt High Density, Wide Input Range DC/DC Converter THROUGH-HOLE SOLDERING INFORMATION
These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device's body will not be compromised and internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
USA: UK: France: Japan:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
04/16/08
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
WPO6RC.C01 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of WP06R24D15C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X