Part Number Hot Search : 
TS29151 LXT325NE 13210 KTA1705 12000 U74HC32 6X315 IR2213S
Product Description
Full Text Search
 

To Download WFC02R24D15LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OBSOLETE PRODUCT
Contact factory for replacement model
WFC02RC
2 WATT REGULATED WIDE INPUT RANGE DC/ DC CONVERTER
FEATURES
RoHS Compliant Low Cost, High Performance Small DIP Package Full Power to +85C Extended Temperature Range: -40C to +85C Industry Standard Pinout Full Short Circuit Protection High Capacitive Loading Capability Protected Against High Input Voltage
ISO9001
CERTIFIED
For full details go to www.murata-ps.com/rohs
DESCRIPTION
The WFC02RC is a family of high performance DC/DC converters that offers regulated outputs over input voltage ranges of 9-36V and 18-72V while offering a wide operating temperature range of -40C to +85C without derating. Each WFC02RC contains input filtering to minimize conducted noise. The design utilizes surface mounted components, including magnetics, to provide enhanced reliability. The converter is designed to meet the requirements of EN60950 with the "L" pinout having 1,500 VDC isolation. All WFC02RC converters are designed to withstand input voltage transients to 200% of nominal input voltage. An additional feature is the ability of the WFC02RC to drive high capacitive loads.
SIMPLIFIED CIRCUIT DIAGRAM APPLICATIONS
Telecommunications Battery Powered Systems Portable Instruments Process Control Equipment Transportation Equipment Distributed Power Systems
Page 1
WFC02RC
REV B: RoHS
08/2007
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection --------------Continuous Internal Power Dissipation ----------------------------1.5W Max Case Temperature-----------------------------+100C
ELECTRICAL SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Nominal Rated Input Output Output Current (mA) Voltage Voltage (Volts) (Volts) Min Load Rated Load 24 24 24 24 24 24 48 48 48 48 48 48 5.0 12.0 15.0 +5.0 +12.0 +15.0 5.0 12.0 15.0 +5.0 +12.0 +15.0 40 16 12 +20 +8 +7 40 16 12 +20 +8 +7 400 167 125 +200 +80 +67 400 167 125 +200 +80 +67 Max Input Current (mA) Rated Load 300 306 306 315 315 315 152 152 152 156 156 155 Max Capacitive Load (F) Efficiency %
Model WFC02R24S05LC WFC02R24S12LC WFC02R24S15LC WFC02R24D05LC WFC02R24D12LC WFC02R24D15LC WFC02R48S05LC WFC02R48S12LC WFC02R48S15LC WFC02R48D05LC WFC02R48D12LC WFC02R48D15LC
400 167 125 +200 +80 +67 400 167 125 +200 +80 +67
77 76 77 75 76 76 74 74 76 74 76 77
ORDERING INFORMATION
WFC02R
Device Family Indicates wide input power 2W regulated DC/DC Model Number Selected from Table of Electrical Characteristics xx=input voltage y=number of outputs: S=single, D=dual zz=output voltage Pinout RoHS Compliant
xxyzz L
C
Page 2
WFC02RC
REV B: RoHS
08/2007
COMMON SPECIFICATIONS
Specifications typical at TA=25C, nominal input voltage, rated output current unless otherwise stated. Parameter Input Voltage Range Reflected Ripple Current Isolation Safety Standards Rated Voltage Test Voltage--60 Hz, 10 secs Resistance Capacitance Leakage Current Output Rated Power Voltage Setpoint Accuracy Temperature Coefficient Line Regulation-singles Line Regulation-duals Load Regulation-singles Load Regulation-duals Ripple & Noise General MTTF per MIL-HDBK-217, Rev F Moisture Sensitivity Level (MSL) Temperature Operation Storage Conditions Min 9 18 Typ 24 48 50 Max 36 72 Units Vdc Vdc mA p-p
Designed to meet requirements of EN60950, EN41003 & UL1950
"L" Pinout "L" Pinout
1500 1500 10 220 30 2 +3.0 +0.02
Viso=240Vac, 60 Hz
Vdc Vpk G pF Arms W % %/C % % % % mV p-p Hours
Low line to high line Low line to high line Min load to rated load Min load to rated load BW=5 Hz to 20 MHz TA=25 Per IPC/JEDEC J-STD-020 -40 -55
50 1,000,000 2
+1.5% +1.5% +2% +2% 100
+85 +125
C C
THROUGH-HOLE SOLDERING INFORMATION
These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device's plastic body will not be compromised and internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
Page 3
WFC02RC
REV B: RoHS
08/2007
MECHANICAL SPECIFICATIONS
PINOUT "L"
Pin Number 2
C
Pin Function Singles Duals -Vin -Vin No connection No connection +Vout -Vout +Vin +Vin -Vin -Vin Common -Vout +Vout Common +Vin +Vin
3 9 11 14 16 22 23
TECHNICAL INFORMATION
Notes: 1. All dimensions in inches and (millimeters). 2. Units are encapsulated with a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range and good electrical properties under high humidity environments. The encapsulant and outer shell have UL94V-0 ratings. Lead material is brass; pin finish is 100300 microinches of matte tin over a nickel barrier layer of 40-80 microinches. 3. GRID: 0.100 inches, (2.54 mm). 4. Pin Placement Tolerance: +0.015", (+.381 mm).
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2009 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Page 4
WFC02RC
REV B: RoHS
08/2007


▲Up To Search▲   

 
Price & Availability of WFC02R24D15LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X