Part Number Hot Search : 
IR2106 FAN8036 TPC8119 DM74ALS LET20015 CL1431LP 470MM 110007
Product Description
Full Text Search
 

To Download VRB1212D-30W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRB_D-30W Series
30W, WIDE INPUT, ISOLATED & REGULATED DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
FEATURES
Efficiency up to 90% Wide (2:1) Input Range 1.5KVDC Input/Output Isolation Over Voltage protection Output Short Circuit Protection Operating Temperature: -40C to +85C Internal SMD construction Metal Shielding Package Industry Standard Pin out MTBF>1,000,000 hours RoHS Compliance Part Number VRB1203D-30W * VRB1205D-30W VRB1212D-30W VRB1215D-30W * VRB1224D-30W * VRB2403D-30W * VRB2405D-30W VRB2412D-30W VRB2415D-30W * VRB2424D-30W 24 18-36 12 9-18
multi-country patent protection RoHS
PRODUCT PROGRAM
Input Voltage (VDC) Nominal Range Output Voltage (VDC) 3.3 5 12 15 24 3.3 5 12 15 24 3.3 5 48 36-75 12 15 24 Current (mA) 6000 6000 2500 2000 1250 6000 6000 2500 2000 1250 6000 6000 2500 2000 1250 Efficiency capacitance (max,UF (%, Typ) 85 87 88 88 88 86 89 89 89 89 87 89 87 90 90 19500 10200 3240 1100 900 19500 10200 3300 1100 900 19500 10200 3300 1100 900
Application
The VRB_D-30W series offer 30W of output, the VRB_D-30W series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC and features 1500VDC isolation, short-circuit and over current protection, as well as six sided shielding. All models are particularly suited to tele-communications, industrial, test equipments power.
VRB4803D-30W * VRB4805D-30W VRB4812D-30W VRB4815D-30W VRB4824D-30W *Designing.
COMMON SPECIFICATIONS
Item Operating Temperature Storage Temperature Storage Humidity Test conditions Min -40 -55 5 Test for 1 minute and 1 mA max 1500 1000 100KHz / 1V Nominal, full load 1000 300 1000 45 Copper, Nickel plated Typ Max 85 105 95 Units C % VDC M pF KHz K hours g
MODEL SELECTION
VRB2424D-30W
Rated Power Package Style O utput Voltage Inp ut Voltage Produ ct Series
Isolation voltage Isolation resistance Isolation Capacitance Switching frequency MTBF Weight Case Material
INPUT SPECIFICATIONS
Item MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China
Test conditions 12V input models
Min 8.6/8.1
Typ 8.8/8.3
Max 9/8.5
Units
Start voltage/Under Voltage shutdown Start up time Input filter Method of Remote (Reference point: GND)
24V input models 48V input models
17.5/16 17.8/16.5 18/17 34/32 35/33 20 Pi 36/34
VDC
Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
MS
on off
VRB_D-30W
3.5-40VDC or open circuit 0-1.2VDC
A/1-2008 Page 1 of 2
MORNSUN reserves the copyright
Specifications subject to change without notice
OUTPUT SPECIFICATIONS
Item Test conditions From 10% to 100% load Input voltage from low to high Tested under 20MHz brand 25%load change Input voltage range Input voltage range 3.3V 5V Over voltage protection 12V 15V 24 Temperature drift (Vout) Trim 50 2 120 Min Typ 1 0.5 0.2 75 200 3 130 Max 3 1 0.5 150 300 5 150 mV us % % % Units Output voltage accuracy Refer to recommended circuit Load regulation Line regulation Ripple and noise Transient recovery time Transient peak deviation Over load protection Output Short Circuit
OUTPUT VOLTAGE TRIM
+V0
Trim
Trim
+Vo
0V Trim up/down
0V Trim up
Trim Trim down
RECOMMENDED CIRCUIT
Hiccup, automatics recovery 3.63 5.5 13.2 16.5 26.4 0.02 10%Vo 4.29 6.5 15.6 19.5 31.2 %/C VDC VDC Figure.1 In order to abtain better performance for the DC/DC models. it's recommended that use input and output filters as Fig.1 shown. L:12uH C:100uF/100V
Note: 1. All specifications are measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. The CTRL control pin voltage is referenced to GND. 3. Typical efficiency value at nominal input voltage and full load. 4. Capacitor MAX load tested at nominal input voltage and constant resistive load. 5. Refer to the diagram of Output Voltage trim up/down for trim applications. 6. The products cannot be used in parallel and in plug and play.
DERATING&EFFICIENCY CURVE
Temperature derating curve
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
Output Power (%)
Operating Temp()
F irst Angle Project io n
50.80 (2.000) 45.72(1.8 00)
Curve of Efficiency VS output load
RECO MM END ED FOOTP RINT Top view, gri d:2.54mm(0.1 i nch) diameter: 1. 50m m(0.059 inch)
2.54 (0.100 )
VRB2424D-30W
EFF% 100 90 80 70 60 50 40 30 20 10 0
EfficiencyVS Output load
40.60 (1.60 0)
3 2 1
4 5 6
15.24 (0.600 ) 10.16 (0.400)
1 2 3
(Bo ttom Vie w)
5 4
( 0.400 ) (0 .400 )
10.16 10.16
6
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output %Io
7.62 (0.300)
5.08 (0.200)
FOOTP RINT DE TAI L S
N ote: U nit:m m(inch) P in di am eter :1.00 mm(0. 039inch) P in di am eter t olerances: +0.05mm (+ 0.002inch ) G eneral tolerances: +0.25m m( +0 .010inch)
Pi n 1 2 3 4 5 6
Fu nction Vin GN D C tr l Trim 0V +Vo
11.80 (0.465)
4.10 ( 0 .161)
Curve of Efficiency VS input Voltage VRB2424D-30W
EF F%
Efficiency VS Input voltage
94 92 91 89 87 85 84 82 80
18 20 22 24 26 28 30 32 34 36 Input vo ltageV
MORNSUN reserves the copyright
Specifications subject to change without notice
VRB_D-30W
A/1-2008
Page 1 of 2


▲Up To Search▲   

 
Price & Availability of VRB1212D-30W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X