Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download V2101PV12F00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V2 Valve
Value squared switching solenoid valve
FEATURES * 2-way or 3-way, 2 position valve (NO, NC & Distributor) * Meets performance characteristics for a minimum of 25 million cycles * Cost-effective, unique PBT body * Manifold mount design or molded barbed fittings to fit a range of needs
MEDIA COMPATIBILITY
Non-corrosive gases
PHYSICAL PROPERTIES
Operating environment Storage temperature 0 to 70 C -40 to 70 C 43.9 mm (1.73 in) 15.9 mm (0.625 in) 17 mm (0.67 in) Barb fittings for 1/8 in I.D. tubing or manifold mount 34 g (1.2 oz) 0.016 cm3 (nominal) 40 m None required
WETTED MATERIALS
Length Body: PBT (Polybutylene Terephthalate) Stem base: 360 HO2 brass All others: FKM; 430 FR series stainless steel (passivated); 302 series stainless steel; Loctite(R) 290 Width Height Porting
Weight
ELECTRICAL
Power Voltage 0.5, 1.0 or 2.0 W 5, 12, 24 VDC 10%
Internal volume Filtration (recommended) Lubrication
Loctite(R) is a registered trademark of Henkel Consumer Adhesives, Inc.
October 2006 / 252
1/4
www.sensortechnics.com
V2 Valve
Value squared switching solenoid valve
PERFORMANCE CHARACTERISTICS
Orifice siz es/ Equivalent CV1
0.030" (0.762 mm)/ 0.017 CV 0...27 "Hg (0...13 psi) 0.050" (1.270 mm)/ 0.035 CV 0.2 sccm
Part no.
V210... V213... V214... V217... V220...
Pressure
0...100 psig 0...50 psig 0...30 psig 0...15 psig 0...6 psig
Vacuum
Leak rate2
R esp o n se
<30 msec cycling (2 Watt)
<30 msec cycling (2 Watt)
FLOW CURVES (typical air flow)3
Notes: 1 The CV value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a valve. If several valves with the same nominal diameter are compared, the valve with the highest CV value has the best flow dynamics design. The equivalent european measure is the kV value expressed in m3/h (kV = 0.86 CV). 2 sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1000 sccm = 1 slpm. 3 slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1 slpm = 1000 sccm.
October 2006 / 252
2/4
www.sensortechnics.com
V2 Valve
Value squared switching solenoid valve
VALVE TYPE
Type 1
Type 3
Type 4
October 2006 / 252
3/4
www.sensortechnics.com
V2 Valve
Value squared switching solenoid valve
COIL STYLES
V2...P... (PC mount, 4 PC pins)
V2...F... (Wire leads, no terminals)
BODY STYLES
V2...8... (1/8" I.D. tubing)
V2...0... (Manifold mount)
STEM BARB STYLES
V2...0 (Type 1 top seat, plugged)
V2...8 (0.125" top seat, 1/8" I.D. tubing)
ORDERING INFORMATION
Model no. Series Options V2 Max. pressure Orifice size
(0.762 mm)
Material C oi l wattage 2W 1W 2W 1W 0.5 W Type B ody 1: 2-way NC 3: 3-way NC or distributor 4: 3-way NO PV: PBT Plunger & se a l FK M Voltage 5: 5 V DC Coil type P: PC mount, 4 PC pins
B ody styles 0: manifold
Topseat barbs 0: none (manifold mount) 8: 1/8" barbs
10: 0...100 psi 0.030" 13: 14: 17: 20: 0...50 psi 0.030"
(0.762 mm)
12: 12 V D C 24: 24 V D C F: Wire leads, 18" 8: 1/8" barbs
0...30 psi 0.050"
(1.270 mm)
0...15 psi 0.050"
(1.270 mm)
0...6 psi 0.050"
(1.270 mm)
Example:
V2
14
3
PV
12
P
8
8
Note: Not all combinations might be available. Please contact your nearest Sensortechnics sales representative for further information.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. October 2006 / 252 4/4
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of V2101PV12F00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X