Part Number Hot Search : 
B8222 P4N05L T350002 10030 L1027 AD668J 100CA RH1014M
Product Description
Full Text Search
 

To Download USB-AI12-16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC/104 - USB AIO
USB-AI12-16A - High Speed Multifunction 12-Bit Analog Input
FEATURES * High-speed USB 2.0 device, sampling rate to 500kHz * All functions fully software configurable * 12-bit resolution A/D converter * 16 single-ended or 8 differential inputs * Eight input ranges, unipolar or bipolar * Real-time hardware auto-calibration and oversampling for accurate data * Unique channel-by-channel programmable gains * Data buffer for A/D * Synchronous, asynchronous, timed trigger modes * 16 high-current digital I/O lines * 16-bit programmable counter/timer * Alternate embedded USB connector * USB/104 form-factor for embedded OEM's * Small (4" x 4" x 1.25") rugged industrial enclosure * All required power drawn from USB port FACTORY OPTIONS * External power for high current capabilities * DIN rail mounting provision * OEM (board only) version with PC/104 mounting holes and PCB footprint for added flexibility in embedded applications * Current ranges (4-20mA, 10-50mA) S.E. or Diff * Extended Temperature Operation -40 to +85C
FUNCTIONAL DESCRIPTION
The USB-AI12-16A is an ideal solution for adding portable, easy-to-install high-speed analog and digital I/O capabilities to any computer with a USB port. The unit is a USB 2.0 high-speed device, offering the highest speed currently available with the USB bus. The USB-AI12-16A is a 12-bit resolution A/D board capable of speeds up to 500kHz for its 16 single-ended or 8 differential analog inputs. Each channel can be independently software configured to accept 8 different input ranges. Additionally, each channel includes its own analog ground pin on the I/O connector which is helpful in reducing noise. A unique, real-time internal calibration system allows the card to continually compensate for offset/gain errors giving a more accurate reading. The unit is plug-and-play allowing a quick connection whenever you need additional I/O on the convenience of a USB port. This small, compact, multifunction I/O board provides the user with everything needed to start acquiring, measuring, analyzing and monitoring in a variety of applications. The USB-AI12-16A data acquisition board can be used in many current real-world applications such as embedded equipment monitoring, precision PC-based and portable environmental measurements, and mobile data acquisition. Additional features include 16 digital I/O lines and a programmable 16-bit counter. The counter can be configured in a variety of modes and has the ability to use external signals to trigger and control the scanning of its inputs. The USB-AI12-16A is designed to be used in rugged industrial environments but is small enough to fit nicely onto any desk or testing station. The board is PC/104 sized (3.550 by 3.775 inches) and ships inside a steel powder-coated enclosure with an anti-skid bottom.
OEM USB/104 FORM FACTOR The OEM (board only) version is perfect for a variety of embedded applications. What makes the OEM option unique is that its PCB size and mounting holes match the PC/104 form factor (without the bus connections). This allows our rugged digital board to be added to any PCI-104 or PC/104 stack by connecting it to a simple USB port usually included on-board with embedded CPU form factors such as EBX, EPIC, and PC/104. This is especially important since many newer CPU chipsets do not support ISA and have plenty of USB ports. The USB-AI12-16A OEM board can also be installed using standoffs inside other enclosures or systems. ACCESSORIES
The USB-AI12-16A is available with optional cable assemblies and screw terminal boards for easy-to-use, out of the box connectivity.
SOFTWARE The USB-AI12-16A is plug-and-play which allows quick connect or disconnect whenever you need additional I/O on your USB port. The module utilizes a highspeed custom function driver optimized for a maximum data throughput that is 50-100 times faster than the USB human interface device (HID) driver used by many competing products. This approach maximizes the full functionality of the hardware along with capitalizing the advantage of high-speed USB 2.0. The USB-USB-AI12-16A is supported for use in most USB supported operating systems and includes a free Linux and Windows 98se/Me/2000/XP/2003 compatible software package. This package contains sample programs and source code in Visual Basic, Delphi, C++ Builder, and Visual C++ for Windows. Also incorporated is a graphical setup program in Windows. Third party support includes a Windows standard DLL interface usable from the most popular application programs. Embedded OS support include Windows XPe.
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB AIO
BLOCK DIAGRAM
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB AIO
Specifications
Analog Inputs
ADC Type Sampling rate Successive approximation USB-AI12-16A 500Ksamples/sec (maximum aggregate) USB-AI12-16 250Ksamples/sec (maximum aggregate) USB-AI12-16E 100Ksamples/sec (maximum aggregate) 12-bit Number of channels Bipolar ranges Unipolar ranges 4-20mA or 10-50mA Board Calibration VREF LOW: AGND VREF HIGH: 9.90V 0.0299V System Calibration Program provided to calibrate entire system Calibration Hardware USB-AI12-16A Calibrated real-time output for offset/gain errors USB-AI12-16 NONE USB-AI16-16E NONE Input impedance A/D Start Sources A/D Start Enable A/D Start Types Channel Oversamp Over volt protection Crosstalk -40 to +55V No crosstalk present below 400KHz -60dB @ 500KHz Single Channel or Scan (software selectable) 0-255 consecutive samples/channel 1M Software Start, Timer Start, and External Start Trigger (rising or falling edge; software selectable) Externally supplied (pulled-up; active-high ) 0-1V, 0-2V, 0-5V, 0-10V (software selectable) Factory installed (optional) 16 single-ended or 8 differential (software selectable) 1V, 2V, 5V, 10V (software selectable)
Input/Output
Voltage/Current Same as Digital I/O
Environmental
Operating Temperature 0 to +70C, optional -40 to +85C Storage Temperature Humidity 5% to 90% RH, non-condensing Board Dimensions Power required +5V at 330mA typical PC/104 format, 3.550" by 3.775" and mounting holes -40 to +105C
Resolution
The following items are included with your shipment
* Board installed in labeled enclosure * 6' USB cable * Software Master CD (PDF user manual installed with product package) * Printed USB I/O Quick-Start Guide
Ordering Guide
USB-AI12-16A Advanced version, 12-Bit, 500kHz, with auto calibration USB-AI12-16 USB-AI12-16E Economy version, 12-Bit, 100kHz, with software calibration Standard version, 12-Bit, 250kHz, with software calibration
Digital I/O
Lines Input voltage Input current Output voltage Output current Logic low: 0V(min) to 0.55V(max) Logic high: 2V(min) to 5V(max) Logic low: 64mA(max) sink Logic high: 32mA(max) source 16 inputs or outputs in groups of 8 (pulled-up) Logic low: 0V(min) to 0.8V(max) Logic high: 2V(min) to 5V(max) 20:A (max)
Model Options
-P -OEM Board only (no enclosure) -DIN -T Extended Temperature Operation (-40 to +85C) -S0x "x" = special number designator - 4-20mA or 10-50mA inputs - 16 current inputs when factory configured as single-ended - 8 current inputs when factory configured as differential - DIO lines can be configured with pull down resistors DIN rail mounting provision External AC/DC adapter (power jack/regulator installed)
Counter/Timer
Available Counters Type: 82C54 programmable interval counter Input Frequency Counter size 16-bit Clock Internal Clock Period Clock Pulse Width High Clock Pulse Width Low Gate Output External (pulled-up) 40ns (min) Externally supplied (pulled-up; active-high) 100ns (min) 30ns (min) 10MHz or Externally supplied (software selectable; pulled-up) 10MHz (max)
Accessories
Counter 0 STB-68 Screw terminal board C68PS18L MP104-DIN DIN rail mounting provision CUSB-OTG-6 6' USB Cable with Type A to mini type OTG connector for embedded applications 68-Pin SCSI 18" shielded cable
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com


▲Up To Search▲   

 
Price & Availability of USB-AI12-16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X