Part Number Hot Search : 
HZS11LC3 TC7SZ FDH34SG ADM3074 AT88S A2922 ON0673 XM434J
Product Description
Full Text Search
 

To Download TRPE48KE2E00070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Extended Reach Mul ti-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2 CWDM
Pro d u c t De s c rip tio n
The TRPE48KE2 CWDM SFP series of multi-rate ber optic transceivers with digital diagnostics monitoring functionality provide a quick and reliable interface for extended reach LR-2 applications. Diagnostics monitoring functionality (alarm and warning features) is integrated into the design via an I2C serial interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 9.4. Products under this series are compatible with SONET/SDH standards for OC-48/STM-16 (2.488Gb/s) LR-2/ L-16.2 extended reach applications, OC-3/STM-1 (156Mb/s) and OC-12/STM-4 (622Mb/s) SR/I-1 and I-4 short reach applications; Gigabit Ethernet LX (1.25Gb/s) applications per IEEE 802.3; and Fibre Channel 200-SM-LC-L (2.125Gb/s) and 100-SM-LC-L (1.062Gb/s) applications per FC-PI standards. The transceivers support data rates ranging from 2.67Gb/s down to 125Mb/s and are available in eight (8) wavelengths: 1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm and 1611nm. The higher optical link power budget of 32dB is to accommodate the wavelength multiplexing and de-multiplexing insertion losses. All transceivers are Class I Laser products per U.S. FDA/CDRH and international IEC-60825 standards. The TRPE48KE2 CWDM transceivers connect to standard 20-pad SFP connectors for hot plug capability. This allows the system designer to make con guration changes or maintenance by simply plugging in di erent types of transceivers without removing the power supply from the host system. The transceivers have colored bail-type latches, which o er an easy and convenient way to release the modules. The latch is compliant with the SFP MSA. The transmitter and receiver DATA interfaces are AC-coupled internally. LV-TTL Transmitter Disable control input and Loss of Signal (LOS) output interfaces are also provided.
F e a tu re s Distance up to 100km with Single Mode Fiber Eight (8) Wavelength CWDM Transceivers Compatible with SFP MSA Compatible with SONET/SDH OC-48/STM-16 (2.488Gb/s) LR-2/L-16.2 Applications Compatible with Gigabit Ethernet LX Compatible with Fibre Channel 200-SM-LC-L and 100-SM-LC-L Digital Diagnostics through Serial Interface Internal Calibration for Digital Diagnostics APD Receiver Optical Link Power Budget of 32dB Minimum Eye Safe (Class I Laser Safety)
Hot-pluggable TX Fault & Loss of Signal Outputs TX Disable Input
A bsolute Maximum R atings
Parameter Storage Temperature Operating Case Temperature1 Supply Voltage Maximum Input Optical Power (30 seconds max.) Input Voltage
1
Symbol TST Commercial Temp. Extended Temp. TOP VCC Pin,max VIN
Minimum - 40 -5 -5 0 0
Maximum + 85 + 70 + 85 + 4.5 + 3.0 VCC
Units C C V dBm V
Measured on top side of SFP module at the front center vent hole of the cage.
An Oplink Company
21737-0976, Rev.A 2009-02-20
TRPE48K E2 CWDM
Transmitter Perf ormance C haracteristics (Over Operating Case Temperature. VCC = 3.13 to 3.47V)
All parameters guaranteed only at typical data rate Parameter Operating Data Rate Average Optical Output Power (coupled into single mode ber), 50% duty cycle Extinction Ratio 1471 1491 1511 Center Wavelength 1531 1551 1571 1591 1611 Spectral Width (-20dB) Side Mode Suppression Ratio Optical Rise/Fall Time (20% to 80% ) Relative Intensity Noise Jitter Generation Dispersion Penalty
1
Symbol B PO Ph / o i Pl
Minimum 0.125 + 1.0 8.2 1464.5 1484.5 1504.5 1524.5 1544.5 1564.5 1584.5 1604.5
Typical 1471 1491 1511 1531 1551 1571 1591 1611 -
Maximum 2.67 + 5.0 1477.5 1497.5 1517.5 1537.5 1557.5 1577.5 1597.5 1617.5 1.0 0.16 - 117 0.07 2.5
Units Gb/s dBm dB
!C
nm
"!20 SM SR tr , tf RIN OC-48 J G -
30.0 ---
nm dB ns dB/Hz UIp-p dB
1
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
Speci ed at 2000ps/nm dispersion over G.652/G.654 ber with center wavelength range of 1464.5-1617.5nm.
R eceiver Perf ormance C haracteristics (Over Operating Case Temperature. VCC = 3.13 to 3.47V)
All parameters guaranteed only at typical data rate Parameter Operating Data Rate1 Receiver Sensitivity (10-10 BER)1 Receiver Sensitivity (10-12 BER)2 OC-3/12/48, 2.67Gb/s 2.125Gb/s, 1.25Gb/s, 1.062Gb/s, 0.125Gb/s Increasing Light Input Decreasing Light Input Increasing Light Input Decreasing Light Input Symbol B Pmin Pmin Pmax Pls o+ Pls ot_os o ls_ # t_os o ls_ n ! Minimum 0.125 - 31.0 - 31.0 - 8.0 - 45.0 2.3 0.5 1260 Typical 1.5 Maximum 2.67 - 31.0 100 100 6.0 1620 - 27.0 Units Gb/s dBm dBm dBm dBm s dB nm dB
Maximum Input Optical Power (10 -12 BER) LOS Thresholds LOS Timing Delay LOS Hysteresis Wavelength of Operation Receiver Re ectance
1 2
Measured with 2 -1 PRBS. Measured with 27-1 PRBS.
23
Oplink Communications, I nc.
2
21737-0976, Rev.A 2009-02-20
TRPE48K E2 CWDM
Transmitter Perf ormance C haracteristics (Over Operating Case Temperature. VCC = 3.13 to 3.47V)
Parameter Input Voltage Swing (TD+ & TD-)1 Input HIGH Voltage (TX Disable) Input LOW Voltage (TX Disable)
2 2
Symbol VPP-DIF VIH VIL VOH VOL
Minimum 0.35 2.0 0 2.0 0
Typical -
Maximum 1.75 VCC 0.8 VCC + 0.3 0.8
Units V V V V V
Output HIGH Voltage (TX Fault)3 Output LOW Voltage (TX Fault)3
1 2
Di erential peak-to-peak voltage. There is an internal 4.7 to 10k pull-up resistor to VccT. 3 Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
R eceiver Electrical I nterf ace (Over Operating Case Temperature. VCC = 3.13 to 3.47V))
Parameter Output Voltage Swing (RD+ & RD-) Output HIGH Voltage (LOS)2 Output LOW Voltage (LOS))
1 2
Symbol
1
Minimum 0.40 VCC - 1.3 0
Typical -
Maximum 1.75 VCC + 0.3 0.5
Units V V V
VPP-DIF VOH VOL
2
Di erential peak-to-peak voltage across external 100 load. Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
Electrical Pow er Supply C haracteristics (Over Operating Case Temperature. VCC = 3.13 to 3.47V))
Parameter Supply Voltage Supply Current Symbol VCC ICC Minimum 3.13 Typical 3.3 210 Maximum 3.47 350 Units V mA
Module D ef inition
MO D _D EF(0) pin 6 MO D _D EF(1) pin 5 MO D _D EF(2) pin 4 I nterpretation by H ost
TTL LOW
SCL
SDA
Serial module de nition protocol
Electrical Pad Layout
20 19 18 17 16 15 14 13 12 11
TX GND TD- (TX DATA IN-) TD+ (TX DATA IN+) TX GND VccTX VccRX RX GND RD+ (RX DATA OUT+) RD- (RX DATA OUT-) RX GND
H ost B oard C onnector Pad Layout
20 19 18 17 16 15 14 13 12 11
Tow ard A SI C
1 2 3 4 5 6 7 8 9 10
TX GND TX Fault TX Disable MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) NO CONNECTION LOS RX GND RX GND
1 2 3
Tow ard B ezel
4 5 6 7 8 9 10
Top of Board
Bottom of Board (as vi ed thru top of board) ew
Oplink Communications, I nc.
3
21737-0976, Rev.A 2009-02-20
TRPE48K E2 CWDM
Example of SFP host board schematic
Vc c 3. 3V
1mH c l f rt bead oior eri e ( 2W s isr it nc <0. ere essa e)
Vc c 3. 3V
+
10
0. 1
0. 1
16
RRR
2 8 4 5 6 50W l i ne
R
R
TX Faul t LOS MOD_DEF( 2) MOD_DEF( 1) MOD_DEF( 0) RX DATA OUT+ to 50W load RX DATA OUTto 50W load
+
15
10 0. 1
TX Diabl se 50W l i ne TX DATA IN+ 50W l i ne TX DATA IN-
3 18 19
TRPE4 KE2 8
13 50W l i ne 12
1,9, 11, 17, 10, 14, 20
R: 4.7 to 10k CAP Values in F A pplication N otes Electrical interface: All signal interfaces are compliant with the SFP MSA speci cation. The high speed DATA interface is di erential AC-coupled internally with 1 F and can be directly connected to a 3.3V SERDES IC. All low speed control and sense output signals are open collector TTL compatible and should be pulled up with a 4.7 - 10k resistor on the host board
Loss of Signal (LOS): The Loss of Signal circuit monitors the level of the incoming optical signal and generates a logic HIGH when an insu cient photocurrent is produced. TX_Fault: The output indicates LOW when the transmitter is operating normally, and HIGH with a laser fault including laser end-of-life. TX Fault is an open collector/drain output that should be pulled up with a 4.7 - 10k resistor on the host board. TX Fault in non-latching (automatically deasserts when fault goes away). TX_Disable: When the TX Disable pin is at logic HIGH, the transmitter optical output is disabled (less than -45dBm). Serial Identi cation and Monitoring: The module de nition of SFP is indicated by the three module definition pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Laser Saf ety
Laser Safety: A l t l ranscei vers are C l I Laser product per FD A / ass s C D R H and IEC 60825 st andards.They m ust be operat under ed speci ed operat ng condi i ! i t ons.
Upon power up, MOD_DEF(1:2) appear as NC (no connection), and MOD_DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol (standard two-wire I2C serial interface) and generates the serial clock signal (SCL). The positive edge clocks data into the EEPROM segments of the SFP that are not write protected, and the negative edge clocks data from the SFP. The serial data signal (SDA) is for serial data transfer. The host uses SDA in conj unction with SCL to mark the start and end of serial protocol activation. The supported monitoring functions are temperature, voltage, bias current, transmitter power, average receiver signal, all alarms and warnings, and software monitoring of TX Fault/LOS. The device is internally calibrated. The data transfer protocol and the details of the mandatory and vendor speci c data structures are de ned in the SFP MSA, and SFF-8472, Rev. 9.4 Power Supply and Grounding: The power supply line should be well- ltered. All 0.1 F power supply bypass capacitors should be as close to the transceiver module as possible.
Oplink Communications, Inc.
DATE OF MANUFACTURE: This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements
Oplink Communications, I nc.
4
21737-0976, Rev.A 2009-02-20
TRPE48K E2 CWDM
Mechanical Package
41.80 [1.646]
13.62 [.536] 14.94 [.588]
45.00 [1.772]
6.25 [.246]
1.99 [.078]
[.257] 6.54
0.60 [.024]
[.470] 11.94
[.362]
9.20
10.45
2.29
435 and P y rmont, 958 e (1) 3-20 ax(1) 3-30 mail:ale 63 L ing kw Fe CA 43 Tl: 0 9370 F : 0 9370 E S s@Oplink. * w . 5 5 com w woplink. com
[.090] 13.80 [.543] 1.49 [.059] 2.50 [.098] 0.60 [.024] 0.45 [.018]
[.411]
D i ensi m ons i i n nches [ m ] m D ef tt erances: aul ol
.xxx = + .0 5 , = + .0 " 0 " .xx 1
O rdering I ormation nf
Part N umber 32dB Link B udget (100km D istance)1 O perating Temperature N ominal W avelength 1471nm 1491nm 1511nm 1531nm 1551nm 1571nm 1591nm 1611nm 1471nm 1491nm 1511nm 1531nm 1551nm 1571nm 1591nm 1611nm Latch C olor Gray Violet Blue Green Yellow Orange Red Brown Gray Violet Blue Green Yellow Orange Red Brown
TRPE48KE2C00010 TRPE48KE2C00020 TRPE48KE2C00030 TRPE48KE2C00040 TRPE48KE2C00050 TRPE48KE2C00060 TRPE48KE2C00070 TRPE48KE2C00080 TRPE48KE2E00010 TRPE48KE2E00020 TRPE48KE2E00030 TRPE48KE2E00040 TRPE48KE2E00050 TRPE48KE2E00060 TRPE48KE2E00070 TRPE48KE2E00080
1
- 5C to +70C - 5C to +70C - 5C to +70C - 5C to +70C - 5C to +70C - 5C to +70C - 5C to +70C - 5C to +70C - 5C to +85C - 5C to +85C - 5C to +85C - 5C to +85C - 5C to +85C - 5C to +85C - 5C to +85C - 5C to +85C
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the ber loss, connector and splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satis ed.
Oplink Communications, Inc. reserves the right to make changes in equipment design or speci cations without notice. Information supplied by Oplink Communications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc. (c) 2009, Oplink Communications, Inc.
Oplink Communications, I nc.
5
21737-0976, Rev.A 2009-02-20
[.333]
8.46


▲Up To Search▲   

 
Price & Availability of TRPE48KE2E00070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X